Part Number Hot Search : 
16J476K HD74H PT12119 PCA9537 2SK763A BR258W HD74H TM9102
Product Description
Full Text Search
 

To Download RS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
RS201 THRU RS207
* * *
Features
Any Mounting Position Surge Rating Of 60 Amps Low Forward Voltage Drop
2 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
RS2
A
* *
Maximum Ratings
Operating Junction Temperature: -55C to +125C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
B + AC -
Catalog Number
RS201 RS202 RS203 RS204 RS205 RS206 RS207
RS201 RS202 RS203 RS204 RS205 RS206 RS207
35V 70V 140V 280V 420V 560V 700V
C
H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 2.0A 50A TC = 25C 8.3ms, half sine
G E
D
VF
1.1V
IFM = 1.0A per element; TA = 25C*
DIMENSIONS INCHES MIN ----.600 .230 .142 .118 .030 MM MIN ----15.20 5.84 3.60 3.10 0.76
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1.0mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
DIM A B C D E G H
MAX .693 .531 --.250 .161 .130 .032
MAX 17.60 13.50 --6.40 4.10 3.30 0.81
NOTE
3PL/TYP
Revised 1st July 2009
www.cnelectr.com
RS201 thru RS207
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.2 1.4 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Figure 3 Forward Derating Curve 2.0 60 50 1.5 40 30 Amps Amps 0.75 20 10 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 0 40 60 80 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 120 140 0 Figure 4 Maximum Non-Repetitive Forward Surge Current Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140 Figure 2 Typical Reverse Characteristics
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Revised 1st July 2009
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of RS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X