Part Number Hot Search : 
FR203 M56781FP PLA140LE 1021T FSM11PL 1052237 THC956 MBRB1035
Product Description
Full Text Search
 

To Download RS202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RS201 THRU RS207
SINGLE-PHASE SILICON BRIDGES Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
KBP
.600(15.24) .560(14.22)
Features * Surge overload rating -50 amperes peak * Ideal for printed circuit board * Plastic material has Underwriters Laboratory * Flammability Classification 94V-0 * Mounting position: Any * Lead: Silver plated copper lead
.566(14.4) .528(13.4)
.460(11.58) .420(10.57)
+
AC
-
.034(0.86)DIA. .028(0.76)TYP.
.600 MIN. (15.2)
.105 (2.67)
.160(4.1) .140(3.6) .200(5.08) .180(4.57)
Dimensions in mm
Absolute Maximum Ratings and Characteristics
Ratings at 25 C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz. For capacitive load, derate current by 20% Symbols Maximum repetitive peak reverse voltage Maximum RMS bridge input voltage Maximum DC blocking voltage Maximum average forward rectified output current at TA = 50 OC Peak forward surge current 8.3mS single half sine-wave superimposed on rated load Maximum forward voltage drop per bridge element at 1A peak Maximum DC reverse current at rated DC blocking voltage per element Maximum DC reverse current at rated DC blocking voltage per element Operating temperature range Storage temperature range TA = 100OC TJ TS IR 1 -55 to +125 -55 to +150 mA
O O
o
RS 201 50 35 50
RS 202 100 70 100
RS 203 200 140 200
RS 204 400 280 400 2 50 1 10
RS 205 600 420 600
RS 206 800 560 800
RS 207 1000 700 1000
Units Volts Volts Volts Amps Amps Volts A
VRRM VRMS VDC I(AV) IFSM VF
C C
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company listed on the Hong Kong Stock Exchange, Stock Code: 724)
R
Dated : 06/10/2005 H


▲Up To Search▲   

 
Price & Availability of RS202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X