Part Number Hot Search : 
MO9061 10051 2SC17 237A1ACM 383L2 4017B N5401 F186M
Product Description
Full Text Search
 

To Download RB010M1HBK080115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS RB & RBG Series: Radial Bi-Polar, 85C & 105C
FEATURES
* 85C (RB Series) and 105C (RBG Series) 2000 hours assured * Designed specifically for crossover network in Hi-Fi systems. * Suitable for improving audio tone and speaker networks.
SPECIFICATIONS
Performance Item Operating Temperature Range Rated Voltage Capacitance Tolerance Leakage Current (at 20 C) Dissipation Factor Tan a RB 40 ~ + 85C RBG -40 ~ + 105C
50V and 100VDC 20% (120Hz, 20C) I= 0.03CV or 3 (A) whichever is greater (after 2 minutes) Where C = rated capacitance in F, V = rated DC working voltage in V See Dimensions & Permissible Ripple Current Table
Test Time Test Time 2000 Hrs 1000 Hrs Load Life Test Capacitance Change Capacitance Change 20% 20% (after application of the rated Shelf Dissipation Factor Less than 200% of specified value Less than 200% of specified value voltage at maximum temperature, Dissipation Factor Life the polarity inverted every 250 hrs) Leakage Current Test Leakage Current Within specified value Within specified value Tested at 20 C after the rated voltage, ripple current & Tested at 20 C after exposing to maximum maximum temperature applied for 2000 hrs temperature for 1000 hrs. Standards Satisfies Characteristic W of JIS C 5101-4
DIMENSIONS & PERMISSABLE RIPPLE CURRENT Dimension: DxL(mm); Ripple Current: mA/RMS at 120Hz at maximum rated Temperature
Series VDC
RB Series DxL
6.3 x 6.3 x 6.3 x 6.3 x 6.3 x 8x 10 x 6.3 x 10 x 10 x 8x 10 x 12.5 x 8x 10 x 16 x 10 x 10 x 16 x 10 x 10 x 16 x 10 x 10 x 18 x 10 x 10 x 22 x 10 x 12.5 x 22 x 12.5 x 16 x 22 x 16 x 16 x 16 x 16 x 16 x 18 x 11 11 11 11 11 5 20 11 12.5 20 11.5 12.5 20 11.5 16 25 12.5 16 25 16 20 31.5 16 20 35.5 16 20 40 16 25 40 25 25 45 31.5 35.5 31.5 35.5 40 35.5
RBG Series 100V DxL Tan a
0.12 0.12 0.12 0.12 0.15 0.12 0.06 0.15 0.12 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.09 0.08 0.06 0.09 0.08 0.06 0.09 0.08 0.09 0.08 0.09 0.08
F
0.47 0.56 0.68 0.82 1 1.5 2.2 3.3 4.7 6.8 8.2 10 15 22
33
Contents R47 R56 R68 R82 010 1R5 2R2 3R3 4R7 6R8 8R2 100 150 220
33
50V Tan a
0.12 0.12 0.12 0.12 0.15 0.12 0.06 0.15 0.12 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.12 0.10 0.06 0.09 0.08 0.06 0.09 0.08 0.06 0.09 0.08 0.09 0.08 0.09 0.08
mA
mA
50 50 55 60 70 75 125 85 105 160 120 125 220 150 170 335 205 225 400 270 300 535 300 330 660 330 365 880 405 570 1070 690 775 1565 1055 1110 1255 1325 1700 1795
50V DxL Tan a
6.3 x 6.3 x 6.3 x 6.3 x 6.3 x 8x 11 11 11 11 11 11.5 0.12 0.12 0.12 0.12 0.15 0.12 0.15 0.12 0.12 0.10 0.12 0.10 0.12 0.10 0.12 0.10 0.12 0.10 0.12 0.08 0.12 0.08 0.08 0.08 0.09 0.09 0.08 0.09 0.08
mA
45 50 50 55 55 70 70 85 90 120 110 165 155 220
DxL
6.3 x 6.3 x 6.3 x 6.3 x 6.3 x 8x
100V Tan a
0.12 0.12 0.12 0.12 0.15 0.12
mA
45 50 50 55 55 70 70 85 90 120 110 165 155 220 225 305 230 335 250 410 320 505 550 685 840 1005 1185 1355
33 47 68
330 470 680
50 6.3 x 11 50 6.3 x 11 55 6.3 x 11 60 6.3 x 11 70 6.3 x 11 75 8 x 11.5 125 10 x 20 85 6.3 x 11 105 10 x 12.5 160 10 x 20 120 8 x 11.5 125 10 x 12.5 220 12.5 x 20 150 8 x 11.5 170 10 x 16 335 16 x 25 205 10 x 12.5 225 10 x 16 400 16 x 25 270 10 x 16 300 10 x 20 535 16 x 31.5 300 10 x 16 330 110 x 20 660 18 x 35.5 330 10 x 16 365 10 x 25 880 22 x 40 405 10 x 16 570 12.5 x 25 1070 22 x 40 690 12.5 x 25 775 16 x 25 1565 22 x 45 1055 16 x 31.5 1110 16 x 35.5 1255 16 x 31.5 1325 16 x 35.5 1700 16 x 40 1795 18 x 35.5
11 11 11 11 11 11.5
6 x 11 8 x 11.5 8 x 11.5 10 x 12.5 8 x 11.5 10 x 16 10 x 12.5 10 x 20 10 x 16 12.5 x 20 10 x 16 12.5 x 20 10 x 16 12.5 x 25 10 x 16 12.5 x 25 12.5 x 25 16 x 25 16 x 31.5 16 x 18 x 18 x 22 x 31.5 35.5 35.5 40
6.3 x 11 0.15 8 x 11.5 0.12 8 x 11.5 0.12 10 x 12.5 0.10 8 x 11.5 0.12 10 x 16 0.10 10 x 12.5 0.12 10 x 20 0.10 0.12 0.10 0.12 0.10 0.12 0.08 0.12 0.08 0.08 0.08
225 10 x 16 305 12.5 x 20 230 10 x 16 335 12.5 x 20 250 10 x 16 410 12.5 x 25 320 10 x 16 505 12.5 x 25 550 12.5 x 25 685 16 x 25 840 1005 1185 1355 1680
16 x 31.5 0.09 16 x 31.5 0.09 18 x 35.5 0.08 18 x 35.5 0.09
LEAD SPACING AND DIAMETER
D P d 6.3 2.5 0.5 1.0 0.5 8 3.5 10 5.0 0.6 1.5 13 5.0 16 7.5 18 7.5 0.8 22 10 1.0 2.0
PART NUMBER EXAMPLE
RB 010 M 1H BK 080 115
C1CF05 REV 2006.6.14
RFE International * Tel:(949) 833-1988 * Fax:(949) 833-1788 * E-Mail Sales@rfeinc.com


▲Up To Search▲   

 
Price & Availability of RB010M1HBK080115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X