Part Number Hot Search : 
1N961B MC3303PT E1010 18X16 S1280 P4KE180 LA101 75SERIES
Product Description
Full Text Search
 

To Download RA07M4452MSA-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI RF MOSFET MODULE
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RA07M4452MSA
BLOCK DIAGRAM
2 3
RoHS Compliance , 440-520MHz 7.0W 7.2V, 2 Stage Amp. For PORTABLE RADIO
DESCRIPTION The RA07M4452MSA is a 7-watt RF MOSFET Amplifier Module for 7.2-volt portable radios that operate in the 440- to 520-MHz range. The battery can be connected directly to the drain of the enhancement-mode MOSFET transistors. Without the gate voltage (VGG=0V), only a small leakage current flows into the drain and the RF input signal attenuates up to 60 dB. The output power and drain current increase as the gate voltage increases. With a gate voltage around 2.5V (minimum), output power and drain current increases substantially. The nominal output power becomes available at 3V (typical) and 3.5V (maximum). At VGG=3.5V, the typical gate current is 1 mA. This module is designed for non-linear FM modulation, but may also be used for linear modulation by setting the drain quiescent current with the gate voltage and controlling the output power with the input power. FEATURES * Enhancement-Mode MOSFET Transistors (IDD0 @ VDD=7.2V, VGG=0V) * Pout>7.0W @ VDD=7.2V, VGG=3.5V, Pin=50mW * T>40% @ Pout=6.5W (VGG control), VDD=7.2V, Pin=50mW * Broadband Frequency Range: 440-520MHz * Low-Power Control Current IGG=1mA (typ) at VGG=3.5V * Module Size: 30 x 9.6 x 5.3 mm * Linear operation is possible by setting the quiescent drain current with the gate voltage and controlling the output power with the input power RoHS COMPLIANCE * RA07M4452MSA-101 is a RoHS compliant products. * RoHS compliance is indicate by the letter "G" after the Lot Marking. * This product include the lead in the Glass of electronic parts and the lead in electronic Ceramic parts. How ever ,it applicable to the following exceptions of RoHS Directions. 1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent tubes. 2.Lead in electronic Ceramic parts.
1
4 5
1 2 3 4 5
RF Input (Pin) Gate Voltage (VGG), Power Control Drain Voltage (VDD), Battery RF Output (Pout) RF Ground (Case)
ORDERING INFORMATION: ORDER NUMBER RA07M4452MSA-101 SUPPLY FORM Antistatic tray, 25 modules/tray
RA07M4452MSA
MITSUBISHI ELECTRIC 1/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
RATING 9.2 4 70 10 -30 to +90 -40 to +110 UNIT V V mW W C C
MAXIMUM RATINGS (Tcase=+25C, unless otherwise specified)
SYMBOL PARAMETER VDD VGG Pin Pout Tcase(OP) Tstg Drain Voltage Gate Voltage Input Power Output Power Operation Case Temperature Range Storage Temperature Range CONDITIONS VGG<3.5V VDD<7.2V, Pin=0mW f=400-470MHz,VGG<3.5V ZG=ZL=50
The above parameters are independently guaranteed.
ELECTRICAL CHARACTERISTICS (Tcase=+25C, ZG=ZL=50, unless otherwise specified) SYMBOL PARAMETER
f Pout T 2fo 3fo in IGG -- -- Frequency Range Output Power Total Efficiency 2
nd rd
CONDITIONS
VDD=7.2V,VGG=3.5V, Pin=50mW
MIN
440 7.0 40
TYP
MAX
520
UNIT
MHz W %
Harmonic
3 Harmonic Input VSWR Gate Current Stability Load VSWR Tolerance
Pout=6.5W (VGG control), VDD=7.2V, Pin=50mW 1 VDD=4.0-9.2V, Pin=25-70mW, Pout<8W (VGG control), Load VSWR=8:1 VDD=9.2V, Pin=50mW, Pout=7W (VGG control), Load VSWR=20:1
-25 -30 4:1
dBc dBc -- mA -- --
No parasitic oscillation No degradation or destroy
All parameters, conditions, ratings, and limits are subject to change without notice.
RA07M4452MSA
MITSUBISHI ELECTRIC 2/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
TYPICAL PERFORMANCE (Tcase=+25C, ZG=ZL=50, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY, and INPUT VSWR versus FREQUENCY
10 Pout 9 8 VDD=7.2V 7 VGG=3.5V 6 Pin=50mW t 5 4 3 in 2 1 0 420 440 460 480 500
FREQUENCY f(MHz)
2nd, 3rd HARMONICS versus FREQUENCY
-20 -25 -30 -35 -40 -45 -50 -55 -60 -65 -70 420
VDD=7.2V VGG=3.5V Pin=50mW
520
100 90 80 70 60 50 40 30 20 10 0 540
T(%)
OUTPUT POWER Pout(W) INPUT VSWR(-)
TOTAL EFFICIENCY
2 ,3 HARMONICS(dBc)
2nd
rd
nd
3rd
440
460
480
500
520
540
FREQUENCY f(MHz)
OUTPUT POWER, POWER GAIN and DRAIN CURRENT versus INPUT POWER
40 38 36 34 32 30 28 26 24 22 20 -10
OUTPUT POWER P out(dBm) POWER GAIN(dB) OUTPUT POWER Pout(dBm) POWER GAIN(dB)
f=440MHz VDD=7.2V VGG=3.5V
OUTPUT POWER, POWER GAIN and DRAIN CURRENT versus INPUT POWER
40 38 36 34 32 30 28 26 24 22 20
DRAIN CURRENT IDD(A) DRAIN CURRENT IDD(A)
f=490MHz VDD=7.2V VGG=3.5V Pout
DRAIN CURRENT IDD(A)
Pout
Gp IDD
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 15 20
Gp
IDD
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 10 15 20
-5
INPUT POWER PIN(dBm)
0
5
10
-10
-5
INPUT POWER PIN(dBm)
0
5
OUTPUT POWER, POWER GAIN and DRAIN CURRENT versus INPUT POWER
40 38 36 34 32 30 28 26 24 22 20 -10
OUTPUT POWER Pout(dBm) POWER GAIN(dB) DRAIN CURRENT IDD(A)
f=520MHz VDD=7.2V VGG=3.5V Pout
Gp
IDD
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 15 20
-5
INPUT POWER PIN(dBm)
0
5
10
OUTPUT POWER and DRAIN CURRENT versus DRAIN VOLTAGE
16
OUTPUT POWER Pout(W)
OUTPUT POWER and DRAIN CURRENT versus DRAIN VOLTAGE
4.0 3.0
OUTPUT POWER Pout(W) DRAIN CURRENT IDD(A)
14 12 10 8 6 4 2 0 0
f=440MHz PIN=50mW VGG=3.5V
16 14 12 10 8 6 4 2 0 0 1 2
DRAIN VOLTAGE VDD(V)
Pout f=490MHz PIN=50mW VGG=3.5V
4.0 3.5 3.0
IDD
3.5 2.5
Pout
IDD
2.5 2.0 1.5 1.0 0.5 0.0
2.0 1.5 1.0 0.5 0.0
1
2
DRAIN VOLTAGE VDD(V)
3
4
5
6
7
8
9
10
3
4
5
6
7
8
9 10
RA07M4452MSA
MITSUBISHI ELECTRIC 3/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
TYPICAL PERFORMANCE (Tcase=+25C, ZG=ZL=50, unless otherwise specified)
OUTPUT POWER and DRAIN CURRENT versus DRAIN VOLTAGE
16
OUTPUT POWER Pout(W)
4.0 3.0
IDD DRAIN CURRENT IDD(A)
f=520MHz PIN=50mW VGG=3.5V
14 12 10 8 6 4 2 0 0
3.5 2.5 2.0
Pout
1.5 1.0 0.5 0.0
1
2
DRAIN VOLTAGE VDD(V)
3
4
5
6
7
8
9 10
OUTPUT POWER and DRAIN CURRENT versus GATE VOLTAGE
14
OUTPUT POWER Pout(W)
OUTPUT POWER and DRAIN CURRENT versus GATE VOLTAGE
14
OUTPUT POWER Pout(W) DRAIN CURRENT IDD(A)
3.5
f=440MHz PIN=50mW VDD=7.2V
3.5
DRAIN CURRENT IDD(A)
f=490MHz PIN=50mW VDD=7.2V
12 10 8 6 4 2 0 1.0
3.0
IDD
Pout
12 10 8 6 4 2 0 1.0
3.0
IDD
Pout
2.5 2.0 1.5 1.0 0.5 0.0
2.5 2.0 1.5 1.0 0.5 0.0
GATE VOLTAGE VGG(V)
2.0
3.0
4.0
GATE VOLTAGE VGG(V)
2.0
3.0
4.0
OUTPUT POWER and DRAIN CURRENT versus GATE VOLTAGE
14
OUTPUT POWER Pout(W)
3.5
DRAIN CURRENT IDD(A)
f=520MHz PIN=50mW VDD=7.2V
12 10 8 6 4 2 0 1.0
3.0
IDD
Pout
2.5 2.0 1.5 1.0 0.5 0.0
GATE VOLTAGE VGG(V)
2.0
3.0
4.0
RA07M4452MSA
MITSUBISHI ELECTRIC 4/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
OUTLINE DRAWING (mm)
RA07M4452MSA
MITSUBISHI ELECTRIC 5/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
TEST BLOCK DIAGRAM
Power Meter 1 2
DUT
3 4
5
Spectrum Analyzer
Signal Generator
Attenuator
Preamplifier
Attenuator
Directional Coupler
ZG=50
ZL=50
Directional Coupler
Attenuator
Power Meter
C1
C2
C1, C2: 4700pF, 22uF in parallel
+ DC Power Supply VGG
+ DC Power Supply VDD
1 RF Input (Pin) 2 Gate Voltage (VGG) 3 Drain Voltage (VDD) 4 RF Output (Pout) 5 RF Ground (Case)
EQUIVALENT CIRCUIT
2
3
1
4
5
RA07M4452MSA
MITSUBISHI ELECTRIC 6/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
PRECAUTIONS, RECOMMENDATIONS, and APPLICATION INFORMATION: Construction: This module consists of an alumina substrate soldered onto a copper flange. For mechanical protection, a plastic cap is attached with silicone. The MOSFET transistor chips are die bonded onto metal, wire bonded to the substrate, and coated with resin. Lines on the substrate (eventually inductors), chip capacitors, and resistors form the bias and matching circuits. Wire leads soldered onto the alumina substrate provide the DC and RF connection. Following conditions must be avoided: a) Bending forces on the alumina substrate (for example, by driving screws or from fast thermal changes) b) Mechanical stress on the wire leads (for example, by first soldering then driving screws or by thermal expansion) c) Defluxing solvents reacting with the resin coating on the MOSFET chips (for example, Trichlorethylene) d) Frequent on/off switching that causes thermal expansion of the resin e) ESD, surge, overvoltage in combination with load VSWR, and oscillation ESD: This MOSFET module is sensitive to ESD voltages down to 1000V. Appropriate ESD precautions are required. Mounting: Heat sink flatness must be less than 50 m (a heat sink that is not flat or particles between module and heat sink may cause the ceramic substrate in the module to crack by bending forces, either immediately when driving screws or later when thermal expansion forces are added). A thermal compound between module and heat sink is recommended for low thermal contact resistance and to reduce the bending stress on the ceramic substrate caused by the temperature difference to the heat sink. The module must first be screwed to the heat sink, then the leads can be soldered to the printed circuit board. M3 screws are recommended with a tightening torque of 0.4 to 0.6 Nm. Soldering and Defluxing: This module is designed for manual soldering. The lead (terminal) must be soldered after the module is screwed onto the heat sink. The temperature of the lead (terminal) soldering should be lower than 350C and shorter than 3 second. Ethyl Alcohol is recommend for removing flux. Trichloroethylene solvents must not be used (they may cause bubbles in the coating of the transistor chips which can lift off the bond wires). Thermal Design of the Heat Sink: At Pout=7.0W, VDD=7.2V and Pin=50mW each stage transistor operating conditions are: IDD @ T=40% VDD Pout Rth(ch-case) Pin Stage (C/W) (A) (W) (W) (V) st 0.05 2.0 5.4 0.69 1 7.2 nd 2 2.0 7.0 2.9 2.43 The channel temperatures of each stage transistor Tch = Tcase + (VDD x IDD - Pout + Pin) x Rth(ch-case) are: Tch1 = Tcase + (7.2V x 0.69A - 2.0W + 0.05W) x 5.4C/W = Tcase + 16.3 C Tch2 = Tcase + (7.2V x 2.43A - 7.0W + 2.0W) x 2.9C/W = Tcase + 36.2 C For long-term reliability, it is best to keep the module case temperature (Tcase) below 90C. For an ambient temperature Tair=60C and Pout=7.0W, the required thermal resistance Rth (case-air) = ( Tcase - Tair) / ( (Pout / T ) Pout + Pin ) of the heat sink, including the contact resistance, is: Rth(case-air) = (90C - 60C) / (7.0W/40% - 7.0W + 0.05W) = 2.84 C/W When mounting the module with the thermal resistance of 2.84 C/W, the channel temperature of each stage transistor is: Tch1 = Tair + 46.3 C Tch2 = Tair + 66.2 C The 175C maximum rating for the channel temperature ensures application under derated conditions.
RA07M4452MSA
MITSUBISHI ELECTRIC 7/8
5 Feb 2008
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MITSUBISHI RF POWER MODULE RoHS COMPLIANCE
RA07M4452MSA
Output Power Control: Depending on linearity, the following two methods are recommended to control the output power: a) Non-linear FM modulation: By the gate voltage (VGG). When the gate voltage is close to zero, the RF input signal is attenuated up to 60 dB and only a small leakage current flows from the battery into the drain. Around VGG=2.5V, the output power and drain current increases substantially. Around VGG=3V (typical) to VGG=3.5V (maximum), the nominal output power becomes available. b) Linear AM modulation: By RF input power Pin. The gate voltage is used to set the drain's quiescent current for the required linearity. Oscillation: To test RF characteristics, this module is put on a fixture with two bias decoupling capacitors each on gate and drain, a 4.700 pF chip capacitor, located close to the module, and a 22 F (or more) electrolytic capacitor. When an amplifier circuit around this module shows oscillation, the following may be checked: a) Do the bias decoupling capacitors have a low inductance pass to the case of the module? b) Is the load impedance ZL=50? c) Is the source impedance ZG=50? Frequent on/off switching: In base stations, frequent on/off switching can cause thermal expansion of the resin that coats the transistor chips and can result in reduced or no output power. The bond wires in the resin will break after long-term thermally induced mechanical stress. Quality: Mitsubishi Electric is not liable for failures resulting from base station operation time or operating conditions exceeding those of mobile radios. This module technology results from more than 20 years of experience, field proven in tens of millions of mobile radios. Currently, most returned modules show failures such as ESD, substrate crack, and transistor burnout, which are caused by improper handling or exceeding recommended operating conditions. Few degradation failures are found.
Keep safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum effort into making semiconductor products better and more reliable, but there is always the possibility that trouble may occur. Trouble with semiconductors may lead to personal injury, fire or property damage. Remember to give due consideration to safety when making your circuit designs, with appropriate measures such as (i) placement of substitutive, auxiliary circuits, (ii) use of non-flammable material, or (iii) prevention against any malfunction or mishap.
RA07M4452MSA
MITSUBISHI ELECTRIC 8/8
5 Feb 2008


▲Up To Search▲   

 
Price & Availability of RA07M4452MSA-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X