Part Number Hot Search : 
SF0140 SPB21N10 BPC25 PMH25GY BPC25 BPC25 M100G SF10AGT
Product Description
Full Text Search
 

To Download R2A20111SP09 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 R2A20111SP
Power Factor Correction Controller IC
REJ03F0231-0200 Rev.2.00 Sep 29, 2009
Description
The R2A20111 is a power-factor correction (PFC) controller IC. This IC adopts continuous conduction mode as PFC operation. Various functions such as constant power limit, overvoltage detection, overcurrent detection, soft start, feedback-loop disconnection detection, and holding function of PFC operation through momentary outage (PFC hold function) are incorporated in a single chip. These functions reduce external circuitry. The constant power limit function allows to eliminate a significant amount of coil noise which is generated due to overcurrent detection operation in case of conventional overload. The PFC hold function enables quick recovery by continuing PFC operation after momentary outage. The hold time can be adjusted by an external capacitance. Overcurrent detection pin is separately provided. Latch mode shutdown function is incorporated. A soft-start control pin provides for the easy adjustment of soft-start operation, and can be used to prevent overshooting of the output voltage.
Features
* Maximum ratings Power-supply voltage Vcc: 24 V Operating junction temperature Tjopr: - 40 to 125C * Electrical characteristics VREF output voltage VREF: 5.0 V 3% UVLO operation start voltage VH: 10.5 0.9 V UVLO operation stop voltage VL: 9.0 0.7 V PFC output maximum ON duty Dmax-out: 95% (typ.) * Functions Constant power limit function Continuous conduction mode Hold function of PFC operation on momentary outage (PFC hold function) Overvoltage detection Overcurrent detection Soft start Feedback loop disconnection detection IC shutdown function Package lineup: SOP-16
Applications
* * * * Flat panel display Projector Desktop PC White goods
Ordering Information
Part No. R2A20111SPW0 Package Name FP-16DAV Package Code PRSP0016DH-B Taping Spec. 2000 pcs./one taping product
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 1 of 7
R2A20111SP
System Diagram
Rec+
150 H
B+
680k To FB 680k B+ OUT (385V dc)
T1
Q1 Rec-
From OUT 470F x2 (450V)
from auxiliary
24V 4.7
VRB1
GND
VCC
16
62k
RT 9
VREF
5V Internal Bias
3.6V 0.65V
27.5V
H L
10.5V
UVLO
9.0V
5V VREF Generator
6
VREF In GOOD Out
VREF
0.1
CT 10
390p
UVL
VREF CAO 6800p 2.2k
7
470p
Logic
Gate Driver +/- 1.0A (PEAK)
To Q1 gate
1
VREF
OUT
82k
IAC
CAMP
12
1.28M
1000p
Multiplier
SS
CAI
2.4k VREF 22k 100
5
CLIMIT
10k 0.0165 (5W) 2.4k 100p
CLIMIT
8
1.3V
CGND EO
4
820k
14
2.5V
VREF
VREF
0.033
VAMP FB 13
2.688V 2.638V
15
B+OVP 25A
0.47
SS
From VRB1(B+ monitor1)
720k
0.52V
AC-Det
2
GND
PFC-ON
1
11
0.1
Circuit Ground
14k
0.82V 0.79V
3
DELAY
0.22
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 2 of 7
R2A20111SP
Pin Arrangement
OUT 1 GND 2 DELAY 3 CGND 4 CAI 5 VREF 6 CAO 7 CLIMIT 8 (Top view) 16 VCC 15 SS 14 EO 13 FB 12 IAC 11 PFC-ON 10 CT 9 RT
Pin Description
Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Pin Name OUT GND DELAY CGND CAI VREF CAO CLIMIT RT CT PFC-ON IAC FB EO SS VCC I/O Output -- Input/Output Input Input/Output Output Output Input Input/Output Output Input Input Input Output Output Input Function Power MOS FET gate driver output Ground Hold time adjust and IC shutdown Non-inverting input of current amplifier Inverting input of current amplifier and Current output for PFC control Reference voltage output Current amplifier output Overcurrent detection Timing resistor for settings of operational frequency, and the maximum CAI pin and DELAY pin current Timing capacitor for operational frequency adjust Detection of input AC voltage level Detection of input AC waveform Voltage amplifier input Voltage amplifier output Timing capacitor for soft-start time adjust Power supply voltage input
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 3 of 7
R2A20111SP
Absolute Maximum Ratings
(Ta = 25C)
Item Supply voltage OUT peak current OUT DC current Terminal voltage CAO voltage EO voltage DELAY voltage CAI voltage RT current IAC current VREF current Power dissipation Operating junction temperature Storage temperature Notes: 1. 2. 3. 4. Symbol VCC Ipk-out Idc-out Vi-group1 Vi-group2 Vcao Veo Vdelay Vi-cs Irt Iiac Io-ref Pt Tj-opr Tstg Ratings 24 1.0 0.1 -0.3 to Vcc -0.3 to Vref -0.3 to Vcaoh -0.3 to Veoh -0.3 to +6.5 -1.5 to +0.3 -200 0.6 -5 1 -40 to +125 -55 to +150 Unit V A A V V V V V V A mA mA W C C Note 3 4 5
6
Rated voltages are with reference to the GND pin. For rated currents, inflow to the IC is indicated by (+), and outflow by (-). The transient current when driving capacitive load. This is the rated voltage for the following pin: OUT. 5. This is the rated voltage for the following pins: CGND, VREF, CLIMIT, RT, CT, PFC-ON, IAC, FB, SS 6. Thermal resistance of packages Package ja jc Note SOP16 120C/W -- -- 35C/W 40 x 40 x 1.6 [mm], Mounted on a glass epoxy printed board with 10% wiring density Infinite heat sink
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 4 of 7
R2A20111SP
Electrical Characteristics
(Ta = 25C, VCC = 12 V, RT = 27 k, CT = 1000 pF)
Supply Item Start threshold Shutdown threshold UVLO hysteresis Startup current Is temperature stability Operating current VREF Output voltage Line regulation Load regulation Temperature stability Initial accuracy fout temperature stability fout voltage stability CT peak voltage Ramp valley voltage RT voltage Soft start Current limit VAMP Sink current Threshold voltage Delay to output Feedback voltage Input bias current Open loop gain High voltage Low voltage Source current Sink current Transconductance Input offset voltage Open loop gain High voltage Low voltage Source current Sink current Transconductance 1. Design spec. Symbol VH VL dVUVL Is dIs/dTa Icc Vref Vref-line Vref-load dVref fout dfout/dTa fout-line Vct-H Vct-L Vrt Iss VCL td-CL Vfb Ifb Av-v Veoh Veol Isrc-eo Isnk-eo Gm-v Vio-ca Av-ca Vcaoh Vcaol Isrc-ca Isnk-ca Gm-c Min 9.6 8.3 1.0 140 -- 3.45 4.85 -- -- -- 58.5 -- -1.5 -- -- 1.17 15.0 1.222 -- 2.40 -0.3 -- 5.2 -- -180 90 150 -- -- 5.2 -- -135 67 530 Typ 10.5 9.0 1.5 200 -0.3 4.5 5.00 5 5 80 65 0.1 0.5 3.6 0.65 1.25 25.0 1.3 100 2.50 0 53 5.7 0.1 -120 120 200 (-10) 68 5.7 0.1 -90 90 700 Max 11.4 9.7 2.0 260 -- 6.45 5.15 20 20 -- 71.5 -- 1.5 4.0 -- 1.33 35.0 1.378 200 2.60 0.3 -- 6.2 0.3 -90 180 290 0 -- 6.2 0.3 -67 135 1000 Unit V V V A %/C mA V mV mV ppm/C kHz %/C % V V V A V ns V A dB V V A A A/V mV dB V V A A A/V Test Conditions
VCC = 9.5 V *
1
IAC = 0 A, CL = 0 F Isource = 1 mA Isource = 1 mA, VCC = 12 V to 23 V Isource = 1 mA to 5 mA Ta = -40 to 125C * Measured pin: OUT Ta = -40 to 125C * VCC = 12 V to 18 V *1 *1 SS = 2 V CLIMIT = 2 to 0 V FB-EO Short Measured pin: FB *1 FB = 2.3 V, EO: Open FB = 2.7 V, EO: Open FB = 1.0 V, EO = 2.5 V FB = 4.0 V, EO = 2.5 V FB = 2.5 V, EO = 2.5 V *1 *1
1 1
Oscillator
CAMP
CAO = 2.5 V CAO = 2.5 V *1
Note:
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 5 of 7
R2A20111SP
Electrical Characteristics (cont.)
(Ta = 25C, VCC = 12 V, RT = 27 k, CT = 1000 pF)
IAC/ Multiplier Item IAC pin voltage Imo current 1 Imo current 2 Imo current 3 Imo current 4 OUT Minimum duty cycle Maximum duty cycle Rise time Fall time Low voltage Symbol Viac Imo1 Imo2 Imo3 Imo4 Dmin-out Dmax-out tr-out tf-out Vol1-out Vol2-out Vol3-out Voh1-out Voh2-out Vshut Vres Ishut Von-pfc Voff-pfc Vd-pfc Ipfc-on dVovps dVovpr Vfbls Isrc-delay Isnk-delay Min 1.6 -61.3 -197.9 -32.8 -110.4 -- 90 -- -- -- -- -- 11.5 10.0 3.30 -- 120 0.74 0.71 1.05 -1.0 0.125 0.075 0.425 -47.5 -- Typ 2.3 -51.5 -165 -27 -92 -- 95 30 30 0.05 0.5 0.03 11.9 11.0 4.00 -- 190 0.82 0.79 1.20 -0.2 0.188 0.138 0.52 -42.5 770 Max 3.0 -41 -131.5 -21.2 -73.6 0 98 100 100 0.2 2.0 0.7 -- -- 4.70 4.0 260 0.9 0.86 1.30 1 0.250 0.200 0.615 -38 -- Unit V A A A A % % ns ns V V V V V V V A V V V A V V V A A Test Conditions IAC = 100 A EO = 2.5 V, IAC = 150 A PFC-ON = 1.2 V EO = Vcaoh, IAC = 150 A PFC-ON = 1.2 V EO = 2.5 V, IAC = 375 A PFC-ON = 2.5 V EO = Vcaoh, IAC = 375 A PFC-ON = 2.5 V CAO = 4.0 V CAO = 0 V CL = 1000 pF CL = 1000 pF Iout = 20 mA Iout = 200 mA (Pulse test) Iout = 10 mA, VCC = 5 V Iout = -20 mA Iout = -200 mA (Pulse test) Input: DELAY Input: Vcc VCC = 9 V Input pin: PFC-ON Input pin: PFC-ON Input pin: DELAY PFC-ON = 2 V Input pin: FB *2 Input pin: FB * Input pin: FB DELAY = 1 V RT = 27 k DELAY = 1 V 1 RT = 27 k *
2
High voltage Shut down Shut down voltage Reset voltage Shut down current PFC enable voltage PFC disable voltage PFC disable delay threshold voltage Input current B+ OVP set voltage B+ OVP reset voltage FB low set voltage DELAY source current DELAY sink current
Supervisor
Notes: 1. Design spec. 2. dVovps = Vovps - Vref x 0.5 dVovpr = Vovpr - Vref x 0.5
FB
Vovps Vfbls
Vovpr
Vref x 0.5
OUT
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 6 of 7
R2A20111SP
Package Dimensions
JEITA Package Code P-SOP16-5.5x10.06-1.27 RENESAS Code PRSP0016DH-B Previous Code FP-16DAV MASS[Typ.] 0.24g
*1
D F 9
16
NOTE) 1. DIMENSIONS"*1 (Nom)"AND"*2" DO NOT INCLUDE MOLD FLASH. 2. DIMENSION"*3"DOES NOT INCLUDE TRIM OFFSET.
bp
HE
E
Index mark
*2
Terminal cross section ( Ni/Pd/Au plating )
1 Z e
*3
8 bp x M L1
Reference Dimension in Millimeters Symbol
c
A1
y
L
Detail F
D E A2 A1 A bp b1 c c1 HE e x y Z L L1
Min Nom Max 10.06 10.5 5.50
0.00 0.10 0.20 2.20 0.34 0.40 0.46 0.15 0.20 0.25 0 8 7.50 7.80 8.00 1.27 0.12 0.15 0.80 0.50 0.70 0.90 1.15
REJ03F0231-0200 Rev.2.00 Sep 29, 2009 Page 7 of 7
A
Sales Strategic Planning Div.
Nippon Bldg., 2-6-2, Ohte-machi, Chiyoda-ku, Tokyo 100-0004, Japan
Notes: 1. This document is provided for reference purposes only so that Renesas customers may select the appropriate Renesas products for their use. Renesas neither makes warranties or representations with respect to the accuracy or completeness of the information contained in this document nor grants any license to any intellectual property rights or any other rights of Renesas or any third party with respect to the information in this document. 2. Renesas shall have no liability for damages or infringement of any intellectual property or other rights arising out of the use of any information in this document, including, but not limited to, product data, diagrams, charts, programs, algorithms, and application circuit examples. 3. You should not use the products or the technology described in this document for the purpose of military applications such as the development of weapons of mass destruction or for the purpose of any other military use. When exporting the products or technology described herein, you should follow the applicable export control laws and regulations, and procedures required by such laws and regulations. 4. All information included in this document such as product data, diagrams, charts, programs, algorithms, and application circuit examples, is current as of the date this document is issued. Such information, however, is subject to change without any prior notice. Before purchasing or using any Renesas products listed in this document, please confirm the latest product information with a Renesas sales office. Also, please pay regular and careful attention to additional and different information to be disclosed by Renesas such as that disclosed through our website. (http://www.renesas.com ) 5. Renesas has used reasonable care in compiling the information included in this document, but Renesas assumes no liability whatsoever for any damages incurred as a result of errors or omissions in the information included in this document. 6. When using or otherwise relying on the information in this document, you should evaluate the information in light of the total system before deciding about the applicability of such information to the intended application. Renesas makes no representations, warranties or guaranties regarding the suitability of its products for any particular application and specifically disclaims any liability arising out of the application and use of the information in this document or Renesas products. 7. With the exception of products specified by Renesas as suitable for automobile applications, Renesas products are not designed, manufactured or tested for applications or otherwise in systems the failure or malfunction of which may cause a direct threat to human life or create a risk of human injury or which require especially high quality and reliability such as safety systems, or equipment or systems for transportation and traffic, healthcare, combustion control, aerospace and aeronautics, nuclear power, or undersea communication transmission. If you are considering the use of our products for such purposes, please contact a Renesas sales office beforehand. Renesas shall have no liability for damages arising out of the uses set forth above. 8. Notwithstanding the preceding paragraph, you should not use Renesas products for the purposes listed below: (1) artificial life support devices or systems (2) surgical implantations (3) healthcare intervention (e.g., excision, administration of medication, etc.) (4) any other purposes that pose a direct threat to human life Renesas shall have no liability for damages arising out of the uses set forth in the above and purchasers who elect to use Renesas products in any of the foregoing applications shall indemnify and hold harmless Renesas Technology Corp., its affiliated companies and their officers, directors, and employees against any and all damages arising out of such applications. 9. You should use the products described herein within the range specified by Renesas, especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. Renesas shall have no liability for malfunctions or damages arising out of the use of Renesas products beyond such specified ranges. 10. Although Renesas endeavors to improve the quality and reliability of its products, IC products have specific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. Please be sure to implement safety measures to guard against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a Renesas product, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other applicable measures. Among others, since the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or system manufactured by you. 11. In case Renesas products listed in this document are detached from the products to which the Renesas products are attached or affixed, the risk of accident such as swallowing by infants and small children is very high. You should implement safety measures so that Renesas products may not be easily detached from your products. Renesas shall have no liability for damages arising out of such detachment. 12. This document may not be reproduced or duplicated, in any form, in whole or in part, without prior written approval from Renesas. 13. Please contact a Renesas sales office if you have any questions regarding the information contained in this document, Renesas semiconductor products, or if you have any other inquiries.
RENESAS SALES OFFICES
Refer to "http://www.renesas.com/en/network" for the latest and detailed information. Renesas Technology America, Inc. 450 Holger Way, San Jose, CA 95134-1368, U.S.A Tel: <1> (408) 382-7500, Fax: <1> (408) 382-7501 Renesas Technology Europe Limited Dukes Meadow, Millboard Road, Bourne End, Buckinghamshire, SL8 5FH, U.K. Tel: <44> (1628) 585-100, Fax: <44> (1628) 585-900 Renesas Technology (Shanghai) Co., Ltd. Unit 204, 205, AZIACenter, No.1233 Lujiazui Ring Rd, Pudong District, Shanghai, China 200120 Tel: <86> (21) 5877-1818, Fax: <86> (21) 6887-7858/7898 Renesas Technology Hong Kong Ltd. 7th Floor, North Tower, World Finance Centre, Harbour City, Canton Road, Tsimshatsui, Kowloon, Hong Kong Tel: <852> 2265-6688, Fax: <852> 2377-3473 Renesas Technology Taiwan Co., Ltd. 10th Floor, No.99, Fushing North Road, Taipei, Taiwan Tel: <886> (2) 2715-2888, Fax: <886> (2) 3518-3399 Renesas Technology Singapore Pte. Ltd. 1 Harbour Front Avenue, #06-10, Keppel Bay Tower, Singapore 098632 Tel: <65> 6213-0200, Fax: <65> 6278-8001 Renesas Technology Korea Co., Ltd. Kukje Center Bldg. 18th Fl., 191, 2-ka, Hangang-ro, Yongsan-ku, Seoul 140-702, Korea Tel: <82> (2) 796-3115, Fax: <82> (2) 796-2145
http://www.renesas.com
Renesas Technology Malaysia Sdn. Bhd Unit 906, Block B, Menara Amcorp, Amcorp Trade Centre, No.18, Jln Persiaran Barat, 46050 Petaling Jaya, Selangor Darul Ehsan, Malaysia Tel: <603> 7955-9390, Fax: <603> 7955-9510
(c) 2009. Renesas Technology Corp., All rights reserved. Printed in Japan.
Colophon .7.2


▲Up To Search▲   

 
Price & Availability of R2A20111SP09

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X