|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net PL314 Series 3mm LED Right Angle Quad Level Holder Features *Space Saving Quad Level PCB Indicator *Housing Material Black Nylon UL94V-2 *High Light Output *4 Yellow LED with Color Diffused Lens used *LEDs arranged from Top to Bottom *RoHS Compliant Absolute Maximum Ratings at TA = 25C Poser Dissipation............................................................................. 78mW Reverse Voltage (<100 A)....................................................................... 5.0V Max Forward Current......................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) ............................... 100mA Operating Temperature Range................................................... -25C to +85C Storage Temperature Range...................................................... -40C to +100C Soldering Temperature (1.6 mm below body).................................. 260C for 5 seconds Electrical & Optical Characteristics at TA = 25C Part Number Color Diffused Lens PL314-4Y01 Yellow GaAsP Emitting Color Chip Material Peak Wave Length nm 585 Dominant Wave Length nm 590 Viewing Angle 2 1/2 Deg 55 Forward Voltage @20mA (V) Typ 2.1 Max 2.6 Lumious Intensity @20mA (mcd) Typ 9.0 Max 20.0 All dimensions are in Millimeters. Tolerance is 0.25mm unless otherwise specified. 4.45 10.7 3.50.5 P-TEC 5.08 2.9 5.08 20.3 5.08 2.54 0.5 3.5typ. 0.5 Square Cathode 2.8typ. 1.9typ. 02-14-07 Rev 0 RS |
Price & Availability of PL314-4Y01 |