Part Number Hot Search : 
SK3A5P0 43650 OP400GS BV55BE MMBD3004 SS411 MMBD3004 2322168
Product Description
Full Text Search
 

To Download PL00290-WCG13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00290 Series SMD LED Right Angle 1204 Package
Features
*Oval Lens Side View Package 3.0 x 2.0 x 1.0mm *GaP Green Chip used *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation ................................................................................... 65mW Reverse Voltage (<100A) ........................................................................... 5.0V Forward Current ..................................................................................... 25mA Peak Forward Current(1/10 Duty Cycle, 0.1ms Pulse Width) ............................... 100mA Operating Temperature Range .......................................................... -40C to +85C Storage Temperature Range ............................................................. -40C to +85C Reflow Soldering Temperature.................................................. 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00290-WCG13 Green GaP Emitting Color Chip Material Dominant Wave Length nm 570 Peak Wave Length nm 568 Viewing Angle 21/2 Deg 130 Forward Voltage @20mA (V) Typ 2.2 Max 2.6 Luminous Intensity @20mA (mcd) Min 5.0 Typ 14.0
Package Dimensions are in Millimeters. Tolerance is 0.15mm unless otherwise specified.
0.3
3.0 0.3 1.0
1
2
1
2
CATHODE MARK
R1
2.0
1 2
2.0 1.0
Recommended Soldering Pad Layout
0.9 0.9 0.2 1.5
1.5
2.0 5.0
03-28-07 REV 1 RS


▲Up To Search▲   

 
Price & Availability of PL00290-WCG13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X