Part Number Hot Search : 
CD5297 CD80C86 OPB771T CR22M UFS160J AN440 ER10B1 254994
Product Description
Full Text Search
 

To Download PL00232-WCW03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00232 Series SMD LED 0603 Package
Features
*Flat Lens Ultra Tin Package 1.6 x 0.8 x 0.4mm *GaN Ultra Bright White Chip used *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation.................................................................. 120mW Reverse Voltage (<100A) .............................................................. 5.0V Max Forward Current............................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) .............................. 100mA Operating Temperature Range .......................................... -40C to +80C Storage Temperature Range ............................................. -40C to +85C Reflow Soldering Temperature.................................. 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00232-WCW03 White GaN Emitting Color Chip Material Chromaticity Coordinates Typ (0.02) X 0.31 Y 0.31 Viewing Angle 21/2 Deg 120 Forward Voltage @20mA (V) Typ 3.5 Max 4.0 Luminous Intensity @20mA (mcd) Min 90.0 Typ 250.0
Package Dimensions are in Millimeters. Tolerance is 0.15mm unless otherwise specified.
0.25
0.3
0.3
0.8
1 1.6 1.2 1.1 0.15 0.40
2 CATHODE MARK
1 2
Recommended Soldering Pad Layout
0.8
0.7
0.7
0.7
05-02-08 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00232-WCW03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X