Part Number Hot Search : 
AN238 Y7C14 PM0027A TK65427 NTE2502 MAX893L CS5102A 74HC366
Product Description
Full Text Search
 

To Download PL00232-WCB08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P-tec Corp. Tel:(800)688-0613 2405 Commerce Circle Tel:(719) 589 3122 Alamosa Co. 81101 Fax:(719) 589 3592 www.p-tec.net sales@p-tec.net
PL00232 Series SMD LED 0603 Package
Features
*Flat Lens Ultra Thin Package 1.6 x 0.8 x 0.4mm *AlGaInP Ultra Bright Blue Chip used *Low Current Requirements *High Light Output *Compatible with IR Solder-Process *Industry Standard Footprint *2000 or 1000 pcs per Reel *RoHS Compliant
Absolute Maximum Ratings at TA = 25C
Power Dissipation..................................................................... 120mW Reverse Voltage (<100A) ................................................................ 5.0V Max Forward Current................................................................... 30mA Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width) .................................. 100mA Operating Temperature Range .............................................. -40C to +80C Storage Temperature Range ................................................ -40C to +85C Reflow Soldering Temperature...................................... 260C for 10 seconds
Electrical & Optical Characteristics at TA = 25C
Part Number Water Clear Lens PL00232-WCB08 Blue GaN Emitting Color Chip Material Dominant Wave Length nm 470 Peak Wave Length nm -- Viewing Angle 21/2 Deg 120 Forward Voltage @20mA (V) Typ 3.5 Max 4.0 Luminous Intensity @20mA (mcd) Min 25.0 Typ 40.0
Package Dimensions are in Millimeters. Tolerance is 0.15mm unless otherwise specified.
0.25
0.3
0.3
0.8
1 1.6 1.2 1.1 0.15 0.40
2 CATHODE MARK
1 2
Recommended Soldering Pad Layout
0.8
0.7
0.7
0.7
03-26-07 Rev 0 RS


▲Up To Search▲   

 
Price & Availability of PL00232-WCB08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X