Part Number Hot Search : 
V470M 171ED SFAF504 PA61A MC33363 TEA5582 74162 ULN20
Product Description
Full Text Search
 

To Download PCHC1354S-1R0M-RC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS
Power Choke High Current
Inches (mm)
PCHC1354S
Dimensions:
Allied Part Number
Inductance ( h)
Tolerance (%)
Test Freq. KHz,1v
DCR () Max
Isat (A)
Irms (A) Max.
Features * * * * * Magnetically shielded construction High saturation current up to 38.8A Expanding operating temp range Low DCR resistance Suitable for pick and place Electrical Inductance Range: .68H to 6.8H Additional values available Tolerance: 20% over entire range, Available in tighter tolerances Test Frequency: 100KHz, 1.0Vdc Operating Temp: -55C ~ +125C Storage Temp: -55C ~ +125C Temp rise: T=40C Typical at rated Irms with out core loss. Part temperature should not exceed 125C including temperature rise. Inductance drop: 20% typical at rated Isat Resistance to Soldering Heat Pre-Heat 150C, 1 minute. Solder Composition: Sn/Ag3.0/Cu0.5 Solder Temp: 260C 5C Immersion Time: 10 sec. 1 sec. Test Equipment (L): HP 4284A LCR meter or equivalent (DCR): CH16502, Agilent 33420A Micro-Ohm meter
PCHC1354S-R68M-RC PCHC1354S-1R0M-RC PCHC1354S-1R4M-RC PCHC1354S-2R2M-RC PCHC1354S-3R3M-RC PCHC1354S-4R7M-RC PCHC1354S-6R8M-RC
0.68 1.00 1.40 2.20 3.30 4.70 6.80
20 20 20 20 20 20 20
100 100 100 100 100 100 100
1.5 2 3.4 4.5 7 8.8 12
38.8 34 26 20 18 15 12
29.7 26 22 18 15 13 9
All specifications subject to change without notice.
Land Pattern
Schematic
(IDC): 3260B WK & DC Bias 3265B WK
Physical Packaging: 500 pieces per 13 inch reel. Marking: EIA Inductance Code
714-665-1140
ALLIED COMPONENTS INTERNATIONAL
REVISED 8/04/09 15
www.alliedcomponents.com


▲Up To Search▲   

 
Price & Availability of PCHC1354S-1R0M-RC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X