Part Number Hot Search : 
3PFT1 T83C51 JANTX2N 2SC2063 SC1406G 89183 MA4E2040 2SA10
Product Description
Full Text Search
 

To Download P6KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
VOLTAGE 6.8 to 440 VOLTS 600 WATT PEAK POWER 5.0 WATTS STEADY STATE
DO-15
FEATURES
Plastic package has Underwrites Laboratory Flammability Classification 94V-O Glass passivated chip junction in DO-15 package 400W surge capability at 1 ms Excellent clamping capability Low zener impedance Fast response time: typically less than 1.0 ps from 0 volts to BV min. Typical IR less than 1 A above 10V High tempreature soldering guaranteed: 260 0C/10 seconds /.375",(9.5mm) lead length/51bs.,(2.3kg) tension
MECHANICAL DATA
Case:JEDEC DO-15 Molded plastic Terminals:Plated Axial leads, solderable per MIL-STD-202, Method 208 Polarity:Color band denotes cathode except Bipolar Mounting Position:Any Weight:0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
RATINGS Peak Pulse Power Dissipation at TA=25 C, TP=1ms (NOTE 1) Steady Power Dissipation at TL=75 C Lead Lengths .375",(9.5mm)(NOTE 2) Peak Forward Surge Current 8.3ms Single Half Sine-Wave Superimposed on Rated Load(JEDEC Method)(NOTE 3) Operating Junction and Storage Temperature Range
0 0
SYMBOL PPK PD
VALUE Minimum 6000 5.0
UNITS Watts Watts Amps
0
IFSM TJ, TSTG
100 -65 to + 175
C
Notes: 1. Non-repetitive current pulse, per Fig.3 and derated above TA=250C per Fig.2 2. Measured on copper Leaf area of 1.57 in2 (40mm2) 3. 8.3mm single half sine-wave, duty cycle=4 pulses minutes maximum.
P6KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES P6KE SERIES
Fig. 1 - PEAK PULSE POWER VS PULSE TIME
PEAK PULSE POWER (P PP) OR CURRENT (l PP) DERATING PERCENTAGE %
100
Fig. 2 - PULSE DERATING CURVE
PPPM, PEAK PULSE POWER, kW
100
Non-Repetitive Pulse waveform Shown in Flgure 3 TA=250C
75
10
50
1.0
25
0.1 0.1 s
1.0 s
10 s
100 s
1.0ms
10ms
0 0 25 50 75 100 125 150 175 200
td, PULSE WIDTH, SEC
TA, AMBIENT TEMPERATURE, 0C
Fig. 3 - PULSE WAVEFORM
150
Fig. 4 - TYPICAL JUNCTION CAPACIT ANCE UNIDIRECTIONAL
6,000 4,000
0 TJ=25C f=1.0MHz Vsig=50mVp-p
IPPM, PEAK PULSE CURRENT, %
tf=10 se Peak Value Ippm
TA=250C Pulse Width (td) is Defined as the Poitn Where the Peak Current Decays to 50% of Ipp
2,000
Measursd at Zero Bias
100
CJ, CAPACITANCE, pF
Half Value-Ipp 2 50 10/1000 sec Waveform as Defined by R.E.A
1,000 800 600 400 200 100 80 60 40 20
Measursd at Stand-Off Voltage(V MW)
0 0
td 1.0 2.0
E-kt 3.0 4.0
t, TIME, ms
Pm (AV) STEADY STATE POWER DISSIPATION, WATTS
Fig. 5 - STEADY STATE POWER DERATING CURVE
5.00
10 1.0
2.0
10
20
100 200
V(WM), REVERSE STAND-OFF VOLT AGE, VOLTS
Fig. 6 - MAXIMUM NON-REPETITIVE
3.75
PEAK FORWARD SURGE CURRENT
IFSM, PEAK FORWARD SURGE CURRENT AMPERES
200
TJ=TJ max
2.50
l=375"(9.5mm)
100
8.3ms Single Half Sine Wave JEDEC Method
1.25
20mmx20mmx1mm Copper Heat Sinks (0.8"x0.8"x.040")
50
0 0 25 50 75 100 125 150 175 200
TL, LEAD TEMPERATURE, 0C
10 1 5 10 50 100
NUMBER OF CYCLES AT 60 Hz


▲Up To Search▲   

 
Price & Availability of P6KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X