Part Number Hot Search : 
89C51RB2 EN25Q40A AT91SA HF735 IRHNJ57 D0415 BT070 2N3721
Product Description
Full Text Search
 

To Download ORE9901 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This component is RoHS compliant
A precision PCB mount 3mm LED assembly with locating pin. Package moulded in Black Nylon 6 zero flammability material has built in alignment key compatible with the ORD 9701/9702 array. * * * * * Alignment Key. Positioning Pin. Range of colours. LED matching, Unit to Unit and Batch to Batch. 2mA range
ORE 9901 SERIES 3mm LED CIRCUIT INDICATOR
Pb
MECHANICAL DATA
3.9 +/-0.25 10.0 6.84
5.08 0.5
0.4
10.16
3.0 DIAM
LOCATING PIN OPTIONAL
1.0
1.0
3.3
+
9.38 2.54
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk 19.3.07 ISS C
ORE 9901 series
ABSOLUTE MAXIMUM RATINGS (TA = 25OC)
PARAMETER Peak Forward Current Continuous Forward Current Power Dissipation [Tamb<60 C] Reverse Voltage Storage Temperature Operating Temperature Range
O
RED, YELLOW, GREEN 1A 30mA 100mW 6V -55OC to +100OC -20OC to +100OC
RED/GREEN BICOLOUR 120mA 30mA 100mW 5V -55OC to +100OC -55OC to +100OC
This component is RoHS compliant
Pb
OPTO ELECTRONIC DATA (TA = 25OC)
COLOUR Peak wavelength nm Viewing Angle [If = 10mA] deg 60 60 60 200 Viewing Angle [If = 10mA] deg 60 60 60 Lumenous Intensity [If = 10mA] mcd Min Max 6.3 6.3 6.3 2.2 10 10 12 4.8 Forward Voltage [If = 20mA] V Max 2.0 2.6 2.6 2.8 Forward Voltage [If = 20mA] V Max 2.0 2.6 2.6 Reverse Voltage [Ir = 10 A] V Max 10 10 10 5 [Ir=100A] Reverse Voltage [Ir = 10 A] V Max 10 10 10
RED YELLOW GREEN BI-COLOUR COLOUR
635 586 565 Orange -630 Peak wavelength nm
Lumenous Intensity [If = 2mA] mcd Min Max 2.5 2.5 4 5 5 6
RED YELLOW GREEN
635 586 565
ORDERING INFORMATION
SINGLE LED 10mA---- ORE 9901X Indicate colour by using X = R= Red Y= Yellow G= Green BC = Bi-colour. Other colours available on request. SINGLE LED 2mA--------ORE9901XL Indicate colour by using X=R=Red Y=Yellow G=Green
Other colours available on request
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR, ML12 6FX Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009 Website: bot.co.uk E-mail: bill@bot.co.uk
19.3.07 ISS C


▲Up To Search▲   

 
Price & Availability of ORE9901

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X