Part Number Hot Search : 
ML60124R NTE5541 X1637 TK15125 IRF3708 200CA CMBA847 035PT
Product Description
Full Text Search
 

To Download MUR1620CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR1620CT
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 16.0 Amperes
Features * Low forward voltage, High current capability * Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound. * High surge capacity * Low power loss, high efficiency * Ultra fast recovery times, high voltage Mechanical Data * Case: Molded plastic, TO-220 * Terminals: leads solderable per * MIL-STD-202, method 208 guaranteed * Polarity: As marked * Mounting Position: Any
PIN 1 PIN 2 CASE PIN2 Positlve CT
Absolute Maximum Ratings and Characteristics
Dimensions in mm
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave,60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Symbols Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward Rectified current at TC = 100 Peak forward surge current 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Maximum forward voltage at 8.0A and TA = 25 Typical junction Capacitance (Note1) Maximum reverse recovery time (Note 2) Typical thermal resistance (Note3) Maximum reverse current at rated DC blocking voltage @TA = 25 @TC =125 IF(AV) IFSM VF CJ TRR R0JC IR TJ ,Ts 16.0 125 1.0 80 50 3.0 10 500 -55 to +150 Amps Amps Volts pF nS /W Amps Amps VRRM VRMS VDC Value 200 140 200 Units Volts Volts Volts
Operating and storage temperature range
Notes :1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC. 2. Reverse recovery test conditions: IF = 0.5A, IR = 1A, IRR = 0.25A 3. Thermal resistance from junction to case per leg mounted on heatsink.
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/06/2003
MUR1620CT
FIG.1 Reverse Recovery Time Characteristic and Test Circuit Diagram
50 NONINDUCTIVE 10 NONINDUCTIVE +0.5A DUT (+) 50Vdc (appox) (-) 1 NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (-) PULSE GENERATOR (NOTE 2) (+) -1.0A 1cm SET TIME BASE FOR 5/10ns/cm 0 -0.25A trr
NOTES:1. Rise Time=7ns max. Input Impedance= 1 megohm 22 pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
Average Forward Current. (A)
Instantaneous Reverse Current. ( A)
20 16 12 8 4 0 0
FIG.2 Muximum Forward Current Derating Curve
1000
FIG.3 Typical Reverse Characteristics Per Leg
100
Tj=125C
10
Tj=25C
50
100
150
Case Temperature. (C) FIG.4 Maximum Non-repetitive Forward Surge Current Per Leg
1
Peak Forward Surge Current. (A)
0.1
120 90 60 30
Tj=25C 8.3ms Single Half Sine Wave JEDEC Method
20 40 60
80 100 120
140
Percent of Rated Peak Reverse Voltage. (%) FIG.6 Typical Forward Characteristics Per Leg
Number of Cycles at 60Hz FIG.5 Typical Junction Capacitance Per Leg Capacitance. (pF)
240 200 160 120 80 40 0 1 2 5 10 20 50 100 200 500 1000
Tj=25C
Instantaneous Forward Current. (A)
1
2
5
10
20
50
100
100 30 10 3.0 1.0 0.3 0.1 0.03
Reverse Voltage. (V)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
Tj=25C PULSE WIDTH-300 s 1% DUTY CYCLE
Forward Voltage. (V)
SEMTECH ELECTRONICS LTD.
(R)
(Subsidiary of Semtech International Holdings Limited, acompany listed on the Hong Kong Stock Exchange, Stock Code: 724)
Dated : 23/06/2003


▲Up To Search▲   

 
Price & Availability of MUR1620CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X