Part Number Hot Search : 
MC74LVX LT8610 CXA1726 0AS01 MB89131 P010022 AT54C STA51
Product Description
Full Text Search
 

To Download MP69141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Quartz SMD
MP6914
Features:
- Surface mount - High performance/cost ratio - Excellent vibration & shock resistance
Specifications Frequency range Frequency tolerance,Ta=25C Load capacitance Temp.coefficient Temperature range Storage temp. Operating temp. Drive level Maximum drive level Recommended drive level Series resistance Shunt capacitance Insulation resistance Aging Symbol f Af/f CL A TSTG TOPR MDL RDL R1 C0 IR AfA MP6914 32.768kHz 20ppm ~ 50ppm (std.) 12.5pF (Std.) -0.04 x 10-6/C -55C ~ +125C -10C ~ +60C 1iW 70k Ohm 1.3pF ~ 2pF 500M Ohm 5ppm/Year typ Remarks Standard Others are offered Please specify Max Others are offered
Max (25C 3C) Min
Drawing
MP6914
Dimensions in mm
Order key
Q
Part
- 32.768000k
Frequency
- MP6914
Package
- 50
Frequency tolerance
-B
Temperature range A= 0C ~ +70C
- 12.5
Load capacitance pF SR=series
- TR
Option
Q=Quartz
k=kHz
MP6914
ppm (25C)
TR=Tape and reel X=Special options
B= -10C ~ +60C C= -10C ~ +70C D= -20C ~ +70C E= -40C ~ +85C
auris-GmbH office@auris-gmbh.de www.auris-gmbh.de
All specifications are subject to change without notice.
2.4


▲Up To Search▲   

 
Price & Availability of MP69141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X