|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RECTRON SEMICONDUCTOR TECHNICAL SPECIFICATION MP2505 THRU MP2510 SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 25 Amperes FEATURES * * * * Superior thermal desing 300 amperes surge rating // 1/4 universal faston terminal Hole thru for # 10 screw MECHANICAL DATA * UL listed the recognized component directory, file #E94233 * Epoxy: Device has UL flammability classification 94V-O MP-25 MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. MP-25W MAXIMUM RATINGS (At TA = 25oC unless otherwise noted) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current at Tc = 55 C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical Thermal Resistance (from junction to case) Typical Thermal Resistance (from junction to ambient) Operating and Storage Temperature Range R JC RJA TJ,TSTG 1.9 19 -55 to + 150 0 0 o SYMBOL VRRM VRMS VDC IO IFSM MP2505 50 35 50 MP251 100 70 100 MP252 200 140 200 MP254 400 280 400 25.0 300 MP256 600 420 600 MP258 800 560 800 MP2510 UNITS 1000 700 1000 Volts Volts Volts Amps Amps C/W C ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted) CHARACTERISTICS Maximum Forward Voltage Drop per element at 12.5A DC Maximum Reverse Current at Rated DC Blocking Voltage per element @TA = 25 o C @TC = 100 o C SYMBOL VF IR 0.5 mAmps 2005-3 REV: A MP2505 MP251 MP252 MP254 1.1 5.0 MP256 MP258 MP2510 UNITS Volts uAmps NOTE: 1. Suffix "W" for wire type 2. "Fully ROHS compliant","100% Sn plating(Pb-free). RATING AND CHARACTERISTIC CURVES ( MP2505 THRU MP2510 ) FIG. 1 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, (A) FIG. 2 - TYPICAL FORWARD CURRENT DERATING CURVE 8.3ms Single Half Sine-Wave (JEDEC Method) AVERAGE FORWARD CURRENT, (A) 500 25 20 400 300 15 200 10 60 Hz RESISTIVE OR INDUCTIVE LOAD 100 5 0 0 0 1 2 4 6 8 10 20 40 6080100 NUMBER OF CYCLES AT 60Hz 50 100 CASE TEMPERATURE, ( 150 ) 175 CHARACTERISTICS INSTANTANEOUS FORWARD CURRENT, (A) 100 INSTANTANEOUS REVERSE CURRENT, (uA) FIG. 3- TYPICAL INSTANTANEOUS FORWARD FIG. 4 - TYPICAL REVERSE CHARACTERISTICS 10 10 1.0 TJ = 25 1.0 TJ = 25 Pulse Width = 300us 1% Duty Cycle .1 .1 .01 .6 .7 .8 .9 1.0 1.1 1.2 1.3 INSTANTANEOUS FORWARD VOLTAGE, (V) .01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % ) Max. .311 (7.9) .480 (12.2) .425 (10.8) MAX. .311 (7.9) .043 (1.1) .039 (1.0) MIN. .787 (20.0) 1.142 (29) 1.102 (28) .673 (17.1) .634 (16.1) Hole for # 10 screw Min f.200 (5.08) 1.142 (29) 1.102 (28) Hole for # 10 screw Min .200 (5.08) .732 (18.6) .693 (17.6) .732 (18.6) .693 (17.6) 1.142 (29) 1.102 (28) .673 (17.1) .634 (16.1) .583 (14.8) .543 (13.8) .32 x .252 (0.81 x 6.35) .732 (18.6) .693 (17.6) MP-25 MP-25W RECTRON .469 (11.9) .429 (10.9) .142 (29.0) .102 (28.0) |
Price & Availability of MP2510 |