|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MM5Z2V4 - MM5Z75V -- Zener Diodes March 2008 MM5Z2V4 - MM5Z75V Zener Diodes Features * Wide Zener Voltage Range Selection, 2.4V to 75V * Flat Lead, Surface Mount Device Under 0.70mm Height * Extremely Small Outline Plastic Package SOD523F * Moisture Sensitivity Level 1 * Pb Free Version and RoHS Compliant * Matte Tin(Sn) Lead Finish * Band Indicates Cathode * Green Mold Compound Electrical Symbol Cathode Anode SOD-523F Absolute Maximum Ratings Symbol PD TSTG TOPR Power Dissipation Ta = 25C unless otherwise noted Parameter Storage Temperature Range Operating Temperature Range Value 200 -55 to +150 -55 to +150 Units mW C C * These ratings are limiting values above which the serviceability of the diode may be impaired. Thermal Characteristics Symbol RJA * Device mounted on FR-4 PCB minimum land pad. Parameter Thermal Resistance, Junction to Ambient Value 500 Unit C/W Package Marking and Ordering Information Device Marking Refer to Product table list Device Refer to Product table list Package SOD-523F Packing Tape & Reel Reel Size 7" Tape Width 12mm Quantity 3,000 (c) 2007 Fairchild Semiconductor Corporation MM5Z2V4 - MM5Z75V Rev. 1.0 1 www.fairchildsemi.com MM5Z2V4 - MM5Z75V -- Zener Diodes Electrical Characteristics Device Type MM5Z2V4 MM5Z2V7 MM5Z3V0 MM5Z3V3 MM5Z3V6 MM5Z3V9 MM5Z4V3 MM5Z4V7 MM5Z5V1 MM5Z5V6 MM5Z6V2 MM5Z6V8 MM5Z7V5 MM5Z8V2 MM5Z9V1 MM5Z10V MM5Z11V MM5Z12V MM5Z13V MM5Z15V MM5Z16V MM5Z18V MM5Z20V MM5Z22V MM5Z24V MM5Z27V MM5Z30V MM5Z33V MM5Z36V MM5Z39V MM5Z43V MM5Z47V MM5Z51V MM5Z56V MM5Z62V MM5Z68V MM5Z75V TA=25C unless otherwise noted Device Marking 50 51 52 53 54 55 56 57 58 59 5A 5B 5C 5D 5E 5F 5G 5H 5J 5K 5L 5M 5N 5P 5R 5S 5T 5U 5V 5X 5Y 5Z 5- 5= 5 5> 5< VZ (V) @ IZT Min. 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70 ZZT() @ IZT Max. 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79 IZT (mA) 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 2 2 ZZK() @ IZK Max. 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 500 500 IZK (mA) 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 IR(A) @ VR Max 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.2 0.1 0.1 0.1 0.1 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 0.05 VR(V) 1 1 1 1 1 1 1 2 2 2 4 4 5 5 7 8 8 8 8 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.2 25.2 27.3 30.1 32.9 35.7 39.2 43.4 47.6 52.5 Typ. 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 Max. 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 NOTES: 1) The Zener Voltage (VZ) is tested under pulse condition of 10mS. 2) The Zener impedance is derived from the 60-cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC Zener current (IZT or IZK) is superimposed to IZT or IZK. (c) 2007 Fairchild Semiconductor Corporation MM5Z2V4 - MM5Z75V Rev. 1.0 2 www.fairchildsemi.com MM5Z2V4 - MM5Z75V -- Zener Diodes SOD-523F Package Outline (c) 2007 Fairchild Semiconductor Corporation MM5Z2V4 - MM5Z75V Rev. 1.0 3 www.fairchildsemi.com MM5Z2V4 - MM5Z75V Zener Diodes TRADEMARKS The following are registered and unregistered trademarks and service marks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACEx(R) Build it NowTM CorePLUSTM CROSSVOLTTM CTLTM Current Transfer LogicTM EcoSPARK(R) Fairchild(R) Fairchild Semiconductor(R) FACT Quiet SeriesTM FACT(R) FAST(R) FastvCoreTM FPSTM FRFET(R) Global Power ResourceSM Green FPSTM Green FPSTM e-SeriesTM GTOTM i-LoTM IntelliMAXTM ISOPLANARTM MegaBuckTM MICROCOUPLERTM MicroFETTM MicroPakTM Motion-SPMTM OPTOLOGIC(R) OPTOPLANAR(R) (R) PDP-SPMTM Power220(R) Power247(R) POWEREDGE(R) Power-SPMTM PowerTrench(R) Programmable Active DroopTM QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM SMART STARTTM SPM(R) STEALTHTM SuperFETTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM The Power Franchise(R) TinyBoostTM TinyBuckTM TinyLogic(R) TINYOPTOTM TinyPowerTM TinyPWMTM TinyWireTM SerDesTM UHC(R) UniFETTM VCXTM DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION, OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data; supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. I30 Preliminary First Production No Identification Needed Full Production Obsolete Not In Production (c) 2007 Fairchild Semiconductor Corporation MM5Z2V4 - MM5Z75V Rev. 1.0 4 www.fairchildsemi.com |
Price & Availability of MM5Z33V |