Part Number Hot Search : 
2SK1304 LTC691 B0515 SB1250TL B2405L 2SD14 S1616 MPSA05
Product Description
Full Text Search
 

To Download MM5Z33H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Zowie Technology Corporation
MM5Z2V0H~MM5Z75H
Zener Voltage Regulators Lead free product Halogen - free type
PINNING PIN 1 2 DESCRIPTION Cathode Anode
2
Features * Standard Zener Breakdown Voltage Range 2.0 V to 75 V * Steady State Power Rating of 200 mW
1
Top View Simplified outline SOD-523 and symbol
Absolute Maximum Ratings (Tj = 25 OC)
Parameter Total Device Dissipaton FR-5 Board at TA = 25 OC Junction and Storage Temperature Range Symbol Ptot Tj , Tstg Value 200 - 65 to + 150 Unit mW
O
C
Characteristics at Tamb = 25 OC Parameter Forward Voltage at IF = 10 mA Symbol VF Max. 0.9 Unit V
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
MM5Z2V0H~MM5Z75H
Zener Voltage Marking Type Code Min. MM5Z2V0H MM5Z2V2H MM5Z2V4H MM5Z2V7H MM5Z3V0H MM5Z3V3H MM5Z3V6H MM5Z3V9H MM5Z4V3H MM5Z4V7H MM5Z5V1H MM5Z5V6H MM5Z6V2H MM5Z6V8H MM5Z7V5H MM5Z8V2H MM5Z9V1H MM5Z10H MM5Z11H MM5Z12H MM5Z13H MM5Z15H MM5Z16H MM5Z18H MM5Z20H MM5Z22H MM5Z24H MM5Z27H MM5Z30H MM5Z33H MM5Z36H MM5Z39H MM5Z43H MM5Z47H MM5Z51H MM5Z56H MM5Z62H MM5Z68H MM5Z75H
1)
1)
Zener Impedance @ lZT ZZT 100 100 100 100 100 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 150 170 180 200 215 240 255 ZZK 1000 1000 1000 1000 1000 1000 1000 800 500 200 100 160 160 160 160 160 160 80 80 80 80 80 100 100 120 300 300 300 500 500 500 500 500 500 500 500 500 at IZK mA 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Leakage Current IR A 120 120 120 120 50 20 10 5 5 2 2 1 1 0.5 0.5 0.5 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 2 2 2 1 1 0.2 0.2 0.2 @ VR V 0.5 0.7 1 1 1 1 1 1 1 1 1.5 2.5 3 3.5 4 5 6 7 8 9 10 11 12 13 15 17 19 21 23 25 27 30 33 36 39 43 47 52 57
VZ (mV/k)
C @VR = 0 f =1 MHz pF 450 450 450 450 450 450 450 260 225 200 185 155 140 135 130 130 130 130 120 110 105 100 85 85 80 70 70 70 70 45 40 40 40 40 35 35 35
VZT (V) Nom. 2.0 2.2 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13.25 15 16.2 18 20 22 24.2 27 30 33 36 39 43 47 51 56 62 68 75 Max. 2.15 2.33 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5 5.4 6 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.8 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60 66 72 79
@ IZT Min. -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 37.6 42.0 46.6 52.2 58.8 65.6 73.4 Max. 0 0 0 0 0 -2.5 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10 11 13 14 16 18 20 22 25.3 29.4 33.4 37.4 41.2 46.6 51.8 57.2 63.8 71.6 79.8 88.6
mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 2 2 2 2 2 2 2 2 2 1 1 1 1 1 1 1
RD RE Z7 A8 B8 C8 D8 E8 F8 G8 H8 I8 J8 K8 L8 M8 N8 O8 P8 Q8 R8 S8 T8 U8 V8 W8 X8 Y8 Z8 A9 B9 C9 D9 E9 F9 G9 H9 I9 J9
1.8 2.08 2.2 2.5 2.8 3.1 3.4 3.7 4 4.4 4.8 5.2 5.8 6.4 7 7.7 8.5 9.4 10.4 11.4 12.4 14.3 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 58 64 70
Tested with pulses tp = 20 ms.
REV. 0
Zowie Technology Corporation
Zowie Technology Corporation
MM5Z2V0H~MM5Z75H
REV. 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of MM5Z33H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X