Part Number Hot Search : 
MN95015 0L000 DTA124EU MLX80004 FDLL914A 74HCT4 K1613 74HCT4
Product Description
Full Text Search
 

To Download MAXQ1103-ENS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ABRIDGED DATA SHEET
19-5091; Rev 3; 1/10
KIT ATION EVALU ILABLE AVA
High-Performance Secure RISC Microcontroller
General Description
The MAXQ1103 microcontroller is a low-power, 32-bit RISC device that combines high-performance, singlecycle processing, sophisticated tamper-detection technology, and cryptographic hardware. Advanced security features are designed to meet the stringent requirements of regulations such as ITSEC E3 High, FIPS 140-2 Level 3, and the Common Criteria Certifications. The MAXQ1103 is targeted at electronic commerce, banking, and data security systems that require the highest levels of secure access control, secure data storage, digital signature, or certificate authentication. A secure memory protection unit protects critical internal and external memory against tampering with triple-DES (3DES) encryption. Tamper sensors instantly zeroize critical encryption keys when physical intrusion is detected. A 32-bit MAXQ30 core powers the cryptographically secure MAXQ1103. Applications are supported with 512KB of high-performance internal flash memory for code/data storage and 32KB SRAM. Up to 8MB of additional external program and data memory is supported through a dedicated word-wide memory bus with programmable wait states. Additional peripherals such as serial I/O, 16-bit timers, hardware math accelerator, ISO 7816 UART, and a USB controller increase system utility while reducing component count. System security is enhanced by the addition of highspeed cryptographic hardware accelerators for ECDSA, DSA, RSA, Secure Hash Algorithm, and triplekey 3DES. The embedded hash engine supports multiple hash functions recommended by the National Institute of Standards and Technology (NIST). The true hardware random-number generator (RNG) supports FIPS 186-2 with an available software library.
Features
High-Performance 32-Bit MAXQ30 RISC Core DC to 25MHz Operation, Approaching 1MIPS per MHz Dual 1.8V Core/3.3V I/O Enables Low Power/ Flexible Interfacing 5V Tolerant I/O Up to 32 General-Purpose I/O Pins 34 Instructions, Most Single Cycle Three Independent Data Pointers Accelerate Data Movement with Automatic Increment/Decrement Virtually Unlimited Software Stack 16-Bit Instruction Word, 32-Bit Internal Data Bus 16 x 32-Bit Accumulators Security Features 3DES-Encrypted External Memory Bus Prevents Eavesdropping Tamper Sensors Instantaneously "Zeroize" Internal Keys and User Data When: Out-of-Range Temperature/Voltage Detected User-Defined Self-Destruct Inputs (SDIx) Activated Internal Cryptographic Hardware Includes: DES Engine Supporting Single DES and 2/3-Key 3DES Operations Public-Key Cryptographic Accelerator for ECDSA (160-, 192-, and 256-Key Strength) Public-Key Cryptographic Accelerator for DSA and RSA (1024- and 2048-Key Strength) Hardware Hash Engine Supports SHA-1, SHA-224, and SHA-256 Unresettable True-Time Clock Self-Imposes Expiration Dates and Date/Timestamping Memory Features Secure Memory Protection Unit and 4KB Instruction Cache 512KB of Internal Flash Program Memory 3KB Internal Program Memory SRAM 32KB Internal Data SRAM, Including 1KB BatteryBacked NV SRAM Linear Address Space Directly Accesses Up to 8MB of External Program/Data Memory Peripheral Features USB Device Controller with Four Endpoint Buffers ISO 7816 UART with FIFO with Two Physically Separate Communication Buses Power Management Features In-System Programming Through Debug Port or Serial Port Ultra-Low Battery Leakage to Support NV RAM and Security Sensors (150nA)
See the Detailed Features section for complete list of features.
MAXQ1103
Applications
Electronic Commerce PCI Terminals PIN Pads ATM Keyboards EMVTM Banking Secure Access Control Secure Data Storage Pay-per-Play Certificate Authentication Electronic Signature Generator
Ordering Information
PART TEMP RANGE PINTAMPER PACKAGE RESPONSIVE Yes
MAXQ1103-ENS+ -40C to +85C 144 TQFP +Denotes a lead(Pb)-free/RoHS-compliant package.
Pin Configuration and Typical Application Circuit appear at end of data sheet. MAXQ is a registered trademark of Maxim Integrated Products, Inc. EMV is a trademark owned by EMVCo. LLC.
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device may be simultaneously available through various sales channels. For information about device errata, contact the factory.
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
ABRIDGED DATA SHEET
High-Performance Secure RISC Microcontroller
Functional Diagram
MAXQ1103
RANDOM-NUMBER GENERATOR (RNG)
CRC-16/32 GENERATOR
DES/3DES USER ENGINE
MULTIPLYACCUMULATE UNIT
SHA
MAXQ1103
32KIN 32KOUT GND2
INTERNAL 55MHz OSC REAL-TIME CLOCK 16K x 16 ROM 2048-BIT MODULO ARITHMETIC ACCELERATOR
USB USART 0 TIMER 2 JTAG 16K x 16 SRAM 512 x 16 SRAM EDGE INTERRUPTS TIMER 1 TIMER 3 PORT 1 PORT 0 USART 1 MMU TIMER 0 ISO 7816 UART AND FIFO PORT 3 PORT 2
VDDIO (+3.3V) VDD (+1.8V) VBAT (+3V) GND VDDO VRST PF
256K x 16 FLASH POWERSUPPLY MONITORING 1.5K x 16 SRAM INTERNAL PROGRAM MEMORY
INTERNAL DATA MEMORY
RESET PROG SDI[1:7] SDBE
HIGH/LOW TEMPERATURE SENSORS RESET AND DESTRUCT RESET EXTERNAL CODE INTEGRITY CHECKER MAXQ30 PIPELINED RISC CORE
WATCHDOG
INSTRUCTION CACHE 2K x 16
HFXIN HFXOUT
PLL (4X/2X) CLOCK GENERATION INTERNAL 20MHz OSC
DES/3DES PROGRAM MEMORY DECRYPTOR
DES KEYS
DATA MEMORY ENCRYPTOR/ DECRYPTOR
EXTERNAL PROGRAM AND DATA MEMORY INTERFACE
ED[31:0]
BATTERY BACKED
Note to readers: This document is an abridged version of the full data sheet. To request the full data sheet, go to www.maxim-ic.com/MAXQ1103 and click on Request Full Data Sheet.
______________________________________________________________________________________ 15
AD[19:0]
PES1
PCS1
PCS2
DCS1
PCS1N
PCS2N
DCS1N
DCS2
DCS2N
PES2
B0
B1
B2
R/W
B3


▲Up To Search▲   

 
Price & Availability of MAXQ1103-ENS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X