Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download MASW-007072-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007072-000100
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Features
* * * * * * * * * * * * Typical Isolation: 30 dB (2,000 MHz) Typical Insertion Loss: .75 dB (2,000 MHz) ASIC TTL/CMOS Driver Low DC Power Consumption 50 Ohm Nominal Impedance Tape and Reel Packaging Available Test Boards Available Lead-Free SOIC-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of SW65-0313 Rev. V3
Functional Schematic
VEE GND GND NC GND RF2 GND GND
C1 VCC GND NC GND RF1 GND RFC
Description
M/A-COM's MASW-007072-000100 is a GaAs MMIC absorptive SP2T switch with an integral silicon ASIC driver. This device is in a 16-lead plastic package. This switch offers excellent broadband performance and repeatability from DC to 3 GHz, while maintaining low DC power dissipation. The MASW007072-000100 is ideally suited for wireless infrastructure applications. Also available in a ceramic package with improved performance.
Pin Configuration1
Pin No.
1 2
Function
VEE GND GND NC GND RF2 GND GND
Pin No.
9 10 11 12 13 14 15 16
Function
RFC GND RF1 GND NC GND VCC C1
Ordering Information
Part Number
MASW-007072-000100 MASW-007072-0001TR MASW-007072-0001TB
3 4
Package
Bulk Packaging 1000 piece reel Sample Test Board 1.
5 6 7 8
NC = No Connection
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007072-000100
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Rev. V3
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Insertion Loss
Test Conditions
DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz DC - 1.0 GHz DC - 2.0 GHz DC - 3.0 GHz 10%/90%, 90%/10%2 50% TTL to 90%/10% RF In-band (peak to peak) .05 GHz .5 - 3.0 GHz Two tone inputs 0.05 GHz Up to +5 dBm 0.5 - 3.0 GHz -- -- LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Vcntrl = VCC or GND VCC = Max, Vcntrl = VCC - 2.1 V
Units
dB dB dB dB dB dB -- -- -- ns ns mV dBm dBm dBm dBm V V V V uA uA mA
Min
-- -- -- 35 27 21 -- -- -- -- -- -- -- -- -- -- +4.5 -8.0 0.0 2.0 -1.0 -- --
Typ
0.6 0.75 1.2 38 30 24 1.2:1 1.3:1 1.7:1 15 50 50 +25 +30 +40 +46 +5.0 -5.0 -- -- -- 250 --
Max
0.75 0.90 1.45 -- -- -- 1.3:1 1.4:1 1.9:1 50 150 150 -- -- -- -- 5.5 -4.75 0.8 5.0 1.0 400 1.0
Isolation (All arms off) VSWR
Trise Tfall Toff Ton Transients 1 dB Compression Input IP3 VCC VEE VIL VIH lin (Input Leakage Current) Icc (Quiescent Supply Current) Icc (Additional Supply Current Per TTL Input Pin) IEE
VEE min to max, Vin = VIL or VIH
mA
-1.0
-0.2
--
2. Decoupling capacitors (.01 F) are required on the power supply lines.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007072-000100
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Rev. V3
Absolute Maximum Ratings3,4
Parameter
Max. Input Power 0.05 GHz 0.5 - 3.0 GHz5 VCC VEE VCC - VEE Vin
6
Recommended PCB Configuration
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +7.0V -8.5V VEE +0.5V -0.5V VCC - VEE 14.5V -0.5V Vin VCC + 0.5V -40C to +85C -65C to +125C
Operating Temperature Storage Temperature
3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. 5. When the RF input is applied to the terminated port, the absolute maximum power is +30 dBm. 6. Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table (Switch)
C1
0 1 0 = TTL Low; 1 = TTL High
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
RF1
On Off
RF2
Off On
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007072-000100
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Rev. V3
Typical Performance Curves
Typical Insertion Loss (dB)
+ 2 5 C 1.5 + 8 5 C - 4 0 C
Typical VSWR
OF F 2.0 1.8 ON
VSWR (dB)
0.5 1.0 1.5 2.0 2.5 3.0
Loss (dB)
1.0
1.6 1.4 1.2
0.5
0.0 0.0
1.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Fre que ncy (GHz )
Frequency (GHz)
Typical Isolation (dB)
80 70
Isolation (dB)
60 50 40 30 20 0.0 0.5 1.0 1.5 2.0 2.5 3.0
Fre que ncy (GHz )
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007072-000100
GaAs SP2T Absorptive Switch with ASIC Driver, DC-3.0 GHz
Rev. V3
Lead-Free, SOIC-16
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007072-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X