Part Number Hot Search : 
HCU04 R2632 FSP3301 AX6641 4000B FP5ZC9V1 NTE3183 1308A
Product Description
Full Text Search
 

To Download MASW-007071-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASW-007071-000100
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
Features
* * * * * * * * * * * Operates DC - 4 GHz on Single Supply ASIC TTL / CMOS Driver Low DC Power Consumption 50 Ohm Nominal Impedance Test Boards are Available Tape and Reel are Available Lead-Free 4 x 6 mm PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of SW90-0002 Rev. V4
Pin Configuration1,2,3,4
Pin No.
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1. 2. 3. 4.
Function
NC GND RFC GND NC NC GND RF1 GND NC NC VEE NC VCC NC NC
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
NC C1 NC VCC NC NC CP1 CP2 NC VEE NC NC NC GND RF2 GND
Description
M/A-COM's MASW-007071-000100 is a SPDT absorptive pHEMT switch with integral TTL driver. This device is in an PQFN plastic surface mount package. This switch offers excellent broadband performance and repeatability from DC to 4 GHz, while maintaining low DC power dissipation. The MASW-007071-000100 is ideally suited for wireless infrastructure applications.
Ordering Information
Part Number
MASW-007071-000100 MASW-007071-0001TR MASW-007071-0001TB
Package
Bulk Packaging 1000 piece reel Sample Test Board
NC = No Connection VEE is internally generated and must remain isolated from external power supplies. Generated noise is typical of switching DC-DC Converters. Connections and external components shown in functional schematic are required. 0.1 F Capacitors need to be located near pins 20 & 26. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages)
Truth Table (Switch)
Control Input Condition of the Switch RF Common to each RF Port
C1 0 1 "0" = TTL Low RF1 Off On "1" = TTL High RF2 On Off
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007071-000100
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Insertion Loss Isolation VSWR VSWR 1 dB Compression Input IP3 Switching Speed
Rev. V4
Test Conditions
RFC--RF1,RF2 (Logic per truth table) RF1--RF2 (All Logic "0") On (RFC,RF1, RF2) (Logic per truth table) Off (RF1, RF2) (Logic per truth table) -- -- Two-tone inputs up to +5 dBm Ton (50% Control to 10% RF) Toff (50% Control to 90% RF) Trise (10% to 90% RF) Tfall (90% to 10% RF)
Frequency
DC - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz DC - 4.0 GHz 50 MHz 0.5 - 4.0 GHz 50 MHz 0.5 - 4.0 GHz -- -- -- -- -- -- -- -- -- -- --
Units
dB dB Ratio Ratio dBm dBm dBm dBm ns ns ns ns V V V uA mA mA mA
Min
-- 30 -- -- -- -- -- -- -- -- -- -- 4.5 0.0 2.0 -1.0 -- -- --
Typ
-- -- -- -- 18 29 36 46 31 19 6 2 5.0 -- -- -- 5 -- --
Max
1.8 -- 2.0:1 1.8:1 -- -- -- -- -- -- -- -- 5.5 0.8 5.0 1.0 8 125 1.0
Vcc VIL VIH lin (Input Leakage Current) Icc5 Turn-on Current
6
-- LOW-level input voltage HIGH-level input voltage Vin = VCC or GND Vcc min to max, Logic "0" or "1" For guaranteed start-up VCC = Max, Vcntrl = VCC - 2.1 V
Icc (Additional Supply Current Per TTL Input Pin) Switching Noise Thermal Resistance jc
Generated from DC-DC Converter with recommended capacitors --
3.5 MHz --
dBm C/W
-- --
-93 15
-- --
5. During turn-on, the device requires an initial start up current (Icc) specified as "Turn-on Current". Once operational, Icc will drop to the specified levels. 6. The DC-DC converter is guaranteed to start in 100 s as long as the power supplies have the maximum turn-on current available for start-up.
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007071-000100
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
Absolute Maximum Ratings7,8
Parameter
Max. Input Power 0.05 GHz 0.5 - 4.0 GHz9 VCC Vin10 Operating Temperature Storage Temperature
Rev. V4
Handling Procedures
Please observe the following precautions to avoid damage:
Absolute Maximum
+27 dBm +34 dBm -0.5V VCC +6.0V -0.5V Vin VCC + 0.5V -40C to +85C -65C to +125C
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
7. Exceeding any one or combination of these limits may cause permanent damage to this device. 8. M/A-COM does not recommend sustained operation near these survivability limits. 9. When the RF input is applied to the terminated port, the absolute maximum power is +30 dBm. 10.Standard CMOS TTL interface, latch-up will occur if logic signal is applied prior to power supply.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts.
Recommended PCB Configuration11
11. Application Note S2083 is available on line at www.macomtech.com 3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007071-000100
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
Functional Schematic12
Rev. V4
12. Dual Supply Operation will eliminate the start-up current mentioned in Note 5. It will also eliminate spurious signals caused by the DC-DC converter that are present in single supply operation.
Typical Performance Curves
Insertion Loss vs. Frequency
- 4 0 C 2.0 1.6 + 2 5 C
Isolation (dB) vs. Frequency
+ 8 5 C
90 75
RFC-RFn
O ut - O ut
Insertion Loss (dB)
Isolation (dB)
0 1000 2000 3000 4000
1.2 0.8 0.4 0.0
60 45 30 15 0 0 1000 2000 3000 4000
Fre que ncy (MHz )
Fre que ncy (MHz )
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MASW-007071-000100
GaAs SPDT Switch, Absorptive, Single Supply, DC-4.0 GHz
Rev. V4
Typical Performance Curves
On VSWR vs. Frequency
RFC 2.00 R F 1, R F 2
VSWR (Terminations) vs. Frequency
R F 1,R F 2 2.00 1.80
1.80 1.60
V SW R
VSWR
1.60 1.40 1.20 1.00
1.40 1.20
1.00 0 1000 2000 3000 4000
0
1000
2000
3000
4000
Fre que ncy (MHz )
Frequency (MHz)
CSP-1, Lead-Free 4 x 6 mm, 32-lead PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MASW-007071-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X