Part Number Hot Search : 
IRFU010 F222M250 90060 CPS1116 XC161 SMBJ10A PK40FG TMEGA32
Product Description
Full Text Search
 

To Download MAIA-007851-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Features
* Fully Integrated Buffer Amplifiers, Mixer, Power Amplifier * 0 to +7 dBm LO Drive * +3.6V Nominal Supply Voltage * +32.5 dBm Typical Output Power * PA Matching Included in Device * Lead-Free PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible * RoHS Compliant Rev. V1
Functional Block Diagram
28 27 26 25 24 23 22
1 2
21 20 Amp 19 RF IF LO PA Matching Network Buffer Amp
PA
3
4
18
5 6
17
Description
M/A-COM's MAIA-007851 is a 850-960 MHz, high efficiency, low cost transmit module designed for RFID applications. This module includes buffer amplifiers, a passive mixer, and a high efficiency power amplifier, encapsulated in a low cost, miniature surface mount PQFN 6 mm square, 28 lead plastic package. The dies utilize M/A-COM's unique HMIC silicon/glass and GaAs processes. The product performance maximizes the advantages provided by these processes with the realization of low loss passive elements and efficient diode technology which in turn provides excellent harmonic suppression and output noise performance. In addition, this module includes matching networks to achieve 50 ohm input and output impedances, therefore no external RF matching is required.
16 15
7
8
9
10
11
12
13
14
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9 10
Function
VDD3 (VCC1) VDD3 (VCS) N/C GND VDD3 (VCC2) PA OUT PA OUT GND GND VDD3 (VCC3) VDD3 (VCC3) GND VDD1 GND
Pin No.
15 16 17 18 19 20 21 22 23 24 25 26 27 28
Function
LO_IN GND GND IF_IN GND VDD2 GND RF_OUT GND GND GND VCTRL RF_IN GND
Applications
This transmit module is specifically targeted for the RFID market in the United States, European, and Japanese bands. This transmit module can also be used for other applications in the 850-960 MHz frequency range.
Ordering Information
Part Number
MAIA-007851-000100 MAIA-007851-0001TR MAIA-007851-0001TB
11 12
Package
Bulk Packaging 1000 piece reel Sample Test Board
13 14
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) Pin 3 is an internal tie point and must not be connected to any external circuitry.
Note: Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Electrical Specifications: TA = 25C, Z0 = 50
Unless otherwise noted: LO_IN= +5 dBm, IF_IN= 10 mA DC, VDD1=VDD2=VDD3= +3.6V, VCTRL=2.6 V
Parameter
Frequency PA Output Power (Saturated) Power Added Efficiency 2nd Harmonic (PA Output) 3rd Harmonic (PA Output) VCTRL ICTRL RF_OUT Power PA Output VSWR PA Input VSWR LO Port VSWR LO_IN Power IF 1 dB Bandwidth VDD1 VDD2 VDD3 IDD1 IDD2 IDD3
Rev. V1
Test Conditions
PA only Measured on Sample Board--includes 6 dB pad IF Port is DC coupled VDD1 = +3.3V (Min), +3.6V (Typ), +3.9V (Max) VDD2 = +3.3V (Min), +3.6V (Typ), +3.9V (Max) VDD3 = +3.3V (Min), +3.6V (Typ), +3.9V (Max)
Units
MHz dBm % dBc dBc V mA dBm Ratio Ratio Ratio dBm MHz Volts Volts Volts mA mA mA
Min
850 0.0 --0 25 3.3 3.3 3.3 -
Typ
32.5 40 -36 -60 4.0 6.0 1.9:1 2.6:1 2.0:1 3.6 3.6 3.6 60 30 1200
Max
960 -27 3.3 10.0 --7 3.9 3.9 3.9 -
Absolute Maximum Ratings 1,2
Parameter
VDD1, VDD2, VDD3 VCTRL Incident Power - IF_IN Incident Power - LO_IN Incident Power - RF_IN Operating Temperature Storage Temperature
Absolute Maximum
-0.5V to +5.0V -0.5V to +3.8V +20 dBm +15 dBm +8 dBm -30C to +70C -40C to +125C
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide and Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
1. Exceeding any one or combination of these limits may cause permanent damage to this device. 2. M/A-COM does not recommend sustained operation near these survivability limits. 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Typical Performance Curves
Saturated Output Power vs. Frequency: Power Amplifier Side--pulsed (dBm)
-30C
Saturated Output Power (dBm)
35.0 34.0 33.0 32.0 31 .0
Rev. V1
Output Power vs. Vctrl @ F=915MHz
25C
40
70C
Output Power (dBm)
30 20 1 0
70C
25C
0 -1 0
30.0 845 875 905 935 965
-30C
1 .5 1 .7 1 .9 2.1 2.3 2.5 2.7 2.9 3.1
Fre quency (MHz )
Vctrl (V)
Output Power vs. VDD3 @ F=915 MHz Vctrl = 2.7V
Efficiency vs. VDD3 @ F=915 MHz Vctrl = 2.7V
40
50
Output Power (dBm)
30 20 1 0 0 0.0 0.5 1 .0 1 .5 2.0 2.5 3.0 3.5 4.0
Efficiency (%)
40 30 20 1 0 0.0 0.5 1 .0 1 .5 2.0 2.5 3.0 3.5 4.0
VDD3 (Vctrl = 2.7 MHz )
VDD3 (Vctrl = 2.7 MHz)
Ictrl vs. Vctrl @ F=915MHz
IDD3 vs. Vctrl @ F=915MHz
-30C
1 0 8 6
25C
2000 1 600
IDD3 (mA)
I ctrl (mA)
1 200 800 400 0
70C
4
-30C
2
70C
25C
0 1 .5 1 .7 1 .9 2.1 2.3 2.5 2.7 2.9 3.1
1 .5
1 .7
1 .9
2.1
2.3
2.5
2.7
2.9
3.1
Vctrl (V)
Vctrl (V)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Typical Performance Curves
Vctrl at +31.5 (+/- 0.2 dBm) output power
Rev. V1
Vctrl at +31.5 dBm O/P (V)
4.0 3.5 3.0 2.5 2.0 1 .5 845
875
905
935
965
Frequency (MHz)
2nd Harmonics vs. Frequency: Power Amplifier Side (dBc), Pout = +31.5 dBm
3rd Harmonics vs. Frequency: Power Amplifier Side (dBc), Pout = +31.5 dBm
0
-30
Harmonics (dBc)
-1 0 -20 -30 -40 845 875 905 935 965
Harmonics (dBc)
-40 -50 -60 -70 845 875 905 935 965
Freque ncy (MHz )
Fre quency (MHz )
2nd Harmonics vs. Frequency: Power Amplifier Side (dBc), Pout = +32.5 dBm
3rd Harmonics vs. Frequency: Power Amplifier Side (dBc), Pout = +32.5 dBm
0
-30
Harmonics (dBc)
-1 0 -20 -30 -40 845 875 905 935 965
Harmonics (dBc)
-40 -50 -60 -70 845 875 905 935 965
Freque ncy (MHz )
Fre quency (MHz )
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Typical Performance Curves
Output Power vs. Frequency: Mixer Side (dBm); LO = +5 dBm, IF_IN = 10 mA DC Measured on Sample Board. Includes 6 dB pad.
-30C
Mixer Output Pwr (dBm)
1 5 1 0 5 0 -5 845 875 905
Rev. V1
2nd Harmonics vs. Frequency: Mixer Side (dBc)
70C
-1 5
25C
Harmonics (dBc)
-20 -25 -30
-30C
-35 845 875 905 935
70C
935 965
25C
965
Fre que ncy (MHz )
Fre que ncy (MHz )
3rd Harmonics vs. Frequency: Mixer Side (dBc)
70C
-1 5
25C
Harmonics (dBc)
-20 -25
-30C
-30 -35 845 875 905 935 965
Fre que ncy (MHz )
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * China Tel: +86.21.2407.1588 * India Tel: +91.80.4155721 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Applications OOK Modulation
A common form of modulation used in RFID is On-Off Keying (OOK), also known as 2-level ASK. One level is the desired maximum power output, typically 1 Watt. The second level is usually the carrier-off level, the minimum that can be produced. For applications where 1 Watt output is desired, OOK modulation is easily produced by applying the modulation signal to the VCTRL pin as shown in figure 1. To control the radiated RF spectrum, simple R-C shaping is applied to the modulation signal. To maintain high efficiency in applications requiring less than 1 Watt output, the circuit shown in figure 2 is recommended. This configuration allows the PA stage to operate in compression, increasing the efficiency. VCTRL is kept fixed at +2.7 volts, while VDD3 is adjusted to produce the desired RF power output. As in figure 1, the shaped modulation signal is applied to the VCTRL pin.
Rev. V1
Figure 1. OOK modulation at 1 Watt RF Output.
Figure 2. OOK modulation at <1 Watt RF Output.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * China Tel: +86.21.2407.1588 * India Tel: +91.80.4155721 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Schematic with Off-Chip Components
Rev. V1
Qty 1 1 2 1 2 6 1 4 3 2 2 1
Part Number MAIA-007851-000100 0402CS-68NXJLW LL1608-FSL22NJ 0906-5JLC
Description Transmit Module Inductor, Chip, 68nH, 5%, Coilcraft Inductor, Chip, 22nH, 5% Inductor, 5.45nH, 5%, Coilcraft Capacitor,0402,10V, 10%, X5R,0.1uF,SMT Capacitor,0402,50V,COG,5%, 100pF,SMT Capacitor,0402,50V, 5%, 470pF,COG,SMT Capacitor,0402,50V, 10%, 1000pF,COG,SMT Capacitor,0805,10V,X5R,10%,3.3uF,SMT Resistor,0402,0 Ohms,SMT Resistor,0402,1%,143 Ohms, SMT Resistor,0402,1%,39.2 Ohms, SMT
Designator U1 L1 L16,L17 L18 C8, C17 C14,C16,C29,C30,C32,C34 C7 C9,C20,C21,C22 C23,C24,C25 R1,R5 R2,R3 R6
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * China Tel: +86.21.2407.1588 * India Tel: +91.80.4155721 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Sample Board Pin Configuration
Rev. V1
Pin Configuration J1
Pin No. 1 2 3 4 5 Function VDD3 VDD3 GND GND VCTRL Pin No. 6 7 8 9 10 Function N/C VDD2 VDD1 GND GND
1 3
2
9
10
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * China Tel: +86.21.2407.1588 * India Tel: +91.80.4155721 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007851-000100
Transmit Module for RFID 850-960 MHz
Lead free, 6x6 mm, 28-Lead PQFN
Rev. V1
Reference Application Note M538 for lead-free solder reflow recommendations.
9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * China Tel: +86.21.2407.1588 * India Tel: +91.80.4155721 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAIA-007851-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X