Part Number Hot Search : 
KG09RT FPI40120 PI49FCT 10MDRA SMA6010 IRG4B 42903 74HC2440
Product Description
Full Text Search
 

To Download MAIA-007150-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MAIA-007150-000100
Vector Modulator, 1.94 to 2.24 GHz
Features
* * * * * * * * * * * Operates 1.94 to 2.24 GHz Low Amplitude Ripple Linear Phase 50 Ohm nominal impedance Continuously Variable Across a Full 360 degree range Test Boards to be Available Lead-Free 4x6 mm PQFN Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible RoHS* Compliant Version of SA90-0001 Rev. V3
Functional Schematic
Description
M/A-COM's MAIA-007150-000100 is a Vector Modulator that significantly reduces the required board space compared to hybrid solutions. The monolithic passive elements will lead to greater repeatability lot-to-lot. Low amplitude ripple will provide superior performance. High intercept and compression points will contribute to more linear system performance. MAIA-007150-000100 is ideally suited for wireless infrastructure applications. M/A-COM's MADR-007131-000100 Dual Linearizer is designed to simplify the control of Vector Modulators. See Figure 1 and App Note AN3001.
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8 9
Function
NC NC NC NC NC NC NC NC BIAS 1A NC GND RF IN GND NC BIAS 2A NC
Pin No.
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Function
NC NC NC NC NC NC NC BIAS 2B NC GND RF OUT GND NC BIAS 1B NC NC
Ordering Information
Part Number
MAIA-007150-000100 MAIA-007150-0001TR MAIA-007150-0001TB
10 11
Package
Bulk Packaging 1000 piece reel Sample Test Board
12 13 14 15 16
Note: Reference Application Note M513 for reel size information.
The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007150-000100
Vector Modulator, 1.94 to 2.24 GHz
Electrical Specifications: TA = 25C, Z0 = 50
Parameter
Impedance Reference Loss Attenuation Range Phase Shift Range Amplitude Ripple
Rev. V3
Test Conditions
-- Z = 50 Z = 50 Above Reference Loss Z = 50, Over minimum Attenuation Range Z = 50, Ref Loss Z = 50, 5 dB above Ref Loss Z = 50, 10 dB above Ref Loss Z = 50, Ref Loss Z = 50, 5 dB above Ref Loss Z = 50, 10 dB above Ref Loss Z = 50, Ref Loss Z = 50, 5 dB above Ref Loss Z = 50, 10 dB above Ref Loss Z = 50, Ref Loss Z = 50, 5 dB above Ref Loss Z = 50, 10 dB above Ref Loss Over 10 dB Attenuation Range Over 10 dB Attenuation Range Over 10 dB Attenuation Range Over 10 dB Attenuation Range 50% Control to 10%/90% RF --
Frequency
-- 1.94--2.34 GHz 1.94--2.34 GHz 1.94--2.34 GHz 2.08--2.20 GHz 2.08--2.20 GHz 2.08--2.20 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.08--2.20 GHz 2.08--2.20 GHz 2.08--2.20 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz 2.04--2.24 GHz -- --
Units
dB dB deg dB dB dB dB dB dB deg deg deg deg deg deg dB dBm dBm dB ns mA
Min
-- -13.5 10 0 -- -- -- -- -- -- -- -- -- -- -- -- 15 -- -- -- -- --
Typ
50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- +41 +29 -- 500 --
Max
-- -10.0 -- 360 0.2 0.25 0.3 0.35 0.4 0.5 0.5 1.0 1.5 1.0 1.5 2.0 -- -- -- Note 1 -- 100
Deviation from Linear Phase
Return Loss Input IP3 Input P1dB Noise Figure Switching Speed I Supply
1. Noise figure is approximately equal to the absolute attenuation.
Recommended PCB Configuration
Absolute Maximum Ratings2,3
Parameter
Max. Input Power 1.5 t6 2.0 GHz Other Frequencies DC Voltages4 Vbias1 or Vbasis2 DC Current Operating Temperature Storage Temperature
Absolute Maximum
+34 dBm +24 dBm +1.0V 50 mA Max per Bias -40C to +85C -65C to +125C
2. Exceeding any one or combination of these limits may cause permanent damage to this device. 3. M/A-COM does not recommend sustained operation near these survivability limits. 4. Note that external dropping resistors are required to limit the current and voltage on the PIN diodes. 2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007150-000100
Vector Modulator, 1.94 to 2.24 GHz
Phase and Attenuation of MAIA-007150-000100, Vector Modulator Linearized with MADR-007131-000100 Dual Linearizer5,6,7,8 Figure 1A
(y) 90
Rev. V3
45
bias 1 = 0.0V 0.5V 1.0V 1.5V 2.0V 2.5V 3.0V 3.5V bias 1 = 5.0V
bias 2 = 5.0V 3.5V 3.0V 2.5V 2.0V 1.5V 1.0V 0.5V bias 2 = 0.0V
(x) 0
Figure 1B
bias 1 = 0V bias 2 = +5V bias 1 = 0V bias 2 = 0V (y) 90 45
Loss = 22 dB Loss = 17 dB Loss = 12 dB
(x) 0 bias 1 = +5V bias 2 = +5V
bias 1 = +5V bias 2 = 0V
Reflection coefficient = 0.5
3
5. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V. Reflection coefficients vary from -0.5 to +0.5 on both the x and y axes. 6. Data is for vector modulators driven by linearizers per attached schematic. 7. Inputs to the linearizers vary from 0 to 5V. 8. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007150-000100
Vector Modulator, 1.94 to 2.24 GHz
Phase and Attenuation of MAIA-007150-000100 vs. Bias Current9,10 Figure 2A
(y) 90
Rev. V3
45 bias 1 = 0 A 4 A 9 A 17 A 33 A 62 A 112 A 205 A 690 A 2.3 mA 6.7 mA 15 mA bias 2 = 15 mA 6.7 mA 2.3 mA 690 A 205 A 112 A 62 A 33 A 17 A 9 A 4 A 0 A (x) 0
Figure 2B
bias 1 = 0 A bias 2 = 0 A (y) 90 bias 1 = 0 A bias 2 = 15 mA
45
(x) 0 bias 1 = 15 mA bias 2 = 15 mA
bias 1 = 15 mA bias 2 = 0 A Reflection coefficient = 0.5
Reflection coefficient = 0.6
9. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1. Reflection coefficients vary from -0.6 to +0.6 on both the x and y axes. 10.The phase with the inputs to both linearizers set to +15mA is arbitrarily called zero degrees. 4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MAIA-007150-000100
Vector Modulator, 1.94 to 2.24 GHz
Handling Procedures
Please observe the following precautions to avoid damage: Rev. V3
Schematic with Off-Chip Components
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Moisture Sensitivity
The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts.
CSP-6, Lead-Free, 4 x 6 mm, 32-lead, PQFN
Reference Application Note M538 for lead-free solder reflow recommendations.
5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAIA-007150-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X