![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz Features * Operation Bands 1.90 to 2.02 GHz & 1.94 to 2.34 GHz * Low Amplitude Ripple * Linear Phase * 50 ohm nominal impedance * Continuously Variable Across a Full 360 degree range * Test Boards to be Available * Lead-Free 4x6 mm PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible * RoHS* Compliant Version of MAMDCC0006 Rev. V3 Functional Schematic Description M/A-COM's MAIA-007143-000100 is a Vector Modulator that significantly reduces the required board space compared to hybrid solutions. The monolithic passive elements will lead to greater repeatability lot-to-lot. Low amplitude ripple will provide superior performance. High intercept and compression points will contribute to more linear system performance. MAIA-007143-000100 is ideally suited for wireless infrastructure applications. M/A-COM's MADR-007131-000100 Dual Linearizer is designed to simplify the control of Vector Modulators. See Figure 1 and App Note AN3001. Pin Configuration Pin No. 1 2 3 4 5 6 7 8 9 10 Function NC NC NC NC NC NC NC NC BIAS 1A NC GND RF IN GND NC BIAS 2A NC Pin No. 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 Function NC NC NC NC NC NC NC BIAS 2B NC GND RF OUT GND NC BIAS 1B NC NC Ordering Information Part Number MAIA-007143-000100 MAIA-007143-0001TR MAIA-007143-0001TB 11 12 Package Bulk Packaging 1000 piece reel Sample Test Board 13 14 15 16 Note: Reference Application Note M513 for reel size information. The exposed pad centered on the package bottom must be connected to RF and DC ground. (For PQFN Packages) * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz Electrical Specifications: TA = 25C, Z0 = 50 Parameter Impedance Reference Loss 2 Rev. V3 Test Conditions -- Z = 50 ohms Z = 50 ohms Z = 50 ohms Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Z = 50 ohms, Ref Loss Z = 50 ohms, 5 dB above Ref Loss Z = 50 ohms, 10 dB above Ref Loss Over 10 dB Attenuation Range Over 10 dB Attenuation Range Over 10 dB Attenuation Range Over 10 dB Attenuation Range Output Modulation Lowered 3 dB Frequency -- 1.90 - 2.02 GHz 2.04 - 2.24 GHz 1.90 - 2.34 GHz 1.90 - 2.34 GHz 2.08 - 2.20 GHz 2.08 - 2.20 GHz 2.08 - 2.20 GHz 2.04 - 2.24 GHz 2.04 - 2.24 GHz 2.04 - 2.24 GHz 1.90 - 2.02 GHz 1.90 - 2.02 GHz 1.90 - 2.02 GHz 2.08 - 2.20 GHz 2.08 - 2.20 GHz 2.08 - 2.20 GHz 2.04 - 2.24 GHz 2.04 - 2.24 GHz 2.04 - 2.24 GHz 1.90 - 2.02 GHz 1.90 - 2.02 GHz 1.90 - 2.02 GHz 2.04 - 2.24 GHz 1.90 - 2.20 GHz 1.90 - 2.24 GHz 1.90 - 2.24 GHz 1.90 - 2.24 GHz -- Units dB dB dB deg dB dB dB dB dB dB dB dB dB deg deg deg deg deg deg deg deg deg dB dB dBm dBm dB MHz Min -- -16 -12.5 10 0 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 15 8 -- -- -- -- Typ 50 -- -- -- -- 0.06 0.10 0.14 0.09 0.15 0.20 0.06 0.10 0.14 -- -- -- -- -- -- -- -- -- -- -- +41 +29 Note 1 3.5 Max -- -11 -10 -- 360 0.15 0.20 0.25 0.25 0.33 0.40 0.35 0.45 0.50 0.5 1.0 1.5 1.0 1.5 2.0 1.0 1.2 1.2 -- -- -- -- -- -- Attenuation Range Phase Shift Range Amplitude Ripple Amplitude Ripple Amplitude Ripple Deviation from Linear Phase Deviation from Linear Phase Deviation from Linear Phase Return Loss Input IP3 Input P1dB Noise Figure Control Bandwidth 1. Noise figure is approximately equal to the absolute attenuation. 2. Reference loss is defined as the minimum loss where all phases from 0 to 360 can be realized. Reference loss can be reached with currents of less than 25 mA on Bias 1 and Bias 2. 2 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz Recommended PCB Configuration Absolute Maximum Ratings 3,4 Parameter Max. Input Power 1.5 to 2.0 GHz Other Frequencies DC Voltages5 Vbias1 or Vbias2 DC Current Operating Temperature Storage Temperature Rev. V3 Absolute Maximum +34 dBm +24 dBm +1.0V 50 mA Max per Bias -40C to +85C -65C to +125C 3. Exceeding any one or combination of these limits may cause permanent damage to this device. 4. M/A-COM does not recommend sustained operation near these survivability limits. 5. Note that external dropping resistors are required to limit the current and voltage on the PIN diodes. Schematic with Off-Chip Components Handling Procedures Please observe the following precautions to avoid damage: Static Sensitivity Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices. Moisture Sensitivity The MSL rating for this part is defined as Level 2 per IPC/JEDEC J-STD-020. Parts shall be stored and/or baked as required for MSL Level 2 parts. 3 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz Phase and Attenuation of MAIA-007143-000100, Vector Modulator Linearized with MADR-007131-000100 Dual Linearizer6,7,8,9 Figure 1A (y) 90 Rev. V3 45 bias 1 = 0.0V 0.5V 1.0V 1.5V 2.0V 2.5V 3.0V 3.5V bias 1 = 5.0V bias 2 = 5.0V 3.5V 3.0V 2.5V 2.0V 1.5V 1.0V 0.5V bias 2 = 0.0V (x) 0 Figure 1B bias 1 = 0V bias 2 = +5V bias 1 = 0V bias 2 = 0V (y) 90 45 Loss = 22 dB Loss = 17 dB Loss = 12 dB (x) 0 bias 1 = +5V bias 2 = +5V bias 1 = +5V bias 2 = 0V Reflection coefficient = 0.5 4 6. Tic marks on x,y axes refer to reflection coefficient in increments of 0.1V. Reflection coefficients vary from -0.5 to +0.5 on both the x and y axes. 7. Data is for vector modulators driven by linearizers per attached schematic. 8. Inputs to the linearizers vary from 0 to 5V. 9. The phase with the inputs to both linearizers set to +5V is arbitrarily called zero degrees. ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz Phase and Attenuation of MAIA-007143-000100 vs. Bias Current10,11 Figure 2A (y) 90 Rev. V3 45 bias 1 = 0 A 4 A 9 A 17 A 33 A 62 A 112 A 205 A 690 A 2.3 mA 6.7 mA 15 mA bias 2 = 15 mA 6.7 mA 2.3 mA 690 A 205 A 112 A 62 A 33 A 17 A 9 A 4 A 0 A (x) 0 Figure 2B bias 1 = 0 A bias 2 = 0 A (y) 90 bias 1 = 0 A bias 2 = 15 mA 45 (x) 0 bias 1 = 15 mA bias 2 = 15 mA bias 1 = 15 mA bias 2 = 0 A Reflection coefficient = 0.5 Reflection coefficient = 0.6 10.Tic marks on x,y axes refer to reflection coefficient in increments of 0.1. Reflection coefficients vary from -0.6 to +0.6 on both the x and y axes. 11.The phase with the inputs to both linearizers set to +15mA is arbitrarily called zero degrees. 5 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. MAIA-007143-000100 Vector Modulator, 1.94 to 2.34 GHz CSP-6, Lead-Free, 4 x 6 mm, 32-lead, PQFN Rev. V3 Reference Application Note M538 for lead-free solder reflow recommendations. 6 ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice. |
Price & Availability of MAIA-007143-000100
![]() |