Part Number Hot Search : 
ESD9B5VD TA5010 E213I NS320 25001 15KP40CA 015L00 PIC16F
Product Description
Full Text Search
 

To Download MAC04012 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MODULES
MAC 04 Series
4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
Features
* * * * * 2:1 Input range Meet EN55022 class B 500 VDC isolation voltage 24-pin DIP Package Efficiency to 80 %
Specifications
INPUT Nominal voltage Voltage range Isolation Filter OUTPUT Power Regulation 5W to 6W. Line:0.5%. Load:Single: 0.5 %. 10% min load is required to meet specification. Dual:1%. 25% min load is required to meet specification 2%. 5 V:max. 100 mVp-p. 12/15 V:max. 1% p-p. Fold-back. Approx 80% of output current at short circuit. 0.05 %/C. 70-80 %. -25C to +71C. -40C to +100C. Convection. 200 000 hours at 25C ambient. Min. 100 kHz. 650 pF. Non-conductive black plastic. 12.7 x 20.3 x 31.8 mm. 15g. EN55022 class B. AS/NZS CISPR11 Group 1 Class A 12V, 24V, 48V. 9-18V, 18-36V, 36-72V. 500VDC (3kV available). PI-type
Technical Illustrations
Setting accuracy Ripple and noise Short circuit protection Temp coefficient Efficiency ENVIRONMENTAL Operating temperature Storage temperature Cooling GENERAL MTTF Switching frequency Equivalent capacitance Case Dimensions (H x W x L) Weight STANDARDS EMI standards C-Tick
156
MAC 04 Series
4-6 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MODULES
Selection Table
POWERBOX ARTICLE NUMBER MAC 04 003 MAC 04 006 MAC 04 009 MAC 04 012 MAC 04 015 MAC 04 018 MAC 04 021 MAC 04 024 MAC 04 027 MAC 04 030 MAC 04 033 MAC 04 036 MAC 04 039 MAC 04 042 MAC 04 045 MAC 04 048 MAC 04 051 MAC 04 054 MAC 04 057 MAC 04 060 MAC 04 063 INPUT VOLTAGE VDC 9-18 9-18 9-18 9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36 18-36 18-36 18-36 36-72 36-72 36-72 36-72 36-72 36-72 36-72 OUTPUT VOLTAGE VDC 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 3.3 5 12 15 5 12 15 OUTPUT CURRENT MA 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190 1000 1000 470 400 500 230 190 INPUT CURRENT NO LOAD MA 7.5 7.5 7.5 7.5 12 12 12 5 5 5 5 7.5 7.5 7.5 2 2 2 2 3 3 3 INPUT CURRENT FULL LOAD MA 405 545 585 625 545 575 590 195 265 285 305 265 285 295 98 133 145 154 265 142 147
For isolation voltage 3kV add suffix -H to the article number. Ex MAC 04 003H.
Standard Pin Connection 500VDC
PIN 1 2 3 9 10 11 12 13 14 15 16 17 22 23 24 SINGLE OUTPUT +V Input NC NC NP -V Output +V Output -V Input -V Input +V Output -V Output NP NP NC NC +V Input DUAL OUTPUT +V Input -V Output Common NP Common +V Output -V Input -V Input +V Output Common NP NP Common -V Output +V Input
Pin Connection 3KVDC
PIN
1 2 3 9 10 11 12 13 14 15 16 17 22 23 24
SINGLE OUTPUT
NP -V Input -V Input NC NC NC NP NP +V Output NC -V Output NP +V Input +V Input NP
DUAL OUTPUT
NP -V Input -V Input Common NC -V Output NP NP +V Output NC Common NP +V Input +V Input NP
Your dependable power partner - www.powerbox.com.au
157


▲Up To Search▲   

 
Price & Availability of MAC04012

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X