Part Number Hot Search : 
SDTB6D8Q FR520 70M00 HMC2003 AS2520P BZ5239CC 663300 T54FC
Product Description
Full Text Search
 

To Download MA4EXP950H1-1277T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA4EXP950H1-1277T
Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Features
* * * * * * * * + 35 dBm Typical Input IP3 8. 3 dB Typical Conversion Loss + 15 to + 19 dBm LO Drive Fully Balanced Passive Mixer NO External Matching Required Low Cost Miniature Plastic MLP Package RoHS* Compliant with 260 C. Reflow Capability 100% MATTE Tin Plating Rev. V2
MLP 3mm Package (Circuit Side View)
Description and Applications
M/A-COM's MA4EXP950H1-1277T is a silicon monolithic 850-1050 MHz, high barrier, double balanced mixer in a low cost, miniature surface mount FQFP-N 3mm Square, 16 lead plastic package. The die uses M/A-COM's unique HMIC silicon/glass process to realize low loss passive elements while retaining the advantages of high barrier silicon schottky barrier diodes to produce a compact device. These mixers are well suited for GSM and CDMA cellular basestation infrastructure applications where small size and high performance is required. Typical applications include frequency conversion, modulation, and demodulation in wireless receivers and transmitters.
PIN 1 PIN 16
PIN Configuration
PIN
1 2 3 4 5 6 7 8
Function
N/C N/C LO N/C N/C N/C N/C N/C
PIN
9 10 11 12 13 14 15 16
Function
N/C RF N/C N/C N/C IF N/C N/C
Absolute Maximum Ratings 1,2
Parameter
Operating Temperature Storage Temperature Incident LO Power Incident RF Power Soldering Temperature
Maximum Ratings
-40 C to +85 C -65 C to +150 C +20 dBm C.W. +20 dBm C.W.
Ordering Information
Part Number
MA4EXP950H1-1277T
Package
Tape and Reel
Mixer Schematic
IF RF LO
+260 C
1. Exceeding these limits may cause permanent damage. 2. Please refer to application note M538 for surface mounting instructions.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4EXP950H1-1277T
Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Electrical Specifications TA = 25 C
Parameter
Conversion Loss L - R Isolation L - I Isolation R - I Isolation RF VSWR IF VSWR LO VSWR Input IP3 Input 1 dB Compression IF1 dB Bandwidth
Rev. V2
Frequency Range
850 MHz 850-1050 MHz 850 MHz 850-1050 MHz 850 MHz 850-1050 MHz 850 MHz 850-1050 MHz 850 MHz 850-1050 MHz DC - 500 MHz 850 MHz 850-1050 MHz 850 MHz 850-1050 MHz 850 MHz 850-1050 MHz DC-200 MHz
Test Conditions
LO Drive = +19 dBm RF = -10 dBm, IF = 60 MHz LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBmm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +17 dBm RF Level = -10 dBm LO Drive = +19 dBm RF = -10 dBm, IF = 60 MHz LO Drive = +17 dBm IF = 60 MHz LO = 850 MHz @ +17dBm
Units
dB dB dB dB
Min.
0
Avg.
8.1 8.3 58.0 55.0 49.0 44.0 30.0 28.0 1.50:1 2.20:1 1.70:1 2.1:1 1.7:1 32.0 33.0 12.1 12.7 -
Max.
9.5 9.5 -
Ratio Ratio Ratio dBm dBm
200
MHz
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4EXP950H1-1277T
Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
Typical Performance Curves (LO Drive = +17 dBm, RF = -10 dBm, IF = 60 MHz)
Conversion Loss
PLO = 17 dBm - 6.0 - 6.5
Conversion Loss (dB)
Rev. V2
Isolation
PLO = 19 dBm
R- I 0 - 10
Isolation (dB)
L- I
L- R
- 7.0 - 7.5 - 8.0 - 8.5 - 9.0 - 9.5 - 10.0 850 900 950 1000 1050
- 20 - 30 - 40 - 50 - 60 - 70 850
900
950
1000
1 050
Frequency (MHz)
Frequency (MHz)
RF VSWR
R -Port 3.5 L-Port
IF VSWR
3.5 3.0
3.0
VSWR
2.5
IF VSWR
2.5 2.0 1 .5
2.0
1.5
1 .0
1.0 850
50
875 900 925 950 975 1000 1025 1050
1 00
1 50
200
250 300
350
400 450
500
F re que nc y ( M H z)
Frequency (MHz)
Input IP3 and 1 dB Compression Point
PLO=1 7dBm 40 35 30 25 20 1 5 1 0 5 0 850 900 950 1 000 1 050 PLO=1 9dBm Typical 1 Compression dB
IP3 (dDm)
Frequency (MHz)
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.
MA4EXP950H1-1277T
Silicon Double Balanced HMIC Mixer 850 - 1050 MHz
MA4EXP950H1-1277T Outline - 3mm FQFP-N 16 Lead Saw Singulated
Rev. V2
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 / Fax: 978.366.2266 is considering for development. Performance is based on target specifications, simulated results, * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 and/or prototype measurements. Commitment to develop is not guaranteed. * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Visit www.macomtech.com for additional data sheets and product information. Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed.
changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MA4EXP950H1-1277T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X