Part Number Hot Search : 
40HFR40M T3474 MAD24051 25P10 2SD1288 FM1233AC 2E1C2 HUR6060
Product Description
Full Text Search
 

To Download LMD5711-2CSR-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only DOT MATRIX LED DISPLAY(1.2Inch)
LMD5711/2CSR-XX
DATA SHEET
DOC. NO REV. DATE
: :
QW0905- LMD5711/2CSR-XX A
: 31 - May - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 1/7
Package Dimensions
4.57X4=18.28 (0.72")
8.1 (0.319")
4.57X6=27.42 (1.08")
31.7 (1.248")
22.86 (0.9")
r 3.0(0.118")
22.6(0.89")
LMD5711/2CSR-XX LIGITEK
r 0.51 TYP.
2.54X6=15.24 (0.6")
5.9O 0.5
PIN NO.1
Note : 1.All dimension are in millimeters and (lnch) tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 2/7
Internal Circuit Diagram
LMD5711CSR-XX COLUMN ROW PIN
1 13 2 3 3 4 5 6
4,11 10
1 2 3 4 5 6 7
9 14 8 5 12 1 7 2
LMD5712CSR-XX COLUMN ROW PIN
1 13 2 3 3 4 5 6
4,11 10
1 2 3 4 5 6 7
9 14 8 5 12 1 7 2
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 3/7
Electrical Connection
PIN NO.1 1 2 3 4 5 6 7 8 9 10 11 12 13 14
LMD5711CSR-XX Anode Row 5 Anode Row 7 Cathode Column 2 Cathode Column 3 Anode Row 4 Cathode Column 5 Anode Row 6 Anode Row 3 Anode Row 1 Cathode Column 4 Cathode Column 3 Anode Row 4 Cathode Column 1 Anode Row 2
PIN NO.1 1 2 3 4 5 6 7 8 9 10 11 12 13 14
LMD5712CSR-XX Cathode Row 5 Cathode Row 7 Anode Column 2 Anode Column 3 Cathode Row 4 Anode Column 5 Cathode Row 6 Cathode Row 3 Cathode Row 1 Anode Column 4 Anode Column 3 Cathode Row 4 Anode Column 1 Cathode Row 2
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 4/7
Absolute Maximum Ratings at Ta=25 J
Ratings Parameter Symbol SR Forward Current Per Chip Peak Forward Current Per Chip (Duty 1/10,0.1ms Pulse Width) Power Dissipation Per Chip Reverse Current Per Any Chip Operating Temperature Storage Temperature IF 30 mA UNIT
IFP
100
mA
PD Ir Topr Tstg
100 10 -25 ~ +85 -25 ~ +85
mW
g A J J
Solder Temperature 1-16 Inch Below Seating Plane For 3 Seconds At 260 J
Part Selection And Application Information(Ratings at 25J )
Electrical
PART NO
common cathode or anode Material Emitted
CHIP
Column Cathode Row Anode Column Anode Row Cathode
f P (nm)
f
(nm)
Min.
Vf(v)
Iv(mcd) Typ.
IV-M
Typ. Max. Min.
LMD5711CSR-XX
GaAlAs
LMD5712CSR-XX
Red
660
20
1.5
1.7
2.4
5.0
8.5
2:1
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 5/7
Test Condition For Each Parameter
Parameter Forward Voltage Per Chip Luminous Intensity Per Chip Peak Wavelength Spectral Line Half-Width Reverse Current Any Chip Luminous Intensity Matching Ratio
Symbol Vf Iv
Unit volt mcd nm nm
Test Condition If=20mA If=10mA If=20mA If=20mA Vr=5V
f p f
Ir IV-M
g A
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711CSR-XX Page 6/7
Typical Electro-Optical Characteristics Curve
SR CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
3.0
1000
Forward Current(mA)
100
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0.0
10 1.0
0.1 1.0 2.0 3.0 4.0 5.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100
1.1 1.0
0.9 0.8 -40 -20 0 20 40 60 80 100
Relative Intensity@20mA Normalize @25J
Forward Voltage@20mA Normalize @25J
1.2
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Relative Intensity@20mA
1.0
0.5
0.0 600 650 700 750
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LMD5711/2CSR-XX Page 7/7
Reliability Test:
Test Item
Test Condition
1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs)
Description
This test is conducted for the purpose of detemining the resisance of a part in electrical and themal stressed.
Reference Standard
MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under ondition of high temperature for hours.
MIL-STD-883:1008 JIS C 7021: B-10
Low Temperature Storage Test
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
The purpose of this is the resistance of the device which is laid under condition of low temperature for hours.
JIS C 7021: B-12
High Temperature High Humidity Test
1.Ta=65 JO 5J 2.RH=90 %~95% 3.t=240hrs O 2hrs
The purpose of this test is the resistance of the device under tropical for hous.
MIL-STD-202:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO (10min) (10min) 2.total 10 cycles
5J
The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire.
MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011
Solder Resistance Test
1.T.Sol=260 J O 5J 2.Dwell time= 10 O 1sec.
MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1
Solderability Test
1.T.Sol=230 J O 5J 2.Dwell time=5 O 1sec
This test intended to see soldering well performed or not.
MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2


▲Up To Search▲   

 
Price & Availability of LMD5711-2CSR-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X