|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only DOT MATRIX LED DISPLAY(1.2Inch) Pb Lead-Free Parts LMD5711/2CSR-XX/P2-PF DATA SHEET DOC. NO : REV. DATE : : QW0905- LMD5711/2CSR-XX/P2-PF A 1 6 - Feb - 2009 DCC LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 1/8 Package Dimensions 4.57X4=18.28 (0.72") 8.1 (0.319") 4.57X6=27.42 (1.08") 31.7 (1.248") 22.86 (0.9") y r 22.6(0.89") LMD5711/2CSR-XX/P2-PF LIGITEK r 0.51 TYP. 3.2O 0.5 2.54X6=15.24 (0.6") PIN NO.1 Note : 1.All dimension are in millimeters and (lnch) tolerance is O 0.25mm unless otherwise noted. 2.Specifications are subject to change without notice. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 2/8 Internal Circuit Diagram LMD5711CSR-XX/P2-PF COLUMN ROW 1 2 3 4 5 6 7 1 13 2 3 3 4 5 6 PIN 9 14 8 5 12 1 7 2 4,11 10 LMD5712CSR-XX/P2-PF COLUMN ROW 1 2 3 4 5 6 7 1 13 2 3 3 4 5 6 PIN 9 14 8 5 12 1 7 2 4,11 10 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 3/8 Electrical Connection PIN NO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 LMD5711CSR-XX/P2-PF Anode Row 5 Anode Row 7 Cathode Column 2 Cathode Column 3 Anode Row 4 Cathode Column 5 Anode Row 6 Anode Row 3 Anode Row 1 Cathode Column 4 Cathode Column 3 Anode Row 4 Cathode Column 1 Anode Row 2 PIN NO 1 2 3 4 5 6 7 8 9 10 11 12 13 14 LMD5712CSR-XX/P2-PF Cathode Row 5 Cathode Row 7 Anode Column 2 Anode Column 3 Cathode Row 4 Anode Column 5 Cathode Row 6 Cathode Row 3 Cathode Row 1 Anode Column 4 Anode Column 3 Cathode Row 4 Anode Column 1 Cathode Row 2 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 4/8 Absolute Maximum Ratings at Ta=25 J Ratings Parameter Forward Current Per Chip Peak Forward Current Per Chip (Duty 1/10,0.1ms Pulse Width) Power Dissipation Per Chip Reverse Current Per Any Chip Operating Temperature Storage Temperature Symbol SR IF IFP 30 100 mA mA UNIT PD Ir Topr Tstg 100 10 -25 ~ +85 -25 ~ +85 mW g A J J Part Selection And Application Information(Ratings at 25J ) common cathode or anode Column Cathode CHIP PART NO Material Emitted LMD5711CSR-XX/P2-PF f P (nm) f (nm) Min. Electrical Vf(v) Typ. Max. Iv(mcd) Min. Typ. IV-M GaAlAs LMD5712CSR-XX/P2-PF Red Column Anode 660 20 1.5 1.8 2.4 5.0 8.5 2:1 Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance. LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 5/8 Test Condition For Each Parameter Parameter Forward Voltage Per Chip Luminous Intensity Per Chip Peak Emission Wavelength Symbol Vf Iv f P Unit volt mcd nm nm Test Condition If=20mA If=10mA If=20mA If=20mA Vr=5V Spectral Line Half-Width Reverse Current Any Chip Luminous Intensity Matching Ratio f Ir IV-M g A LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 6/8 Typical Electro-Optical Characteristics Curve SR CHIP Fig.1 Forward current vs. Forward Voltage 1000 Fig.2 Relative Intensity vs. Forward Current 3.0 2.5 Forward Current(mA) Relative Intensity Normalize @20mA 100 10 1.0 0.1 1.0 2.0 3.0 4.0 5.0 2.0 1.5 1.0 0.5 0.0 1.0 10 100 1000 Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature Forward Current(mA) Fig.4 Relative Intensity vs. Temperature 3.0 1.2 Forward Voltage@20mA Normalize @25J 1.1 1.0 0.9 0.8 -40 -20 0 20 40 60 80 100 Relative Intensity@20mA Normalize @25J 2.5 2.0 1.5 1.0 0.5 0.0 -40 -20 0 20 40 60 80 100 Ambient Temperature(J ) Ambient Temperature(J ) Fig.5 Relative Intensity vs. Wavelength 1.0 Relative Intensity@20mA 0.5 0.0 600 650 700 750 Wavelength (nm) LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 7/8 Soldering Condition(Pb-Free) 1.Iron: Soldering Iron:30W Max Temperature 350 C Max Soldering Time:3 Seconds Max(One time only) Distance:Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260C 2.Wave Soldering Profile Dip Soldering Preheat: 120C Max Preheat time: 60seconds Max Ramp-up:2C/sec(max) Ramp-Down:-5C/sec(max) Solder Bath:260C Max Dipping Time:3 seconds Max Distance:Solder Temperature 1/16 Inch Below Seating Plane For 3 Seconds At 260C Temp( C) 260C3sec Max 5/sec max 260X 120X 2 /sec max Preheat 60 Seconds Max 25X 0X 0 50 100 150 Time(sec) Note: 1.Wave solder should not be made more than one time. 2.You can just only select one of the soldering conditions as above. y LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only PART NO. LMD5711/2CSR-XX/P2-PF Page 8/8 Reliability Test: Test Item Test Condition 1.Under Room Temperature 2.If=10mA 3.t=1000 hrs (-24hrs, +72hrs) Description This test is conducted for the purpose of detemining the resistance of a part in electrical and themal stressed. The purpose of this is the resistance of the device which is laid under condition of high temperature for hours. Reference Standard MIL-STD-750: 1026 MIL-STD-883: 1005 JIS C 7021: B-1 Operating Life Test High Temperature Storage Test 1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs) MIL-STD-883:1008 JIS C 7021: B-10 Low Temperature Storage Test 1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs) The purpose of this is the resistance of the device which is laid under condition of low temperature for hours. JIS C 7021: B-12 ~ s y High Temperature High Humidity Test 1.Ta=65JO 5J 2.RH=90 %~95 % 3.t=240hrs O 2hrs The purpose of this test is the resistance of the device under tropical for hours. MIL-STD-202:103B JIS C 7021: B-11 Thermal Shock Test 1.Ta=105 JO 5J&-40JO 5J (10min) (10min) 2.total 10 cycles The purpose of this is the resistance of the device to sudden extreme changes in high and low temperature. This test intended to determine the thermal characteristic resistance of the device to sudden exposures at extreme changes in temperature when soldering the lead wire. This test intended to see soldering well performed or not. MIL-STD-202: 107D MIL-STD-750: 1051 MIL-STD-883: 1011 Solder Resistance Test 1.T.Sol=260 JO 5J 2.Dwell time= 10 O 1sec. MIL-STD-202: 210A MIL-STD-750: 2031 JIS C 7021: A-1 Solderability Test 1.T.Sol=230 JO 5J 2.Dwell time=5 O 1sec MIL-STD-202: 208D MIL-STD-750: 2026 MIL-STD-883: 2003 JIS C 7021: A-2 y |
Price & Availability of LMD5711-2CSR-XX-P2-PF |