Part Number Hot Search : 
5KP120 7SZ126 MC4010 MRF545 HC165 2SK210 1209D HC1G86
Product Description
Full Text Search
 

To Download LM23607 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LM236-LM336
2.5V voltage references
Features

Low temperature coefficient Wide operating current of 400A to 10mA 0.2 dynamic impedance Guaranteed temperature stability Fast turn-on TO92 (Plastic package)
Description
The LM236 and LM336 are precision 2.5V regulator diodes. These voltage reference monolithic ICs operate like 2.5V Zener diodes with a low temperature coefficient and a dynamic impedance of 0.2 A third pin enables adjusting . the reference voltage and the temperature coefficient. SO8 (Plastic micropackage)
Pin connections TO92 (Bottom view)
ADJ
v+
v-
SO8 (Top view)
V+
8
NC
7
NC
6
ADJ
5
NC
1
2
NC
NC
3
4
V+
1- NC 2- NC 3- NC 4- V5- ADJ 6- NC 7- NC 8- V+
May 2007
Rev 3
1/15
www.st.com 15
Schematic diagram
LM236-LM336
1
Schematic diagram
Figure 1. Schematic diagram
2
Absolute maximum ratings
Table 1.
Symbol IR IF Toper Tstg Current Reverse Forward Operating free-air temperature range Storage temperature range -25 to +85
Absolute maximum ratings (AMR)
Parameter LM236 LM336,B Unit
15 10 0 to +70
mA C C
-65 to +150
2/15
LM236-LM336
Electrical characteristics
3
Table 2.
Symbol
Electrical characteristics
Electrical characteristics
LM236 Parameter Min. Reference breakdown voltage Tamb = +25C, IR = 1mA LM236, LM336 LM336B Reverse breakdown voltage change with current 400A IR 10mA Tamb = +25C Tmin Tamb Tmax Reverse dynamic impedance (IR = 1mA) Tamb = +25C Tmin Tamb Tmax Temperature stability (VR = 2.49V, IR = 1mA) Long term stability (Tamb = +25C 0.1C, IR= 1mA) Typ. Max. Min. Typ. Max. LM336,B Unit
VR
2.44
2.49
2.54
2.39 2.44
2.49 2.49
2.59 2.54
V
VR
2.6 3 0.2 0.4 3.5 20
6 10 0.6 1 9
2.6 3 0.2 0.4 1.8 20
10 12 1 1.4 6
mV
ZD KVT KVH
mV ppm
Figure 2. Reverse voltage change (mV)
Reverse voltage change
Figure 3.
Zener noise voltage
Reverse current (mA)
Noise (nV/ Hz)
Frequency (Hz)
3/15
Electrical characteristics
LM236-LM336
Figure 4. Dynamic impedance (Ohm)
Dynamic impedance
Figure 5.
Response time
Voltage swing (V)
Frequency (Hz) Figure 6. Reverse characteristics Figure 7.
Time (s) Forward characteristics
Reverse current (mA)
Reverse voltage (V) Figure 8. Temperature drift
Forward voltage (V)
Forward current (mA)
Reverse voltage (V)
Temperature (C)
4/15
LM236-LM336
Application information
4
Application information
The LM236, LM336 voltage references are easier to use than zener diodes. Their low impedance and wide current range facilitate biasing in any circuits. Besides, the breakdown voltage or the temperature coefficient can be adjusted so as to optimize the performance of the circuit. Figure 9 represents a LM336 with a 10k potentiometer to adjust the reverse breakdown voltage which can be adjusted without altering the temperature coefficient of the circuit. The adjustment range is generally sufficient to adjust the initial tolerance of the circuit and the inaccuracy of the amplifier circuit. To obtain a lower temperature coefficient two diodes can be connected in series as indicated in Figure 10. When the circuit is adjusted to 2.49V the temperature coefficient is minimized. For a correct temperature coefficient, the diodes should be at the same ambient temperature as the LM336. The value of R1 is not critical (2-20k).
Figure 9.
LM336 with pot for adjustment of breakdown voltage
Figure 10. Temperature coefficient adjustment
5/15
Application information
LM236-LM336
Typical applications
Figure 11. 2.5V reference Figure 12. Wide input range reference
Figure 13. Precision power regulator with low temperature coefficient
6/15
LM236-LM336 Figure 14. Adjustable shunt regulator
Application information
Figure 15. Linear ohmmeter
7/15
Application information Figure 16. Bipolar output reference
LM236-LM336
Figure 17. 5V buffered reference
8/15
LM236-LM336 Figure 18. Low noise buffered reference
Application information
9/15
Package information
LM236-LM336
5
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics trademark. ECOPACK specifications are available at: www.st.com.
10/15
LM236-LM336
Package information
5.1
SO-8 package mechanical data
Dimensions Ref. Min. A A1 A2 b c D H E1 e h L k ccc 0.25 0.40 1 0.10 1.25 0.28 0.17 4.80 5.80 3.80 4.90 6.00 3.90 1.27 0.50 1.27 8 0.10 0.010 0.016 1 0.48 0.23 5.00 6.20 4.00 Millimeters Typ. Max. 1.75 0.25 0.004 0.049 0.011 0.007 0.189 0.228 0.150 0.193 0.236 0.154 0.050 0.020 0.050 8 0.004 0.019 0.010 0.197 0.244 0.157 Min. Inches Typ. Max. 0.069 0.010
11/15
Package information
LM236-LM336
5.2
TO-92 ammopack and tape & reel package mechanical data
A1 P P T H
d
A
H1
H0
H
I1
W0
D0 F1 F2 P2 P0
W2 W1 W
L1
Millimeters Dim. Min. AL A T d I1 P PO P2 F1/F2 h P W W0 W1 W2 H H0 H1 DO L1 3.8 4.0 15.5 16 2.5 11.7 12.4 5.95 2.4 -1 -1 17.5 5.7 8.5 12.7 12.7 6.35 2.5 0 0 18.0 6 9 13.7 13 6.75 2.8 1 1 19.0 6.3 9.75 0.5 20 16.5 25 4.2 11 0.150 0.610 0.45 0.098 0.461 0.488 0.234 0.094 -0.039 -0.039 0.689 0.224 0.335 Typ. Max. 5.0 5.0 4.0 Min.
Inches Typ. Max. 0.197 0.197 0.157 0.018
0.500 0.500 0.250 0.098 0 0 0.709 0.236 0.354
0.539 0.512 0.266 0.110 0.039 0.039 0.748 0.248 0.384 0.020 0.787
0.630
0.650 0.984
0.157
0.165 0.433
12/15
LM236-LM336
Package information
5.3
TO-92 bulk package mechanical data
Millimeters Dim. Min. L B O1 C K O2 a 3.2 4.45 4.58 12.7 0.407 0.35 0.5 0.508 Typ. 1.27 3.7 5.00 5.03 4.2 5.2 5.33 0.126 0.1752 0.1803 0.5 0.016 0.0138 Max. Min.
Inches Typ. 0.05 0.1457 0.1969 0.198 0.1654 0.2047 0.2098 Max.
0.0197
0.02
13/15
Ordering information
LM236-LM336
6
Ordering information
Table 3. Order codes
Temperature range -25C to +85C Package SO-8 Packing Tube or Tape & reel Bulk or Tape & reel or Ammopack Tube or Tape & reel Bulk or Tape & reel or Ammopack Tube or Tape & reel Bulk or Tape & reel or Ammopack Marking LM236
Part number LM236D/DT
LM236Z/ZT/AP
-25C to +85C
TO-92
LM236
LM336D/DT
-25C to +85C
SO-8
LM336
LM336Z/ZT/AP
-25C to +85C
TO-92
LM336
LM336BD/BDT
0C to 70C
SO-8
LM336B
LM336BZ/BZT/BAP
0C to 70C
TO-92
LM336B
7
Revision history
Date 2-May-1997 24-May-2003 Revision 1 2 Initial release. Caption of pinout diagram for TO-92 package changed to indicate top view. Corrected caption of pinout diagram for TO-92 package on cover page (previous version is wrong, should be bottom view). Updated Section 5: Package information and Table 3: Order codes. Changes
29-May-2007
3
14/15
LM236-LM336
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of LM23607

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X