Part Number Hot Search : 
AN1N975A WRB1205 AM3446N 1336M ZL30414 5A385AQ C2506 2SC3970
Product Description
Full Text Search
 

To Download KBPC810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC8 SERIES
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 8.0 Amperes
FEATURES
Surge overload rating-125 amperese peak Low forward voltage drop Small size, simple installation Silver plated copper leads Mounting position:Any Plastic material has UL flammability classification 94V-0 UL recognized file # E149311 Lead solderable per MIL-STD-202 method 208 Electrically isolated base 1800Volts
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
KBPC8005
KBPC801
KBPC802
KBPC804
KBPC806
KBPC808
KBPC810
UNITS
V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Maximum DC Forward Voltage drop per element at 3.0A DC Maximum DC Reverse Current at rated @ TA=25 C DC Blocking Voltage Per Element @ TA=100 C
0 0
VRRM VRMS VDC
50 35 60
100 70 100
200 140 200
400 280 400 8.0 6.0
600 420 600
800 560 800
1000 700 1000
@ TA=50 C* @ TA=50 C**
0 0
V(AV)
IFSM
150
A
VF IR I2 t R JC TJ TSTG
1.1 10 1 64
6
0
V
A
mA AS C/W
0 2
I2t Rating for fusing(t<8.3ms) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
-55 to +125 -55 to +150
C C
0
KBPC8 SERIES
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES KBPC8 SERIES
Fig.1 - MAXIMUM FORWARD SURGE CURRENT
250
Fig.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES
PEAK FORWARD SURGE CURRENT AMPERES
10
200
8
150
HEAT-SINK MOUNTING TC
6
100
4
50
2
0 1 10 100
0
50 100 150
NUMBER OF CYCLES AT 60 Hz
TEMPERATURE, 0 C
Fig.3 - TYPICAL FORWARD CHARACTERISTICS Fig.4 - TYPICAL REVERSE
100
CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. AMPERES
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
1.0
1.0
0.1
.1
.01 0 .01 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE
INSTANTANEOUS FORWARD VOLT AGE, VOLTS


▲Up To Search▲   

 
Price & Availability of KBPC810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X