Part Number Hot Search : 
5532K FCX591 150RF 1509SP U1242 DDA122TU PTM10 PTM10
Product Description
Full Text Search
 

To Download KBPC810 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shanghai Lunsure Electronic Technology Co.,Ltd Tel:0086-21-37185008 Fax:0086-21-57152769
KBPC8005 THRU KBPC810
8 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
BR-8
B
Features
* * * * * Plastic Case Low Forward Voltage Any Mounting Position Silver Plated Copper Leads Surge Overload Rating Of 150 Amps
Maximum Ratings
* * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
G
Catalog Number KBPC8005 KBPC801 KBPC802 KBPC804 KBPC806 KBPC808 KBPC810
C
BR805 BR81 BR82 BR84 BR86 BR88 BR810
E
D
+
AC A
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element IF(AV) IFSM 8.0A 150A TJ = 50C 8.3ms, half sine
A AC -
VF
1.10V
IFM = 3.0A; TJ = 25C*
INCHES MIN .730 .230 .750 .480 .048 .145
DIMENSIONS
Maximum DC Reverse Current At IR 10A TJ = 25C Rated DC Blocking 1 mA TJ = 100C Voltage *Pulse test: Pulse width 300 sec, Duty cycle 1%
DIM A B C D E G
MAX .770 .270 --.520 .052 ---
MM MIN 18.54 5.84 19.10 12.19 1.20 3.70
MAX 19.56 6.86 --13.21 1.30 ---
NOTE 2PL
2PL 4PL/TYP
www.cnelectr.com
KBPC8005 thru KBPC810
Figure 1 Typical Forward Characteristics 100 60 40 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .2 .4 .6 .8 1.0 1.1 1.2 Volts Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 10 6 4 2 1 .6 .4 .2 TJ=25C Amps .1 .06 .04 .02 .01 .006 .00 4 .002 .001 20 40 60 80 100 120 140 Figure 2 Typical Reverse Characteristics
Figure 3 Forward Derating Curve 8.0
Figure 4 Peak Forward Surge Current 300 250 200
5.0
4.0
150
Amps 3 .0
Amps
100 50 0
2.0
1.0
Single Phase, Half Wave 60Hz Resistive or Inductive Load 25 50 75 100 125 150
1
2
4
6
8 10 Cycles
20
40 00
60 80 100
0
0
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
Average Forward Rectified Current - Amperes versus Case Temperature - C
www.cnelectr.com


▲Up To Search▲   

 
Price & Availability of KBPC810

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X