Part Number Hot Search : 
AN17821 HUL7281 6025074 PC250 DS18B20 AN79M20F B2520 LM618
Product Description
Full Text Search
 

To Download JRC2381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J Series, Blue and White LEDs, Water Clear LED, 2381 Series T-1, 3mm Round
The J series lamps are made with AlInGaP chips which can be used for standard brightness at low current (2mA) or super brightness at standard current (20mA). The Blue LEDs are made with GaN/SiC (428nM) and InGaN/SiC (468nM) chips. The White LEDs are made with GaN chips. Blue and white should only be used when these colors are necessary for the application and higher cost is acceptable.
5.2.3
3.0.2O
0.5 Anode
2.54
3.8.3
1.0.2
1.0 min 26.4 min
GENERAL INFORMATION
Operating Temperature Range Storage Temperature Range Reflow Soldering Temperature -30 C to +85 C -55 C to +100 C 260 C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 C AMBIENT)
Peak Part No. Emitted Color Absolute Maximum Ratings E/O Characteristics Vr (V) 5 5 5 5 5 5 5 5 5 2mA 9 4 12 12 7 12 Iv (mcd) @If=20mA Min 60 40 80 80 60 80 100 250 600 Typ 160 70 210 210 110 210 200 550 1000 Vf (V) @ If=20mA Min 2.0 2.0 2.0 2.0 2.0 2.0 3.8 3.5 3.6 Typ 2.4 2.4 2.4 2.4 2.4 2.4 4.5 4.0 4.0
(nM)
(nM) 20 20 15 18 20 17 65 26 -
Pd (mW) 60 60 60 60 60 60 140 120 120
If (mA) dc 25 25 25 25 25 25 25 25 25
1/10 duty @ 1 khz
Ir
@Vr=5V
21/2
(Deg) 25 25 25 25 25 25 25 25 25
(A) 10 10 10 10 10 10 50 50 10
JRC2381 JGC2381 JYC2381 JOC2381 JEC2381 JYOC2381 IUBC2381 IUBC2381-7 IUWC2381
Red Green Yellow Orange Red YelOrng Blue Blue White
632 575 591 621 639 611 428 468 -
160 160 160 160 160 160 70 100
Specifications subject to change without notice. Dimensions are in mm0.3 unless stated otherwise. IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508 J-21


▲Up To Search▲   

 
Price & Availability of JRC2381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X