Part Number Hot Search : 
88502 DN2530N3 KBJ607G 1N4391 FSB127H A2011 LRI2K 00118
Product Description
Full Text Search
 

To Download JRC0118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 J Series Surface Mount LEDs 0118 Series "1206" Package with narrow viewing angle
The 0118 series lamps are miniature chip type designed for surface mounting. These lamps are of the so-called 1206 size, measuring approximately 1.5x3 mm (single color) and 2.5x3 mm (bi-color). These lamps are in EIA481 tape and reel packaging with approximately 2000 pieces per reel.
1.5
Cathode Marking
G G R Cathode Marking
R
2.5
single color 1.8 Recommended reflow solder pattern 3.00.2 1.7 1.50.2 1.8
bi-color
1.50.2
Recommended reflow solder pattern
3.00.2 0.5 min
1.5 min
1.1
GENERAL INFORMATION
Operating Temperature Range Storage Temperature Range Reflow Soldering Temperature -40 C to +85 C -40 C to +90 C 260 C for 5 sec max
APPLICATION INFORMATION (ALL RATINGS AT 25 C AMBIENT)
Peak Part No. Emitted Color Absolute Maximum Ratings E/O Characteristics Vr (V) 5 5 5 5 5 5 5 5 5 5 2mA 4 2 4 4 3 4 4 2 3 2 Iv (mcd) @If=20mA Min 29 19 29 29 27 29 29 19 27 19 Typ 71 29 73 73 57 73 71 29 57 29 Vf (V) @ If=20mA Min 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 Typ 2.4 2.4 2.4 2.4 2.4 2.4 2.4 2.4 2.4 2.4
(nM)
(nM) 20 20 15 18 20 17 20 20 20 20
1.5 min
Pd (mW) 60 60 60 60 60 60 60 60 60 60
If (mA) dc 25 25 25 25 25 25 25 25 25 25
1/10 duty @ 1 khz
Ir
@Vr=5V
21/2
(Deg) 20 20 20 20 20 20 20 20 20 20
(A) 10 10 10 10 10 10 10 10 10 10
JRC0118 JGC0118 JYC0118 JOC0118 JEC0118 JYOC0118 JRGC0118 JEGC0118
Red Green Yellow Orange OrRed YelOrng Red Green OrRed Green
632 575 591 621 639 611 632 575 639 575
160 160 160 160 160 160 160 160 160 160
Specifications subject to change without notice. Dimensions are in mm0.3 unless stated otherwise. IDEA, Inc., 1351 Titan Way, Brea, CA 92821 Ph:714-525-3302, 800-LED-IDEA; Fax: 714-525-3304 0508 J-1
013S-J0118


▲Up To Search▲   

 
Price & Availability of JRC0118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X