Part Number Hot Search : 
2SC17 SRA2202S XGXXX 1000AM 1N5407 1N5407 MK105 X9801406
Product Description
Full Text Search
 

To Download IPC-6006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IPC-6006
Features
Supports 6-slot backplanes
6-Slot Card Cage
Optimized open-frame card cage design for embedded systems Adjustable hold-down clamp protects cards from vibration Plug-in termination resistors for high-speed signals Terminal-block connectors supply power from board Mounting holes provided for installing one PS/2 power supply, one 3.5" HDD, and one cooling fan
IPC-6006E/6006PE
IPC-6006SE
RoHS
COMPLIANT
2002/95/EC
Specifications
Model Name Supported Backplanes Dimensions (W x H x D) Weight IPC-6006E PCA-6106-0B2E PCA-6106P3-0D2E PCA-6106P4-0A2E PCA-6105P5-0B2E PCA-6105P3X-0A2E 158 x 186 x 368 mm (6.2" x 7.3" x 14.5") 2.2 kg (4.8 lb) IPC-6006PE PCA-6106P3-0D2E (included) 158 x 186 x 368 mm (6.2" x 7.3" x 14.5") 2.5 kg (5.5 lb) IPC-6006SE PCA-6106-0B2E PCA-6105P5-0B2E 158 x 186 x 215 mm (6.2" x 7.3" x 8.4") 1.6 kg (3.5 lb)
Dimensions
8- 10 6- 5 C
Passive Backplane Options
Unit: mm (inch) Part Number PCA-6106-0B2E PCA-6106P3-0D2E PCA-6106P4-0A2E PCA-6105P5-0B2E PCA-6105P3X-0A2E Slot 6 ISA 2 ISA, 2 PCI, 1 PICMG/PCI, 1 PICMG 4 PCI, 2 PICMG 5 PCI 1 ISA, 2 PCI, 1 PICMG/PCI, 1 PICMG (64-bit) Segment Single Single Single Single Single
A B C
Dimensions IPC-6006 IPC-6006S 368 215 270 215 24 215
A
B
Ordering Information
Part Number IPC-6006PE IPC-6006SE IPC-6006-BAREE IPC-6006S-BAREE Description Card cage with backplane PCA-6106P3 Half-sized card cage with backplane PCA-6106 Card cage without backplane Half-sized card cage without backplane
C
172.5
158
156.5
Industrial Computer Chassis


▲Up To Search▲   

 
Price & Availability of IPC-6006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X