Part Number Hot Search : 
100EL3 LT1F67AF XE0052S1 2KBP04 XE0052S1 NJW4308 IRLR3714 PIC16C54
Product Description
Full Text Search
 

To Download GMR20H100CTPF3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GMR20H100C
20A SCHOTTKY RECTIFIER
Description
Dual center tap Schottky rectifier designed for high frequency Switched Mode Power Supplies.
Features
High junction temperature capability Good trade off between leakage current and forward voltage drop Low leakage current
Applications
Switching Power Supply Industrial Application Computer and Peripheral Home Appliance Consumer Product Battery Charger/Adapter LCD Monitor/TV AC-DC Converter DC-DC Converter Telecommunication Free Wheeling Diodes Polarity Protection
Marking Information and Pin Configurations (Top View)
20H100C AYWW
20H100C AYWW
TO - 220FPAB & TO - 220AB 10: H: 100: C: A: Y: WW:
TO - 3PF
Maximum average forward rectified current - 20A Low VF family Repetitive peak reverse voltage - 100V Dual Cathode Common Assembly Location Year Work Week
1
GMR20H100C V1.01
GMR20H100C
20A SCHOTTKY RECTIFIER
Ordering Information
ORDERING NUMBER GMR20H100CTB3T GMR20H100CTBF3T GMR20H100CTPF3 PACKAGE TO220AB TO220FPAB TO-3PF SHIPPING 50 Units/ Tube 50 Units/ Tube 30 Units/ Tube
Block Diagram
1 Anode
2 Common Cathode
3 Anode
GMR20H100C V1.01
2
GMR20H100C
20A SCHOTTKY RECTIFIER
Absolute Maximum Ratings
PARAMETER Repetitive Peak Reverse Voltage RMS Forward Current Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC METHOD) Maximum Operating Junction Temperature Operating storage temperature Voltage Rate of Change Electrostatic Discharge Voltage. JEDEC Method. ESD HBM. Contact SYMBOL VRPM IF(RMS) IFSM TJ, TSTG dV/dt VESD VALUE 100 20 135 175 -45 to +150 10,000 8 UNITS V A A C C V/s kV
Thermal Characteristics
PARAMETER Typical thermal resistance SYMBOL JC TO220AB 2.4 TO220FPAB 4.2 TO-3PF 1.2 UNITS C/W
Electrical Characteristics (per diode) TJ = 25C, Unless otherwise noted
PARAMETER DC Forward Voltage Average Rectified Forward Current Maximum Reverse Current SYMBOL VF IF(AV) IR VR = 100V VR = 100V, TJ = 125C Test Condition IF = 10A Min Typ 0.77 Max 0.82 10.0 5 6 Units V A A mA
3
GMR20H100C V1.01
GMR20H100C
20A SCHOTTKY RECTIFIER
Package Outline Dimensions - TO220AB
10.16 0.20 3.84 6.24 0.20 1.27 0.015
3.50
9.00 0.10
10.16 0.10
3.50 0.20 13.00 0.5 1.27 0.81 2.67 0.4
2.54 5.08 9.40 0.20 5 4.70 0.20 5
0.38 0.015
Unit: mm
5
GMR20H100C V1.01
4
GMR20H100C
20A SCHOTTKY RECTIFIER
Package Outline Dimensions - TO220FPAB
10.16 0.20 3.18 0.10 3.30 0.10 1.50 7.00
1.50 0.10 5
2.54 0.20 0.70 5 6.68 0.20
6.50 15.87 0.20 15.80 0.20 1.6 0.10 5 0.10 5 5 5 1.00 X 45 15.87 0.20
MAX 1.47 0.80 0.10 9.75 0.30
0.5 2.54 TYP (2.54 0.20)
+0.13 - 0.05 2.75 0.20
9.40 0.20 5 4.70 0.20 5
Unit: mm
5
5
GMR20H100C V1.01
GMR20H100C
20A SCHOTTKY RECTIFIER
Package Outline Dimensions - TO-3PF
15.50 0.20 4.95 4.95 5.50 0.20 3.60 0.20 10 10.0 0.20 2-2.40 0.05 Dp 0.850.03 23.0 0.20 1.80 14.50 0.20 16.50 0.20 10.90 5 2.00 0.20 2.50 0.20 3-2.00 0.20 2.00 0.20 14.80 0.20 0.75 + 0.20 - 0.10 4.00 0.20 3.30 0.20 5 5 1.50 0.20 12.10 (5- 1.50 Dp 0.10max) 3.00 0.20 1.50 10 4.95 4.95
4.75 0.20 2.50 0.20 4.50 0.20 1.90 0.20 26.50 0.20
2.0 7.0
16.5 0.20
5.45 TYP
Unit: mm
0.90 -0.10
+0.20
5 3.30 0.20 2.0 0.20 5
5 5.50 0.20 5
GMR20H100C V1.01
Ordering Number
GM R
APM Gamma Micro Circuit Type: Rectifier
20 H
Rated Current 10A Low VF Family
100 C
Rated Voltage 100V Dual Cathode Common
TB3
Package TB3: TO220AB TBF3:TO220FPAB TPF3: TO-3PF
T
Shipping T: Tube R: Tape & Reel
6


▲Up To Search▲   

 
Price & Availability of GMR20H100CTPF3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X