Part Number Hot Search : 
245AD 2SK12 245AD DMMT3906 GBJ4A SM104 GSIB840 FM24C128
Product Description
Full Text Search
 

To Download GBU25005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBU 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
CHENG- YI
ELECTRONIC
REVERSE VOLTAGE -50 to 1000 Volts FORWARD CURRENT -8.0 Amperes
FEATURES
Surge overload rating-175 amperes peak Ideal for printed circuit board Reliable low cost construction utilizing molded plastic technique Plastic material has Underwriters Laboratory Flammability classification 94V-O Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
GBU
10005
GBU
1001 1501 2501 3501 100 70 100
GBU
1002 1502 2502 3502 200 140 200
GBU
1004 1504 2504 3504 400 280 400 10/15/25/35 3.6 240 240 350 400
1.0
GBU
1006 1506 2506 3506 600 420 600
GBU
1008 1508 2508 3508 800 560 800
GBU
1010 1510 2510 3510 1000 700 1000
V
CHARACTERISTICS
SYMBOL
15005 25005 35005
UNITS
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward (with heatsink Note 2) Rectified Current @ TC=100 C (without heatsink)
0
VRRM VRMS VDC I(AV)
50 35 50
V
V A
Peak Forward Surge Current 8.3 ms single half sine-wave super imposed on rated load (JEDEC Method)
10A 15A 25A 35A
IFSM VF IR I2 t CJ R JC TJ TSTG
A
Maximum Forward Voltage at 5.0/7.5/12.5/17.5A DC Maximum DC Reverse Current at Rated DC Blocking Voltage I2 t Rating for fusing (t<8.3ms) Typical Junction Capacitance per element (Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range
@ TJ=25 C @ TJ=1250C
0
V A AS
PF
0 2
5.0 500
200 70 2.2
C/W
0
-40 to +125 -40 to +125
C C
0
NOTES: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 2. Device mounted on 100mm x 100mm X 1.6mm Cu Plate Heatsink.
GBU 10A/15A/25A/35A SERIES
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
RATING AND CHARACTERISTICS CURVES GBU 10A/15A/25A/35A SERIES
CHENG- YI
ELECTRONIC
FIG. 1 - MAXIMUM FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT AMPERES
300 250 200
AVERAGE FORWARD OUTPUT CURRENT AMPERES
FIG. 2 - DERATING CURVE OUTPUT RECTIFIED CURRENT
40 GBU 35 30 GBU 25 20 GBU 15 10
GBU 15/25/35
150
100
GBU 10
50
GBU 10
0 1 10 100
0 50 100 150
NUMBER OF CYCLES AT 60Hz
TEMPERATURE, 0C
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
100
GBU 35
GBU 15 GBU 25 GBU 10 10
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
1.0
1.0
TJ=25oC
0.1
0.1
0.01
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE INSTANTANEOUS FORWARD VOLTAGE, VOLTS


▲Up To Search▲   

 
Price & Availability of GBU25005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X