Part Number Hot Search : 
MMBT2222 6118C 12013 93L66 ELD42 CS160KM RL30A 2SC5043
Product Description
Full Text Search
 

To Download FOX91409 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3.0V Ultra Miniature SMD TCXO/VCTCXO
Model: FOX914 SERIES
Page 1 of 2
RoHS Compliant / Pb Free
Rev. 6/10/2009
http://www.foxonline.com/need_a_sample.htm
FEATURES
* * * * *
OPTIONS
3.0V Operation * Voltage Control (FOX914E) 1.5mm Height Max * Voltages of 2.8V ~ 3.3V Clipped Sine Output Low Cost Tape and Reel (2,000 pcs. STD)
* PART NUMBER SELECTION Learn More - Internet Required
Frequency Operating Frequency Model Stability Temperature (C) Range (MHz)1 Number 490-Frequency-xxxxx FOX914B See table -20 ~ +75 8.000 ~ 35.000 491-Frequency-xxxxx FOX914E See table -20 ~ +75 8.000 ~ 35.000 Part Number
* ELECTRICAL CHARACTERISTICS
PARAMETERS
Frequency Range (Fo) Temperature Range Operating (Topr)3 Storage (Tstg) Supply Voltage (Vdd)4 Input Current (Idd) Initial Frequency Tolerance (@ 25C 2C) (Vc = 1.5V2) Frequency Stability Over Temperature Range3 Over Supply Voltage Change (3.0V 5%) Over Load Change (10k 10% // 10pF 10%) Output Waveform (Clipped Sine) Peak-to-Peak Level (Vp-p) Output Load Aging per year Pullability2 (Vc = 1.5 1.0V)
1 2
MAX (unless otherwise noted)
8.000 ~ 35.000 MHz1 -20C ~ +75C -40C ~ +85C 3.0V 5% 2.0mA 1.0PPM 2.5PPM 0.2PPM 0.2PPM 0.8V Min 10k // 10pF 10% 1.0PPM 5.0 ~ 15.0 PPM
Undeveloped frequencies available on an inquiry basis. For proper operation, a control voltage (Vc) must be applied to pin 1 on VCTCXOs. 3 Other stabilities/temperature ranges available. 4 Other voltages available. RoHS Compliance Status: Compliant All specifications subject to change without notice.
* DEVELOPED FREQUENCIES1
12.600 MHz 12.800 MHz 13.000 MHz 13.824 MHz 14.400 MHz 14.850 MHz 16.800 MHz 19.200 MHz 19.440 MHz 19.680 MHz 19.800 MHz 20.000 MHz 26.000 MHz
3
All dimensions are in millimeters.
FOXElectronics
5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
(c) 2009 FOX ELECTRONICS | ISO9001:2000 Certified
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221


▲Up To Search▲   

 
Price & Availability of FOX91409

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X