Part Number Hot Search : 
2N5662 GBU6M MBF200 DTC11 C1206 MC68HC7 MS6310 SMAJ18CA
Product Description
Full Text Search
 

To Download FAP-450 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FAP-450
FAP-IIS Series
> Features
High Speed Switching Low On-Resistance No Secondary Breakdown Low Driving Power High Voltage VGS = 30V Guarantee Repetitive Avalanche Rated
N-channel MOS-FET
500V
0,38
14A
190W
> Outline Drawing
> Applications
Switching Regulators UPS DC-DC converters General Purpose Power Amplifier
> Maximum Ratings and Characteristics
- Absolute Maximum Ratings (TC=25C), unless otherwise specified
Item Drain-Source-Voltage Continous Drain Current Pulsed Drain Current Gate-Source-Voltage Avalanche Current Maximum Avalanche Energy Max. Power Dissipation Operating and Storage Temperature Range Symbol Rating Unit V DS 500 V ID 14 A I D(puls) 56 A V GS 30 V I AR A 14*2 *1 E AS mJ 760 PD 190 W T ch 150 C T stg -55 ~ +150 C *1) VCC = 50V; L = 7mH; IAS = 14A; RG = 50 ; Starting Tch = 25C (See Fig. 1 & 2) *2) Repetitive Rating : Pulse Width limited by max. Channel Temperature Symbol BV DSS V GS(th) I DSS I R g C C C t t t t I C C C V t Q
GSS DS(on) fs iss oss rss d(on) r d(off) f AV iss oss rss SD rr rr
> Equivalent Circuit
- Electrical Characteristics (TC=25C), unless otherwise specified
Item Drain-Source Breakdown-Voltage Gate Threshhold Voltage Zero Gate Voltage Drain Current Gate Source Leakage Current Drain Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Total Gate Charge Gate-Source Charge Gate-Drain Charge Diode Forward On-Voltage Reverse Recovery Time Reverse Recovery Charge - Thermal Characteristics Item Thermal Resistance Test conditions ID=1mA VGS=0V ID=250A VDS=VGS VDS=500V Tch=25C Tch=125C VGS=0V VGS=30V VDS=0V ID=8A VGS=10V ID=8A VDS=25V VDS=25V VGS=0V f=1MHz VCC=250V VGS=10V RG = 6,1W RD = 20 Tch=25C L = 100H VCC=400V VGS=10V ID = 14A IF=2xIDR VGS=0V Tch=25C IF=IDR VGS=0V -dIF/dt=100A/s Tch=25C Min. 500 3,0 Typ. 3,0 Max. 4,0 25 1,0 100 0,38 Unit V V A mA nA S pF pF pF ns ns ns ns A nC nC nC V ns C
7
10 0,32 14 2200 330 140 18 70 130 70
4 170 20 90 1,5
1,0 700 9,0
Symbol R th(ch-a) R th(ch-c)
Test conditions channel to ambient channel to case
Min.
Typ.
Max. 35 0,65
Unit C/W C/W
Collmer Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX - 75370 - 972-233-1589 - FAX 972-233-0481 - http://www.collmer.com
Fuji Semiconductor, Inc. - P.O. Box 702708 - Dallas, TX 75370 - 972-733-1700 - www.fujisemiconductor.com
N-channel MOS-FET
500V
0,38
FAP-450
FAP-IIS Series
Drain-Source-On-State Resistance vs. Tch
RDS(on) = f(Tch); ID=8A; VGS=10V; 80s pulse test
14A
190W
> Characteristics
Typical Output Characteristics
ID=f(VDS); 80s pulse test; TC=25C
Typical Transfer Characteristics
ID=f(VGS); 80s pulse test;VDS=25V; Tch=25C
ID [A]
1
RDS(ON) []
2
ID [A]
3
VDS [V]
Tch [C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
RDS(on)=f(ID); 80s pulse test; TC=25C
Typical Forward Transconductance vs. ID
gfs=f(ID); 80s pulse test; VDS=25V; Tch=25C
Gate Threshold Voltage vs. Tch
VGS(th)=f(Tch); ID=250A; VDS=VGS
RDS(ON) []
gfs [S]
5
VGS(th) [V]
4
6
ID [A]
ID [A]
Tch [C]
Typical Capacitances vs. VDS
C=f(VDS); VGS=0V; f=1MHz
Max. Avalanche Energy Derating vs. Starting Channel Temperature
Eas=f(starting Tch): Peak IL = 14A; VCC=50V
Forward Characteristics of Reverse Diode
IF=f(VSD); 80s pulse test; VGS=0V
C [F]
Eas [mJ]
8
IF [A]
7
9
VDS [V]
Starting Tch [C]
VSD [V]
Allowable Power Dissipation vs. TC
PD=f(Tc)
Safe Operation Area
ID=f(VDS): Single Pulse, Tc=25C
Transient Thermal impedance
Zth(ch-c=f(t); D=t/T
PD [W]
10
ID [A]
12
Zth(ch-c) [K/W]
Zthch=f(t) parameter:D=t/T
Tc [C]
VDS [V]
t [s]
This specification is subject to change without notice!
N-channel MOS-FET
500V
0,38
FAP-450
FAP-IIS Series
Typical Gate Charge
VGS = f(Qg); ID=14A
14A
190W
> Characteristics
Drain Current Derating
ID = f(TC)
ID [A]
VDS [V]
TC [C]
Qg [nC]
Fig. 1: Test Circuit
Fig. 2: Operating Waveforms
This Dallas, TX - (972) change without notice! P.O. Box 702708 -specification is subject to733-1700 - (972) 381-9991 (fax)


▲Up To Search▲   

 
Price & Availability of FAP-450

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X