Part Number Hot Search : 
TA0422A MS7200L TB0900H PCF8574P D5NK4 SWS1000L GI911 TO247
Product Description
Full Text Search
 

To Download DU1P0-15S05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VER:03
1/2
* 1 WATT UNREGULATED OUTPUT POWER * SINGLE-IN-LINE PACKAGE (SIP) * HIGH EFFICIENCY FOR LOW POWER APPLICATION * UL 94-V0 NON-CONDUCTED CASE * INTERNAL INPUT & OUTPUT FILTER * INPUT / OUTPUT ISOLATION UP TO 3KVDC * SUFFIX-N ISOLATION LEVEL REINFORCE
The DU1P0 series are the standard building blocks for on-board distributed power
UL E193009 TUV R50025187 CB JPTUV-006003 CE MARK
systems. They are ideally suited to providing single and dual supplies on primarily digital boards with added benefit of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1 watt.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Line regulation Load regulation Ripple and noise Temperature coefficient Short circuit protection LL to HL at Full Load 20% to 100% FL 20MHz bandwidth 5V output others Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
1 Watt max 5% 10% of FL 1.3% / 1% of Vin 10% 8% 100mVp-p 0.1% / C, max Short term Efficiency Isolation voltage Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Input to Output Standard Suffix-N See table 1000VDC, min 3000VDC, min 10 ohms, min 30pF, max 60KHz, min IEC60950, UL60950, EN60950 Non-conductive black plastic None Epoxy (UL94-V0) 0.77 X 0.24 X 0.40 Inch (19.6 X 6.0 X 10.2 mm) 2.0g (0.071oz) 1.471 x 10 hrs
7
9
INPUT SPECIFICATIONS
Input voltage range 5V nominal input 12V nominal input 15V nominal input 24V nominal input 4.5 - 5.5VDC 10.8 - 13.2VDC 13.5 - 16.5VDC 21.6 - 26.4VDC Capacitor
Dimensions Weight MTBF (Note 2)
Input filter
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range Storage temperature range Thermal shock Vibration Relative humidity -25C ~ +85C (with derating) -55C ~ +105C MIL-STD-810D 10~55Hz, 10G, 30minutes along X,Y and Z 5% to 95% RH
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice
VER:03
Model Number
DU1P0-05S05 DU1P0-05S12 DU1P0-05S15 DU1P0-05D05 DU1P0-05D12 DU1P0-05D15 DU1P0-12S05 DU1P0-12S12 DU1P0-12S15 DU1P0-12D05 DU1P0-12D12 DU1P0-12D15 DU1P0-15S05 DU1P0-15S12 DU1P0-15S15 DU1P0-15D05 DU1P0-15D12 DU1P0-15D15 DU1P0-24S05 DU1P0-24S12 DU1P0-24S15 DU1P0-24D05 DU1P0-24D12 DU1P0-24D15
2/2
Capacitor Load max(5)
6.2uF 6.2uF 6.2uF 3.0uF 3.0uF 3.0uF 6.2uF 6.2uF 6.2uF 3.0uF 3.0uF 3.0uF 6.2uF 6.2uF 6.2uF 3.0uF 3.0uF 3.0uF 6.2uF 6.2uF 6.2uF 3.0uF 3.0uF 3.0uF
Input Range
4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 4.5 - 5.5 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 10.8 - 13.2 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 13.5 - 16.5 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC 21.6 - 26.4 VDC
Output Voltage
5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
Output Current
200mA 83mA 67mA 100mA 42mA 33mA 200mA 83mA 67mA 100mA 42mA 33mA 200mA 83mA 67mA 100mA 42mA 33mA 200mA 83mA 67mA 100mA 42mA 33mA
Input Current (3)
274mA 255mA 261mA 270mA 258mA 257mA 114mA 106mA 112mA 114mA 109mA 106mA 97mA 89mA 88mA 94mA 88mA 87mA 61mA 56mA 57mA 59mA 57mA 55mA
Eff (%)
77 82 81 78 82 81 77 82 79 77 81 82 73 79 80 75 80 80 72 78 78 75 78 79
(4)
0.77(19.6)
Note
1. The DU1P0 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification BELLCORE TR-NWT-000332. Case 1: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment). Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load. 0.016(0.4) FRONT VIEW 0.14(3.6) 0.40(10.2) 0.01x 0.02 ( 0.25 x 0.5) Rectangular Pin 0.10(2.54) 0.20(5.08) BOTTOM VIEW 2 4567
2. 3. 4. 5.
0.085(2.16)
0.24(6.1)
1
0.053(1.35)
OUTPUT POWER (%)
DU1P0-24S05 Derating Curve
100 75 50 25 0 -40 -25 -10 0 50 60 70 80 90 100
All dimensions in inches(mm) Tolerance : x.xx0.02(x.x0.5) x.xxx0.01(x.xx0.25) Pin pitch tolerance 0.014(0.35)
STANDARD
PIN 1 2 4 5 6 SINGLE + INPUT - INPUT - OUTPUT NC + OUTPUT DUAL + INPUT - INPUT - OUTPUT COMMON + OUTPUT PIN 1 2 5 6 7
"N" Models
SINGLE + INPUT - INPUT DUAL + INPUT - INPUT
Nature convection
AMBIENT TEMPERATURE (C)
- OUTPUT - OUTPUT NC COMMON + OUTPUT + OUTPUT
ELECTRONIC COMPONENTS
RSG
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de www.rsg-electronic.de

Anderungen vorbehalten / subject to change without notice


▲Up To Search▲   

 
Price & Availability of DU1P0-15S05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X