Part Number Hot Search : 
GRM188R AC08ESM FDKCORP C8106 9EA15 92124J PG2800P BZX84C39
Product Description
Full Text Search
 

To Download DSU0402R104KN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT
High capacitance range complimenting the standard DS range Available in X7R, X5R, Y5V and Z5U Suitable for many applications including digital consumer goods and high resolution LCD displays
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
SECTION 1
OUTLINE DRAWING
T L

W

L mm 1.00.1 1.60.15 2.00.2 3.20.2 3.20.3 4.50.3
W mm 0.50.05 0.80.1 1.250.15 1.60.15 2.50.3 3.20.3
T mm 0.6 MAX 0.9 MAX 1.3 MAX 1.3 MAX 1.7 MAX 1.6 MAX
P mm 0.2 0.3 0.5 0.5 0.5 0.5
SizeCode 0402 0603 0805 1206 1210 1812
P C P
Indicates termination area
Dimensions in mm
TOLERANCE
DIELECTRIC MATERIALS, CAPACITANCE VALUES AND TOLERANCE AVAILABLE Dielectric X7R X5R Y5V Z5U Available Tolerance +/- 10%, +/- 20% +/- 10%, +/- 20% +/- 20%, - 20% + 80% +/- 20%, - 20% + 80% Capacitance As Tables As Tables As Tables As Tables Tolerance Codes K=10% M=20% K=10% M=20% M=20% Z= -20% + 80% M=20% Z= -20% + 80%
ORDERING INFORMATION DS
Part
B
Voltage U = 50 E = 25V C = 16V B = 10V D = 6.3V
005
Size 0402 0603 0805 1206 1210 1812
X
Dielectric R =- X7R X = X5R G = Y5V W = Z5U
10
Value Example 104 = 100nF 105 = 1F 106 = 10F
K
Tolerance K = 10% M = 20% Z = 20+80%
N
Plating N = Nickel barrier
1
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT RANGE
SECTION 1 Capacitance Capacitance Capacitance
Dielectric Case Size Rated Voltage (VDC) 0.15uF (154) 0.22uF (224) 0.33uF (334) 0.47uF (474) 1.0uF (105) 1.5uF (155) 2.2uF (225) 3.3uF (335) 4.7uF (475) 10uF (106) 1 x x x x x x x x x x x x x x x x x x x x x x x x x x x x x 00 5 50 x x x x x 10 1 X7R 005 5 50 1 10 5 50
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
110 5
Dielectric Case Size Rated Voltage (VDC) 0.22uF (224) 0.33uF (334) 0.47uF (474) 0.68uF (684) 0.82uF (824) 1.0uF (105) 1.2uF (125) 1.5uF (155) 1.8uF (185) 2.2uF (225) 3.3uF (335) 4.7uF (475) 6.8uF (685) 8.2uF (825) 10uF (106) 12uF (126) 15uF (156) 22uF (226) 33uF (336) 47uF (476) 100uF (107) F=Future o=Reflow Only F O O x x O x O O O x x x 00 . 10 . x x x x x x x x x x x x 00 10 1 x x x x x x x x x x x x x x x x x x x x x 5 . 10
X5R 005 1 5 . 10 10 1 5 x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x x O x x x x x x x x x x x O O O O O O O O x O O O O O O O O O O O O O O O O O 10 110 1 5
General Purpose Ceramic Chip Capacitors Y5V/Z5U Nickel Barrier Terminations Dielectric Case Size Rated Voltage (VDC) 1.5uF (155) 2.2uF (225) 3.3uF (335) 4.7uF (475) 6.8uF (685) 10uF (106) 22uF (226) 47uF (476) 100uF (107) x 10 x x 00 1 . x x x x x x x x x 005 10 1 x x x x x x x x x x x x x x 5 10 Y5V/Z5U 10 1 5 x x x x x x x x x x x 1 110 5 5 11 1 5
0
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758
SURFACE MOUNT TAPE DIMENSIONS (mm)
Type P Type C D0
CERAMIC SMD MULTI-LAYER HIGH CAPACITANCE DS
SECTION 1
E A0 F B0 G t t P P2 P0 directional of unreeling W
K1
W 8.0 0.3 8.0 0.3 12.0 0.3
Type C P P
D0 1.5 +0.1, -0 1.5 +0.1, -0 1.5 +0.1, -0
P 4.0 0.1 4.0 0.1 8.0 0.1
P0 4.0 0.1 4.0 0.1 4.0 0.1
P 2.0 -0.05 2.0 0.05 2.0 0.05
E 1.75 0.1 1.75 0.1 1.75 0.1
F 3.5 0.05 3.5 0.05 5.5 0.05
G 0.75 min 0.75 min 0.75 min
t 1.1 max 0.3 max 0.1 max
C = Card P = Plastic
REEL DIMENSIONS (mm)
2 0.5
Nom. Tape Width 8 12
A 180 or 330 +0-2 180 or 330 +0-2
W1 8.4 +1.5-0 12.4 +2-0
12.75 +0.15 -0 62 1.5 A
+0.5 20.5 -0
PERFORMANCE CHARACTERISTICS
PERFROMANCE CHARACTERISTICS 1. ELECTRICAL Dielectric Code General X7R X5R Y5V
W1
Z5U
X7R dielectrics offer higher X5R dielectrics offer higher Y5V dielectrics offer the Z5U dielectrics offer the capacitance for a given capacitance for a given highest capacitance for highest cpacitance for a case size than COG. case size than X7R. a given case size than X5R. given case size than Y5V. Applications would include Applictaions would include Applications would include bypass, coupling and filter- bypass, coupling and filter- bypass and decoupling ing circuits. ing circuits. circuits or where temperature dependence is not of major importance. -55 to + 125 >100G ohms or 1000 sec whichever is less 10, 16, 25, 50 2.5 x rated voltage 15% - 55 to + 85 >100G ohms or 1000sec whichever is less. 10,16,25 2.5 X rated voltage. 15% - 25 to + 85 >10G ohms or 100 sec whichever is less. 10, 16, 25, 35 2 x rated voltage +30% to - 80% Applications would include bypass and decoupling circuits or where temperature dependance is not of major importance. - 25 to + 85 >10G ohms or 100 sec whichever is less. 10, 16, 25, 35 2.5 x rated voltage +22% to - 56%
Examples of Applications
Temperature Range Insulation Resistance (I.R.) after 1 min charging at Rated Voltage Voltage Ratings dc Proof Voltage Max allowable Capacitance Variation over Temperature Range . ENVIRONMENT Test Resistance to soldering heat Adhesion
Conditions Components completely immersed in a solder bath at 260 10 for 5 secs. Component mounted to substrate a force of 5N applied normal to the line joining the termination and in a line parallel to the substrate. - 55 to 125C, 5 cycles (1B, 2C1) - 25 to +85, 5 cycles (2F4)
Requirement 25% Max leaching on each edge No visible damage
Rapid change or Temperature
No visible damage. After recovery C/C C/C C/C C/C Tan IR. 1% or pF 10% 10% 20% COG X7R X5R Y5V
1.5 x specified value 0.25 x specified value
1
Fax: 01371 875075
www.dubilier.co.uk
Tel: 01371 875758


▲Up To Search▲   

 
Price & Availability of DSU0402R104KN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X