Part Number Hot Search : 
7070585 70012 70012 LT100 4016302 SC4626 H281010 VISHAY
Product Description
Full Text Search
 

To Download DH3316P-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 303-1
SMT Power Inductors - DH3316 Series
These power inductors feature a small footprint, magnetic shielding and very high efficiency, making them ideal for high performance DC-DC converter applications. Like all Coilcraft surface mount power inductors, they are designed with a flat top for reliable pick and place operations. The terminations wrap around the end of the base, ensuring a sound solder fillet and simplifying inspection. Saturation current ratings up to 10 A and rms current ratings as high as 6 A are available. Very low DC resistance keeps power losses to a minimum. In addition to the standard values shown here, DH3316 inductors in custom values are also available. For free evaluation samples or to order, contact Coilcraft or visit www.coilcraft.com.
Part number1 DH3316P-102ML_ DH3316P-222ML_ DH3316P-332ML_ DH3316P-472ML_ DH3316P-682ML_ DH3316P-103ML_ DH3316P-153ML_ DH3316P-223ML_ DH3316P-333ML_ DH3316P-473ML_ DH3316P-683ML_ DH3316P-104ML_ DH3316P-154ML_ DH3316P-224ML_ DH3316P-334ML_ DH3316P-684ML_ DH3316P-105ML_
L 20%1 (H) 1.0 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 680 1000
DCR SRF max typ2 Isat3 (Ohms) (MHz) (A) 0.016 290 10.0 0.020 150 6.7 0.025 75 5.7 0.030 55 4.6 0.048 42 3.6 0.065 37 3.2 0.084 27 2.6 0.126 24 2.2 0.198 17 1.7 0.295 12 1.5 0.415 11 1.1 0.620 9 1.0 0.970 7 0.8 1.270 6 0.65 1.850 5 0.50 4.400 3 0.35 5.850 2.5 0.27
1. When ordering, please specify packaging code:
Irms4 (A) 6.0 4.1 3.7 3.2 2.6 2.2 1.8 1.6 1.2 1.0 0.90 0.60 0.51 0.44 0.38 0.23 0.22
DH3316P-105MLD Packaging: D = 13 machine ready reel. EIA-481 embossed plastic tape (1000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter D instead. 2. Inductance tested at 0.1 Vrms, 100 kHz, 0 Adc. 3. SRF measured using Agilent/HP 8753D network analyzer. 4. DC current at which the inductance drops 10% (typ) from its value without current. 5. Average current for a 40C rise above 25C ambient. 6. Operating temperature range -40C to +85C 7. Electrical specifications at 25C See Qualification Standards section for environmental and test data. See Color Coding section for part marking data.
Specifications subject to change without notice. Please check our website for latest information. Document 303-1
Revised 02/13/06
(c) Coilcraft, Inc. 2006
Document 303-2
SMT Power Inductors - DH3316 Series
Typical L vs Frequency Typical L vs Current
Weight: 860 - 980 mg Terminations: Nickel/gold over phos bronze Tape and reel: 1000/13 reel 24 mm tape width For packaging data see Tape and Reel Specifications section.
Specifications subject to change without notice. Please check our website for latest information. Document 303-2
Revised 01/27/05
(c) Coilcraft, Inc. 2006


▲Up To Search▲   

 
Price & Availability of DH3316P-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X