Part Number Hot Search : 
07231438 DS21Q354 B41794 MM74C A1208 PWR1211 GB4060D 0ZB6T
Product Description
Full Text Search
 

To Download DAC-011A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DAC-011A
PARALLEL DIGITAL TO RGB AND YPBPR MODULE
* Small compact design for pcb mounting * bit component outputs * Inputs with single pin control * Auto & forced 625/525 operation * Simultaneous RGB or YPbPr * Full video bandwidth filtered outputs
This interface card accepts CCIR656 parallel data and provides simultaneous component RGB and YPbPr analogue outputs, together with separate mixed sync's. The card accepts two inputs which can be selected via a single pin control. With other features such as the addition of mixed sync's to analogue outputs and automatic or forced 625/525 operation it is anticipated that this versatile module will provide more solutions than just interfacing to most broadcast monitors.. Input Requirements Input Line standard Set up time Hold time Component Output Characteristics Output format Output levels Resolution Freq. Response K-rating (2T) Noise Sync Output Characteristics Sync output amplitude Sync amp. on RGB or Y Power Operating Temp. Aqueous Washable Package 2 x digital inputs at TTL or CMOS levels. (CCIR656/SMPTE RP-125 coded) 625/525 (Auto detection or forced operation) 12nS min (data to clk rising edge) 2nS min (clk rising edge to data) Simultaneous YPbPr and RGB 700 mV 1% 10 bit < 0.2 dB to 5.5 MHz (RGB or Y), < 0.2 to 2.2 MHz (PbPr) 1% typical >70 dB rms to 5.5 MHz 2V 5% into 75 ohm 300 mV 10mV into 75 ohm +5V 0.25V (200mA max) - 5V 0.25V (80mA max) 00C to 400C No DR00173A
Other parameters
Control 0 Control 1 Control 2 Control 3
DAC-011A Control Information +5V or Open Circuit 0V See table below See table below See table below See table below SYNC's on RGB and Y No SYNC's on RGB or Y Input 1 selected Input 2 selected DAC-011A Standards Selection Control 0 Control 1 0V +5V or floating +5V or floating +5V or floating +5V or floating 0V
625 AUTO 525
(c) Faraday Technology. As part of continual product improvement the specifications, details and dimensions shown in this publication are subject to change without notice
FARA077d
Page 1 of 2
Jan-00(B)
PACKAGE DETAIL
Faraday Technology Ltd. Croft Road Industrial Estate, Newcastle, Staffordshire ST5 0QZ. England. FARA077d
Tel: Fax: Email: Web site: Page 2 of 2
+ 44 (0)1782 661501 + 44 (0)1782 630101 sales@faradaytech.co.uk http://www.faradaytech.co.uk Jan-00(B)


▲Up To Search▲   

 
Price & Availability of DAC-011A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X