Part Number Hot Search : 
7716A UZ27B CD407 IN7100 S2A04R KM684002 74ALVC 250BZI
Product Description
Full Text Search
 

To Download CZRT5240B-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Zener Diode
COMCHIP
SMD Diodes Specialist
CZRT5221B-HF Thru CZRT5267B-HF
Voltage: 2.4 to 39 Volts Power: 350 mWatts RoHS Device
Features
Halogen free. Planar die construction 350mW power dissipation on FR-4 PCB Ideally suited for automated assembly process General purpose, medium current
0.056(1.40) 0.047(1.20) 0.119(3.00) 0.110(2.80)
SOT-23
3
1
0.079(2.00) 0.071(1.80)
2
Mechanical data
Case: SOT-23, Molded plastic Terminals: Solderable per MIL-STD202G,method 208 Polarity: See diagram below Mounting position: Any Marking: see table on page2 Weight: 0.0078 gram(approx.).
Single 0.004(0.10) max 0.020(0.50) 0.012(0.30) 0.008(0.20) min 0.041(1.05) 0.035(0.90) 0.006(0.15) 0.002(0.05) 0.100(2.55) 0.089(2.25)
Dimensions in inches and (millimeter)
Electrical Characteristics (TA=25C, unless otherwise specified)
Parameter
Forward voltage drop at IF=10mA Power dissipation (Notes A),TA = 25C Thermal resistance, junction to ambient air (Notes A) Operating junction and storage temperature range
Symbol
VF PD RJA TJ
Value
0.9 350 357 -65 to +150
Unit
V mW
o
C/W
O
C
Notes: A. Valid provided that device terminals are kept at ambient temperature. B. Tested with pulses, Tp1.0mS.
REV:A
QW-JZ002
Page 1
Comchip Technology CO., LTD.
SMD Zener Diode
Electrical Characteristics(Ta = 25C)
Zener Voltage Part Number Min. CZRT5221B-HF CZRT5222B-HF CZRT5223B-HF CZRT5225B-HF CZRT5226B-HF CZRT5227B-HF CZRT5228B-HF CZRT5229B-HF CZRT5230B-HF CZRT5231B-HF CZRT5232B-HF CZRT5234B-HF CZRT5235B-HF CZRT5236B-HF CZRT5237B-HF CZRT5239B-HF CZRT5240B-HF CZRT5241B-HF CZRT5242B-HF CZRT5243B-HF CZRT5245B-HF CZRT5246B-HF CZRT5248B-HF CZRT5250B-HF CZRT5251B-HF CZRT5252B-HF CZRT5254B-HF CZRT5255B-HF CZRT5256B-HF CZRT5257B-HF CZRT5258B-HF CZRT5259B-HF CZRT5260B-HF CZRT5261B-HF CZRT5262B-HF CZRT5263B-HF CZRT5264B-HF CZRT5265B-HF CZRT5266B-HF CZRT5267B-HF 2.28 2.38 2.57 2.85 3.14 3.42 3.71 4.09 4.47 4.85 5.32 5.89 6.46 7.13 7.79 8.65 9.50 10.45 11.40 12.35 14.25 15.20 17.10 19.00 20.90 22.80 25.65 26.60 28.50 31.35 34.20 37.05 40.85 44.65 48.45 53.20 57.00 58.90 64.60 71.25 VZ(V)@IZT Nom. 2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 28 30 33 36 39 43 47 51 56 60 62 68 75 Max. 2.52 2.63 2.84 3.15 3.47 3.78 4.10 4.52 4.94 5.36 5.88 6.51 7.14 7.88 8.61 9.56 10.50 11.55 12.60 13.65 15.75 16.80 18.90 21.00 23.10 25.20 28.35 29.40 31.50 34.65 37.80 40.95 45.15 49.35 53.55 58.80 63.00 65.10 71.40 78.75 Operating Resistance ZZT(Ohm) Max. 30 30 30 30 28 24 23 22 19 17 11 7 5 6 8 10 17 22 30 13 16 17 21 25 29 33 41 44 49 58 70 80 93 105 125 150 170 185 230 270 IZT(mA) 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 20.0 9.5 8.5 7.8 7.0 6.2 5.6 5.2 5.0 4.5 4.2 3.8 3.4 3.2 3.0 2.7 2.5 2.2 2.1 2.0 1.8 1.7 Rising Operating Resistance ZZK(Ohm) Max. 1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 900 1000 1100 1300 1400 1500 1600 1400 IZK(mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Max. 100 100 75 50 25 15 10 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
COMCHIP
SMD Diodes Specialist
Reverse Current IR(uA) VR(V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 4.0 5.0 6.0 6.5 7.0 8.0 8.4 9.1 9.9 11 12 14 15 17 18 21 21 23 25 27 30 33 36 39 43 46 47 52 56 KC1 KC2 KC3 KC5 KG1 KG2 KG3 KG4 KG5 KE1 KE2 KE4 KE5 KF1 KF2 KF4 KF5 KH1 KH2 KH3 KH5 KJ1 KJ3 KJ5 KK1 KK2 KK4 KK5 KM1 KM2 KM3 KM4 KM5 KN1 KN2 KN3 KN4 KN5 KP1 KP2 Marking Code
Note: 5% Standard Vz Tolerance
REV:A
QW-JZ002
Page 2
Comchip Technology CO., LTD.
SMD Zener Diode
COMCHIP
SMD Diodes Specialist
RATING AND CHARACTERISTIC CURVES (CZRT5221B-HF Thru CZRT5267B-HF)
Fig.1 Typical forward voltage
1000 1000 100 10
Forward current(mA)
Fig.2 Typical leakage current
100
Leakage current(uA)
1 0.1 0.01 0.001 0.0001
+25C +150C
0 C
+7 5
5C
-5 C
10
+1 5
C
+2
-55C
1 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
0.00001 0 10 20 30 40 50 60 70 80 90 Forward Voltage(V)
Normal zener voltage(V)
Fig.3 Temperature coefficents
100 Temperature coefficient,(mA/C) 0.6
Fig.4 Steady state power derating
TA = 25C
0.5
Power dissipation(W)
0.4 0.3 0.2 0.1
10
1 10 Nominal zener voltage(V) 100
0 0 25 50 75 100 125 150 175
Temperature(C)
REV:A
QW-JZ002
Page 3
Comchip Technology CO., LTD.
SMD Zener Diode
Reel Taping Specification
P0 P1 d Index hole E T
COMCHIP
SMD Diodes Specialist
F B P A
W C
12 0
o
D2
D1 D
W1
Trailer ....... .......
10 pitches (min)
Device ....... ....... ....... .......
Leader ....... .......
10 pitches (min)
End
Start
Direction of Feed
SYMBOL
A
3.10 0.10
0.122 0.004
B
2.85 0.10
0.112 0.004
C
1.40 0.10
0.055 0.004
d
1.55 0.10
0.061 0.004
D
178 1
7.008 0.04
D1
50.0 MIN.
1.969 MIN.
D2
13.0 0.20
0.512 0.008
SOT-23
(mm) (inch)
SYMBOL
E
1.75 0.10
0.069 0.004
F
3.50 0.05
0.138 0.002
P
4.00 0.10
0.157 0.004
P0
4.00 0.10
0.157 0.004
P1
2.00 0.05
0.079 0.002
W
8.00 0.30
0.315 0.012
W1
14.4 MAX.
0.567 MAX.
SOT-23
(mm) (inch)
REV:A
QW-JZ002
Page 4
Comchip Technology CO., LTD.
SMD Zener Diode
Suggested PAD Layout
SOT-23 SIZE (mm) A B C D 0.80 1.90 2.02 2.82 (inch) 0.031
A
COMCHIP
SMD Diodes Specialist
C
D
0.075 0.080 0.111
B
Standard Package
Qty per Reel Case Type (Pcs) SOT-23 3000 Reel Size (inch) 7
REV:A
QW-JZ002
Page 5
Comchip Technology CO., LTD.


▲Up To Search▲   

 
Price & Availability of CZRT5240B-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X