Part Number Hot Search : 
681KD20 UCY7403N FR205 MAXQ3210 ES3207 MAXQ3210 TL431 2SK3161S
Product Description
Full Text Search
 

To Download CS5368-DQZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CS5368
114 dB, 192 kHz, 8-Channel A/D Converter
Features
Advanced Multi-bit Delta-Sigma Architecture 24-Bit Conversion 114 dB Dynamic Range -105 dB THD+N Supports Audio Sample Rates up to 216 kHz Selectable Audio Interface Formats - Left-Justified, IS, TDM - 8-Channel TDM Interface Formats Low Latency Digital Filter Less than 680 mW Power Consumption On-Chip Oscillator Driver Operation as System Clock Master or Slave Auto-Detect Speed in Slave Mode Differential Analog Architecture Separate 1.8 V to 5 V Logic Supplies for Control and Serial Ports High-Pass Filter for DC Offset Calibration Overflow Detection Footprint Compatible with the 4-Channel CS5364 and 6-Channel CS5366
Additional Control Port Features
Supports Standard IC(R) or SPITM Control Interface Individual Channel HPF Disable Overflow Detection for Individual Channels Mute Control for Individual Channels Independent Power-Down Control per Channel Pair
VA 5V
VD 3.3 - 5V
VLC 1.8 - 5V
Configuration Registers
Control Interface I2C, SPI or Pins
Level Translator
Voltage Reference Internal Oscillator
Device Control
8 Differential Analog Inputs
Multi-bit ADC
Decimation Filter
High Pass Filter
Serial Audio Out PCM or TDM
Level Translator
Digital Audio
VLS 1.8 - 5V
http://www.cirrus.com
Copyright (c) Cirrus Logic, Inc. 2007 (All Rights Reserved)
JULY '07 DS624F2
CS5368
Description
The CS5368 is a complete 8-channel analog-to-digital converter for digital audio systems. It performs sampling, analog-to-digital conversion, and anti-alias filtering, generating 24-bit values for all 8-channel inputs in serial form at sample rates up to 216 kHz per channel. The CS5368 uses a 5th-order, multi-bit delta sigma modulator followed by low latency digital filtering and decimation, which removes the need for an external anti-aliasing filter. The ADC uses a differential input architecture which provides excellent noise rejection. Dedicated level translators for the Serial Port and Control Port allow seamless interfacing between the CS5368 and other devices operating over a wide range of logic levels. In addition, an on-chip oscillator driver provides clocking flexibility and simplifies design. The CS5368 is the industry's first audio A/D to support a high-speed TDM interface which provides a serial output of 8 channels of audio data with sample rates up to 216 kHz within a single data stream. It further reduces layout complexity and relieves input/output constraints in digital signal processors. The CS5368 is available in 48-pin LQFP package in both Commercial (-40 to 85C) and Automotive grades (-40 to +105C). The CDB5368 Customer Demonstration board is also available for device evaluation and implementation suggestions. Please see "Ordering Information" on page 41 for complete ordering information. The CS5368 is ideal for high-end and pro-audio systems requiring unrivaled sound quality, transparent conversion, wide dynamic range and negligible distortion, such as A/V receivers, digital mixing consoles, multi-channel recorders, outboard converters, digital effect processors, and automotive audio systems.
2
DS624F2
CS5368 TABLE OF CONTENTS
1. PIN DESCRIPTION ................................................................................................................................. 6 2. TYPICAL CONNECTION DIAGRAM ................................................................................................... 9 3. CHARACTERISTICS AND SPECIFICATIONS .................................................................................... 10 RECOMMENDED OPERATING CONDITIONS ................................................................................. 10 ABSOLUTE RATINGS ....................................................................................................................... 10 SYSTEM CLOCKING ......................................................................................................................... 10 DC POWER ........................................................................................................................................ 11 LOGIC LEVELS ................................................................................................................................. 11 PSRR, VQ AND FILT+ CHARACTERISTICS .................................................................................... 11 ANALOG CHARACTERISTICS (COMMERCIAL) .............................................................................. 12 ANALOG CHARACTERISTICS (AUTOMOTIVE) ............................................................................... 13 DIGITAL FILTER CHARACTERISTICS ............................................................................................. 14 OVERFLOW TIMEOUT ...................................................................................................................... 14 SERIAL AUDIO INTERFACE - IS/LJ TIMING ................................................................................... 15 SERIAL AUDIO INTERFACE - TDM TIMING ..................................................................................... 16 SWITCHING SPECIFICATIONS - CONTROL PORT - IC TIMING ................................................... 17 SWITCHING SPECIFICATIONS - CONTROL PORT - SPI TIMING .................................................. 18 4. APPLICATIONS ................................................................................................................................... 19 4.1 Power ............................................................................................................................................. 19 4.2 Control Port Mode and Stand-Alone Operation .............................................................................. 19 4.2.1 Stand-Alone Mode ................................................................................................................. 19 4.2.2 Control Port Mode ................................................................................................................. 19 4.3 Master Clock Source ...................................................................................................................... 20 4.3.1 On-Chip Crystal Oscillator Driver .......................................................................................... 20 4.3.2 Externally Generated Master Clock ....................................................................................... 20 4.4 Master and Slave Operation ........................................................................................................... 21 4.4.1 Synchronization of Multiple Devices ...................................................................................... 21 4.5 Serial Audio Interface (SAI) Format ................................................................................................ 22 4.5.1 IS and LJ Format .................................................................................................................. 22 4.5.2 TDM Format .......................................................................................................................... 23 4.5.3 Configuring Serial Audio Interface Format ............................................................................ 23 4.6 Speed Modes ................................................................................................................................. 23 4.6.1 Sample Rate Ranges ............................................................................................................ 23 4.6.2 Using M1 and M0 to Set Sampling Parameters .................................................................... 23 4.6.3 Master Mode Clock Dividers ................................................................................................. 24 4.6.4 Slave Mode Audio Clocking With Auto-Detect ...................................................................... 24 4.7 Master and Slave Clock Frequencies ............................................................................................. 25 4.8 Reset .............................................................................................................................................. 27 4.8.1 Power-Down Mode ................................................................................................................ 27 4.9 Overflow Detection ......................................................................................................................... 27 4.9.1 Overflow in Stand-Alone Mode .............................................................................................. 27 4.9.2 Overflow in Control Port Mode .............................................................................................. 27 4.10 Analog Connections ..................................................................................................................... 28 4.11 Optimizing Performance in TDM Mode ........................................................................................ 29 4.12 DC Offset Control ......................................................................................................................... 29 4.13 Control Port Operation .................................................................................................................. 30 4.13.1 SPI Mode ............................................................................................................................. 30 4.13.2 IC Mode .............................................................................................................................. 31 5. REGISTER MAP ................................................................................................................................... 32 5.1 Register Quick Reference ............................................................................................................. 32 5.2 00h (REVI) Chip ID Code & Revision Register ............................................................................... 32 DS624F2 3
CS5368
5.3 01h (GCTL) Global Mode Control Register ................................................................................... 32 5.4 02h (OVFL) Overflow Status Register ........................................................................................... 33 5.5 03h (OVFM) Overflow Mask Register ............................................................................................ 33 5.6 04h (HPF) High-Pass Filter Register ............................................................................................. 34 5.7 05h Reserved ................................................................................................................................ 34 5.8 06h (PDN) Power Down Register .................................................................................................. 34 5.9 07h Reserved ................................................................................................................................ 34 5.10 08h (MUTE) Mute Control Register .............................................................................................. 34 5.11 09h Reserved .............................................................................................................................. 35 5.12 0Ah (SDEN) SDOUT Enable Control Register ............................................................................ 35 6. FILTER PLOTS ..................................................................................................................................... 36 7. PARAMETER DEFINITIONS ................................................................................................................ 39 8. PACKAGE DIMENSIONS ................................................................................................................... 40 THERMAL CHARACTERISTICS ....................................................................................................... 40 9. ORDERING INFORMATION ................................................................................................................ 41 10. REVISION HISTORY ......................................................................................................................... 41
LIST OF FIGURES
Figure 1. CS5368 Pinout ............................................................................................................................. 6 Figure 2. Typical Connection Diagram ........................................................................................................ 9 Figure 3. IS/LJ Timing .............................................................................................................................. 15 Figure 4. TDM Timing ............................................................................................................................... 16 Figure 5. IC Timing .................................................................................................................................. 17 Figure 6. SPI Timing ................................................................................................................................. 18 Figure 7. Crystal Oscillator Topology ........................................................................................................ 20 Figure 8. Master/Slave Clock Flow ........................................................................................................... 21 Figure 9. Master and Slave Clocking for a Multi-Channel Application ...................................................... 21 Figure 10. IS Format ................................................................................................................................ 22 Figure 11. LJ Format ................................................................................................................................. 22 Figure 12. TDM Format ............................................................................................................................. 23 Figure 13. Master Mode Clock Dividers .................................................................................................... 24 Figure 14. Slave Mode Auto-Detect Speed ............................................................................................... 24 Figure 15. Recommended Analog Input Buffer ......................................................................................... 28 Figure 16. SPI Format ............................................................................................................................... 30 Figure 17. IC Write Format ...................................................................................................................... 31 Figure 18. IC Read Format ...................................................................................................................... 31 Figure 19. SSM Passband ........................................................................................................................ 36 Figure 20. DSM Passband ........................................................................................................................ 36 Figure 21. QSM Passband ........................................................................................................................ 36 Figure 22. SSM Stopband ......................................................................................................................... 37 Figure 23. DSM Stopband ......................................................................................................................... 37 Figure 24. QSM Stopband ........................................................................................................................ 37 Figure 25. SSM -1 dB Cutoff ..................................................................................................................... 38 Figure 26. DSM -1 dB Cutoff .................................................................................................................... 38 Figure 27. QSM -1 dB Cutoff ..................................................................................................................... 38
4
DS624F2
CS5368 LIST OF TABLES
Table 1. Power Supply Pin Definitions ...................................................................................................... 19 Table 2. DIF1 and DIF0 Pin Settings ........................................................................................................ 23 Table 3. M1 and M0 Settings .................................................................................................................... 23 Table 4. Frequencies for 48 kHz Sample Rate using LJ/IS ..................................................................... 25 Table 5. Frequencies for 96 kHz Sample Rate using LJ/IS ..................................................................... 25 Table 6. Frequencies for 192 kHz Sample Rate using LJ/IS ................................................................... 25 Table 7. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25 Table 8. Frequencies for 48 kHz Sample Rate using TDM ....................................................................... 25 Table 9. Frequencies for 96 kHz Sample Rate using TDM ....................................................................... 26 Table 10. Frequencies for 96 kHz Sample Rate using TDM ..................................................................... 26 Table 11. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26 Table 12. Frequencies for 192 kHz Sample Rate using TDM ................................................................... 26
DS624F2
5
CS5368 1. PIN DESCRIPTION
M0/SDA/CDOUT M1/SCL/CCLK DIF0/AD0/CS DIF1/AD1/CDIN
AIN1+
AIN5+
AIN6+
AIN1-
AIN5-
AIN6-
MDIV
48 47 46 45 44 43 42 41 40 39 38 37
AIN2+ AIN2GND VA REF_GND FILT+ VQ GND VA GND AIN4+ AIN4-
RST
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
GND AIN3+ AIN7+ AIN8+ XTI XTO LRCK/FS AIN3AIN7AIN8MCLK VX
36 35 34 33
OVFL VLC CLKMODE VD GND SDOUT3/TDM SDOUT1/TDM GND VLS SDOUT2 SDOUT4 SCLK
CS5368
32 31 30 29 28 27 26 25
Figure 1. CS5368 Pinout
6
DS624F2
CS5368
Pin Name
AIN2+, AIN2AIN4+, AIN4AIN3+, AIN3AIN7+, AIN7AIN8+, AIN8AIN6+, AIN6AIN5+, AIN5AIN1+, AIN1GND VA REF_GND FILT+ VQ VX XTI XTO MCLK
Pin #
1,2 11,12 13,14 15,16 17,18 43,44 45,46 47,48 3,8 10,19 29,32 4,9 5 6 7 20 21 22 23
Pin Description
Differential Analog (Inputs) - Audio signals are presented differently to the delta sigma modulators via the AIN+/- pins.
Ground (Input) - Ground reference. Must be connected to analog ground. Analog Power (Input) - Positive power supply for the analog section Reference Ground (Input) - For the internal sampling circuits. Must be connected to analog ground. Positive Voltage Reference (Output) - Reference voltage for internal sampling circuits. Quiescent Voltage (Output) - Filter connection for the internal quiescent reference voltage. Crystal Oscillator Power (Input) - Also powers control logic to enable or disable oscillator circuits. Crystal Oscillator Connections (Input/Output) - I/O pins for an external crystal which may be used to generate MCLK. System Master Clock (Input/Output) - When a crystal is used, this pin acts as a buffered MCLK Source (Output). When the oscillator function is not used, this pin acts as an input for the system master clock. In this case, the XTI and XTO pins must be tied low. Serial Audio Channel Clock (Input/Output) In IS Mode, Serial Audio Channel Select. When low, the odd channels are selected. In LJ Mode, Serial Audio Channel Select. When high, the odd channels are selected. In TDM Mode, a frame sync signal. When high, it marks the beginning of a new frame of serial audio samples. In Slave Mode, this pin acts as an input pin. Main timing clock for the Serial Audio Interface (Input/Output) - During Master Mode, this pin acts as an output, and during Slave Mode it acts as an input pin. Serial Audio Data (Output) - Channels 7,8. Serial Audio Data (Output) - Channels 3,4. Serial Audio Interface Power (Input) - Positive power for the serial audio interface. Serial Audio Data (Output) - Channels 1,2. Serial Audio Data (Output) - Channels 5,6. TDM is complementary TDM data. Digital Power (Input) - Positive power supply for the digital section/ Control Port Interface Power(Input) - Positive power for the control port interface. Overflow (Output, open drain) - Detects an overflow condition on both left and right channels. Reset (Input) - The device enters a low power mode when low. CLKMODE (Input) - Setting this pin HIGH places a divide-by-1.5 circuit in the MCLK path to the core device circuitry. DIF1, DIF0 (Input) - Inputs of the audio interface format. Mode Selection (Input) - Determines the operational mode of the device. MCLK Divider (Input) - Setting this pin HIGH places a divide-by-2 circuit in the MCLK path to the core device circuitry.
LRCK/FS
24
SCLK SDOUT4 SDOUT2 VLS SDOUT1/TDM SDOUT3/TDM VD VLC OVFL RST
25 26 27 28 30 31 33 35 36 41
Stand-Alone Mode
CLKMODE DIF1 DIF0 M1 M0 MDIV 34 37 38 39 40 42
DS624F2
7
CS5368
Control Port Mode
CLKMODE AD1/CDIN AD0/CS SCL/CCLK SDA/CDOUT MDIV 34 37 38 39 40 42 CLKMODE (Input) - This pin is ignored in Control Port Mode and the same functionality is obtained from the corresponding bit in the Global Control Register. Note: Should be connected to GND when using the part in Control Port Mode. IC Format, AD1 (Input) - Forms the device address input AD[1]. SPI Format, CDIN (Input) - Becomes the input data pin. IC Format, AD0 (Input) - Forms the device address input AD[0]. SPI Format, CS (Input) - Acts as the active low chip select input. IC Format, SCL (Output) - Acts as the serial clock output from the CS5368. SPI Format, CCLK (Output) - Acts as the serial clock output from the CS5368. IC Format SDA (Input/Output) - Acts as an input/output data pin. SPI Format CDOUT (Output) - Acts as an output only data pin. MCLK Divider (Input) - This pin is ignored in Control Port Mode and the same functionality is obtained from the corresponding bit in the Global Control Register. Note: Should be connected to GND when using the part in Control Port Mode.
8
DS624F2
CS5368 2. TYPICAL CONNECTION DIAGRAM
Resistor may only be used if VD is derived from VA. If used, do not drive any other logic from VD.
+
1 F
+5V to 3.3V
+5V
+
1 F
0.01 F
4, 9
5.1
33
0.01 F
VA
6
VD
220 F 1 F
+
0.1 F 0.1 F
FILT+ REF_GND
VQ GND
5 7
VLC
35
+5V to 1.8V
0.01 F
39 40 36 37 38 41 42 34
+
8
Channel 1 Analog Input Buffer
47 48 1 2 13 14 11 12 45 46 43 44 15 16 17 18
AIN 1+ AIN 1AIN 2+ AIN 2AIN 3+ AIN 3AIN 4+ AIN 4AIN 5+ AIN 5AIN 6+ AIN 6AIN 7+ AIN 7AIN 8+ AIN 8GND
MODE1/SCL/CCLK MODE0/SDA/CDOUT OVFL DIF1/AD1/CDIN DIF0/AD0/CS RST MDIV
CLKMODE
Power Down and Mode Settings
Channel 2 Analog Input Buffer
Channel 3 Analog Input Buffer
CS5368 A/D CONVERTER
VLS
28
+5V to 1.8V
0.01 F
30 27 31 26 24 25 23
Channel 4 Analog Input Buffer
SDOUT1/ TDM SDOUT2 SDOUT3/ TDM SDOUT4 LRCK/FS SCLK MCLK
Audio Data Processor
Channel 5 Analog Input Buffer
Timing Logic and Clock
Channel 6 Analog Input Buffer
Channel 7 Analog Input Buffer
VX XTI XTO
20
+5V
21 22
Channel 8 Analog Input Buffer
3, 8, 10, 19, 29, 32
Figure 2. Typical Connection Diagram
For analog buffer configurations, refer to Cirrus Application Note AN241. Also, a low-cost single-ended-to-differential solution is provided on the Customer Evaluation Board.
DS624F2
9
CS5368 3. CHARACTERISTICS AND SPECIFICATIONS RECOMMENDED OPERATING CONDITIONS
GND = 0 V, all voltages with respect to 0 V. Parameter
DC Power Supplies: Positive Analog Positive Crystal Positive Digital Positive Serial Logic Positive Control Logic (-CQZ) (-DQZ)
Symbol
VA VX VD VLS VLC TAC TAA
Min
4.75 4.75 3.14 1.711 1.71 -40 -40
Typ
5.0 5.0 3.3 3.3 3.3 -
Max
Unit
5.25
V
Ambient Operating Temperature
85 105
C
1. TDM Quad-Speed Mode specified to operate correctly at VLS 3.14 V.
ABSOLUTE RATINGS
Operation beyond these limits may result in permanent damage to the device. Normal operation is not guaranteed at these extremes. Transient currents up to 100 mA on the analog input pins will not cause SCR latch-up. Parameter
DC Power Supplies: Positive Analog Positive Crystal Positive Digital Positive Serial Logic Positive Control Logic
Symbol
VA VX VD VLS VLC Iin VIN VIND TA Tstg
Min
Typ
Max
Units
-0.3
-
+6.0
V
Input Current Analog Input Voltage Digital Input Voltage Ambient Operating Temperature (Power Applied) Storage Temperature
-10 -0.3 -50 -65 -
+10 VA+0.3 VL+0.3 +95 +150
mA V C
SYSTEM CLOCKING
Parameter
Input Master Clock Frequency Input Master Clock Duty Cycle
Symbol
MCLK tclkhl
Min
0.512 40
Typ
Max
55.05 60
Unit
MHz %
10
DS624F2
CS5368 DC POWER
MCLK = 12.288 MHz; Master Mode; GND = 0 V. Parameter
Power Supply Current (Normal Operation) VA = 5 V VX = 5 V VD = 5 V VD = 3.3 V VLS, VLC = 5 V VLS, VLC = 3.3 V VA = VX = 5 V VLS, VLC, VD = 5 V
Symbol
IA IX ID ID IL IL IA ID+L -
Min
Typ
100 4 70 42 12 5 50 500 930 675 2.75
Max
112 8 88 50 15 8 1115 792 -
Unit
-
mA
Power Supply Current (Power-Down) (Note 1)
-
A
Power Consumption Normal Operation All Supplies = 5 V VA = VX = 5 V, VD = VLS = VLC = 3.3 V (Power-Down) (Note 1)
-
mW
1. Power-Down is defined as RST = LOW with all clocks and data lines held static at a valid logic level.
LOGIC LEVELS
Parameter
High-Level Input Voltage Low-Level Input Voltage High-Level Output Voltage at 100 A load Low-Level Output Voltage at -100 A load OVFL Current Sink Input Leakage Current logic pins only Iin -10 %VLS/VLC %VLS/VLC %VLS/VLC %VLS/VLC
Symbol
VIH VIL VOH VOL
Min
70 85 -
Typ
Max
30 15
Units
-
%
-4 10
mA A
PSRR, VQ AND FILT+ CHARACTERISTICS
MCLK = 12.288 MHz; Master Mode. Valid with the recommended capacitor values on FILT+ and VQ as shown in the "Typical Connection Diagram". Parameter
Power Supply Rejection Ratio at (1 kHz) VQ Nominal Voltage Output Impedance Maximum allowable DC current source/sink Filt+ Nominal Voltage Output Impedance Maximum allowable DC current source/sink
Symbol
PSRR
Min
-
Typ
65 VA/2 25 10 VA 4.4 10
Max
-
Unit
dB V k A V k A
-
-
DS624F2
11
CS5368 ANALOG CHARACTERISTICS (COMMERCIAL)
Test Conditions (unless otherwise specified). VA = 5 V, VD = VLS = VLC 3.3 V, and TA = 25 C. Full-scale input sine wave. Measurement Bandwidth is 10 Hz to 20 kHz. Parameter
Single-Speed Mode Dynamic Range Total Harmonic Distortion + Noise referred to typical full scale Double-Speed Mode Dynamic Range Fs = 96 kHz A-weighted unweighted 40 kHz bandwidth unweighted -1 dB -20 dB -60 dB -1dB THD+N 108 105 114 111 108 -105 -91 -51 -102 114 111 108 -105 -91 -51 -102 110 0.1 -99 -45 dB Fs = 48 kHz A-weighted unweighted -1 dB -20 dB -60 dB THD+N 108 105 114 111 -105 -91 -51 -99 -45 dB dB
Symbol
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise referred to typical full scale 40 kHz bandwidth Quad-Speed Mode Dynamic Range Fs = 192 kHz
dB
A-weighted unweighted 40 kHz bandwidth unweighted -1 dB -20 dB -60 dB -1dB THD+N
108 105 -
-99 -45 5 100 1.19*VA -
dB
Total Harmonic Distortion + Noise referred to typical full scale 40 kHz bandwidth
dB
Dynamic Performance for All Modes
Interchannel Isolation -5 HPF enabled HPF disabled 0 1.07*VA CMRR dB dB % ppm/C LSB
DC Accuracy
Interchannel Gain Mismatch Gain Error Gain Drift Offset Error
100
1.13*VA 250 82
Analog Input Characteristics
Full-scale Differential Input Voltage Input Impedance (Differential) Common Mode Rejection Ratio Vpp k dB
12
DS624F2
CS5368 ANALOG CHARACTERISTICS (AUTOMOTIVE)
Test Conditions (unless otherwise specified). VA = 5.25 to 4.75 V, VD = 5.25 to 3.14 V, VLS = VLC = 5.25 to 1.71 V and TA = -40 to +85 C. Full-scale input sine wave. Measurement Bandwidth is 10 Hz to 20 kHz. Parameter
Single-Speed Mode Dynamic Range Total Harmonic Distortion + Noise referred to typical full scale Double-Speed Mode Dynamic Range Fs = 96 kHz A-weighted unweighted 40 kHz bandwidth unweighted -1 dB -20 dB -60 dB -1 dB THD+N 106 103 114 111 108 -105 -91 -51 -102 114 111 108 -105 -91 -51 -102 110 0.1 -97 -45 dB Fs = 48 kHz A-weighted unweighted -1 dB -20 dB -60 dB THD+N 106 103 114 111 -105 -91 -51 -97 -45 dB dB
Symbol
Min
Typ
Max
Unit
Total Harmonic Distortion + Noise referred to typical full scale 40 kHz bandwidth Quad-Speed Mode Dynamic Range Fs = 192 kHz
dB
A-weighted unweighted 40 kHz bandwidth unweighted -1 dB -20 dB -60 dB -1 dB THD+N
106 103 -
-97 -45 7 100 1.24*VA -
dB
Total Harmonic Distortion + Noise referred to typical full scale 40 kHz bandwidth
dB
Dynamic Performance for All Modes
Interchannel Isolation -7 HPF enabled HPF disabled 0 1.02*VA CMRR dB dB % ppm/C LSB
DC Accuracy
Interchannel Gain Mismatch Gain Error Gain Drift Offset Error
100
1.13*VA 250 82
Analog Input Characteristics
Full-scale Input Voltage Input Impedance (Differential) Common Mode Rejection Ratio Vpp k dB
DS624F2
13
CS5368 DIGITAL FILTER CHARACTERISTICS
Parameter Single-Speed Mode (2 kHz to 54 kHz sample rates)
Passband (Note 1) Passband Ripple Stopband (Note 1) Stopband Attenuation Total Group Delay (Fs = Output Sample Rate) tgd (-0.1 dB) (-0.1 dB) 0 -0.035 0.58 -95 0 -0.035 0.68 -92 tgd (-0.1 dB) 0 -0.035 0.78 -92 tgd -3.0 dB -0.13 dB @ 20 Hz 5/Fs 1 20 10 105/Fs 9/Fs 0.24 0.035 12/Fs 0.45 0.035 0.47 0.035 Fs dB Fs dB s Fs dB Fs dB s Fs dB Fs dB s
Symbol
Min
Typ
Max
Unit
Double-Speed Mode (54 kHz to 108 kHz sample rates)
Passband (Note 1) Passband Ripple Stopband (Note 1) Stopband Attenuation Total Group Delay (Fs = Output Sample Rate)
Quad-Speed Mode (108 kHz to 216 kHz sample rates)
Passband (Note 1) Passband Ripple Stopband (Note 1) Stopband Attenuation Total Group Delay (Fs = Output Sample Rate)
High-Pass Filter Characteristics
Frequency Response (Note 2) Phase Deviation (Note 2) Passband Ripple Filter Settling Time 0 Hz Deg dB s
Notes: 1. The filter frequency response scales precisely with Fs. 2. Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
OVERFLOW TIMEOUT
Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 30 pF, timing threshold is 50% of VLS. Parameter OVFL time-out on overrange condition
Fs = 44.1 kHz Fs = 192 kHz -
Symbol
Min
Typ
(217-1)/Fs 2972 683
Max
-
Unit
ms
14
DS624F2
CS5368 SERIAL AUDIO INTERFACE - IS/LJ TIMING
The serial audio port is a three-pin interface consisting of SCLK, LRCK and SDOUT. Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 20 pF, timing threshold is 50% of VLS. Parameter
Sample Rates Single-Speed Mode Double-Speed Mode Quad-Speed Mode
Symbol
-
Min
2 54 108 64*Fs 72.3 40 28 20 20 10 20 10 5 72.3 28 20 20 4 10 10 20 10 5
Typ
-
Max
54 108 216 64*Fs 60 38 -
Unit
kHz
Master Mode
SCLK Frequency SCLK Period SCLK Duty Cycle (Note 1) LRCK setup LRCK hold SDOUT setup SDOUT hold 1/(64*216 kHz) (CLKMODE = 0)(Note 2) (CLKMODE = 1)(Note 2) before SCLK rising after SCLK rising before SCLK rising after SCLK rising (VLS = 1.8 V) after SCLK rising (VLS = 3.3 V) after SCLK rising (VLS = 5 V) tPERIOD tHIGH tHIGH tSETUP1 tHOLD1 tSETUP2 tHOLD2 tHOLD2 tHOLD2 tPERIOD tHIGH tSETUP1 tHOLD1 tSETUP2 tSETUP2 tSETUP2 tHOLD2 tHOLD2 tHOLD2 50 33 Hz ns % % ns
-
-
ns
Slave Mode
SCLK Frequency (Note 3) SCLK Period SCLK Duty Cycle LRCK setup LRCK hold SDOUT setup 1/(64*216 kHz) before SCLK rising after SCLK rising before SCLK rising (VLS = 1.8 V) before SCLK rising (VLS = 3.3 V) before SCLK rising (VLS = 5 V) after SCLK rising (VLS = 1.8 V) after SCLK rising (VLS = 3.3 V) after SCLK rising (VLS = 5 V) 64*Fs 65 Hz ns % ns
SDOUT hold
-
-
ns
Notes: 1. Duty cycle of generated SCLK depends on duty cycle of received MCLK as specified under "System Clocking" on page 10. 2. CLKMODE functionality described in Section 4.6.3 "Master Mode Clock Dividers" on page 24. 3. In Slave Mode, the SCLK/LRCK ratio can be set according to preference. However, chip performance is guaranteed only when using the ratios in Section 4.7 Master and Slave Clock Frequencies on page 25.
t PERIOD SCLK t HOLD1 LRCK channel tSET UP1 channel t SET UP2 SDOUT data data t HOLD2 t HIGH
Figure 3. IS/LJ Timing
DS624F2
15
CS5368 SERIAL AUDIO INTERFACE - TDM TIMING
The serial audio port is a three-pin interface consisting of SCLK, LRCK and SDOUT. Logic "0" = GND = 0 V; Logic "1" = VLS; CL = 20 pF, timing threshold is 50% of VLS. Parameter
Sample Rates Single-Speed Mode Double-Speed Mode Quad-Speed Mode1
Symbol
-
Min
2 54 108 256*Fs 18 40 28 20 18 5 128 5 5 18 28 20 20 10 1 5 5
Typ
50 33 256*Fs -
Max
54 108 216 256*Fs 60 38 128 65 244 -
Unit
kHz kHz kHz Hz ns % % ns ns ns ns ns Hz ns % ns ns ns ns ns
Master Mode
SCLK Frequency SCLK Period SCLK Duty Cycle (Note 2) FS setup FS setup FS setup FS width SDOUT setup SDOUT hold 1/(256*216 kHz) (CLKMODE = 0)(Note 3) (CLKMODE = 1)(Note 3) tPERIOD tHIGH1 tHIGH1 tSETUP1 tSETUP1 tSETUP1 tHIGH2 tSETUP2 tHOLD2
before SCLK rising (Single-Speed Mode) before SCLK rising (Double-Speed Mode) before SCLK rising (Quad-Speed Mode) in SCLK cycles before SCLK rising after SCLK rising
Slave Mode
SCLK Frequency (Note 4) SCLK Period SCLK Duty Cycle FS setup FS setup FS setup FS width SDOUT setup SDOUT hold 1/(256*216 kHz) tPERIOD tHIGH1 tSETUP1 tSETUP1 tSETUP1 tHIGH2 tSETUP2 tHOLD2
before SCLK rising (Single-Speed Mode) before SCLK rising (Double-Speed Mode) before SCLK rising (Quad-Speed Mode) in SCLK cycles before SCLK rising after SCLK rising
Notes: 1. TDM Quad-Speed Mode only specified to operate correctly at VLS 3.14 V. 2. Duty cycle of generated SCLK depends on duty cycle of received MCLK as specified under "System Clocking" on page 10. 3. CLKMODE functionality described in Section 4.6.3 "Master Mode Clock Dividers" on page 24. 4. In Slave Mode, the SCLK/LRCK ratio can be set according to preference; chip performance is guaranteed only when using the ratios in Section 4.7 Master and Slave Clock Frequencies on page 25.
t PERIOD t HIGH1
SCLK t SETUP1 FS t SETUP2 SDOUT data data
t HIGH2
new frame t HOLD2 data
Figure 4. TDM Timing
16
DS624F2
CS5368 SWITCHING SPECIFICATIONS - CONTROL PORT - IC TIMING
Inputs: Logic 0 = DGND, Logic 1 = VLC, SDA CL = 30 pF Parameter
SCL Clock Frequency RST Rising Edge to Start Bus Free Time Between Transmissions Start Condition Hold Time (prior to first clock pulse) Clock Low time Clock High Time Setup Time for Repeated Start Condition SDA Hold Time from SCL Falling SDA Setup time to SCL Rising Rise Time of SCL and SDA Fall Time SCL and SDA Setup Time for Stop Condition Acknowledge Delay from SCL Falling (Note 1)
Symbol
fscl tirs tbuf thdst tlow thigh tsust thdd tsud trc tfc tsusp tack
Min
600 4.7 4.0 4.7 4.0 4.7 0 600 4.7 300
Max
100
Unit
kHz ns s
-
s
ns 1 300 1000 s ns s ns
Notes: 1. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
RST t Stop irs Sta rt
Re p e at e d Sta rt t rd t fd Stop
SDA t buf t hdst t high t hdst t fc t susp
S CL t t t sud t ack t sust t rc
lo w
hdd
Figure 5. IC Timing
DS624F2
17
CS5368 SWITCHING SPECIFICATIONS - CONTROL PORT - SPI TIMING
Inputs: Logic 0 = DGND, Logic 1 = VLC, CDOUT CL = 30 pF Parameter
CCLK Clock Frequency RST Rising Edge to CS Falling CS Falling to CCLK Edge CS High Time Between Transmissions CCLK Low Time CCLK High Time CDIN to CCLK Rising Setup Time CCLK Rising to DATA Hold Time CCLK Falling to CDOUT Stable Rise Time of CDOUT Fall Time of CDOUT Rise Time of CCLK and CDIN Fall Time of CCLK and CDIN (Note 2) (Note 2) (Note 1)
Symbol
fsck tsrs tcss tcsh tscl tsch tdsu tdh tpd tr1 tf1 tr2 tf2
Min
0 20 20 1.0 66 66 40 15
Max
6.0
Units
MHz ns s
-
50 25 100
ns
Notes: 1. Data must be held for sufficient time to bridge the transition time of CCLK. 2. For fsck <1 MHz
RST
tsrs
CS
tcss tsch tscl tr2 tcsh
CCLK
tf2 tdsu tdh
CDIN
tpd
CDOUT
Figure 6. SPI Timing
18
DS624F2
CS5368 4. APPLICATIONS
4.1 Power
CS5368 features five independent power pins that power various functional blocks within the device and allow for convenient interfacing to other devices. Table 1 shows what portion of the device is powered from each supply pin. Please refer to "Recommended Operating Conditions" on page 10 for the valid range of each power supply pin. The power supplied to each power pin can be independent of the power supplied to any other pin. Power Supply Pin Pin Name
VA VX VD VLS VLC
Pin Number
4, 9 20 33 28 35
Functional Block
Analog Core Crystal Oscillator Digital Core Serial Audio Interface Control Logic
Table 1. Power Supply Pin Definitions
To meet full performance specifications, the CS5368 requires normal low-noise board layout. The "Typical Connection Diagram" on page 9 shows the recommended power arrangements, with the VA pins connected to a clean supply. VD, which powers the digital filter, may be run from the system logic supply, or it may be powered from the analog supply via a single-pole decoupling filter. Decoupling capacitors should be placed as near to the ADC as possible, with the lower value high-frequency capacitors placed nearest to the device leads. Clocks should be kept away from the FILT+ and VQ pins in order to avoid unwanted coupling of these signals into the device. The FILT+ and VQ decoupling capacitors must be positioned to minimize the electrical path to ground. The CDB5368 evaluation board demonstrates optimum layout for the device.
4.2
Control Port Mode and Stand-Alone Operation
4.2.1 Stand-Alone Mode
In Stand-Alone Mode, the CS5368 is programmed exclusively with multi-use configuration pins. This mode provides a set of commonly used features, which comprise a subset of the complete set of device features offered in Control Port Mode. To use the CS5368 in Stand-Alone Mode, the configuration pins must be held in a stable state, at valid logic levels, and RST must be asserted until the power supplies and clocks are stable and valid. More information on the reset function is available in Section 4.5 on page 22.
4.2.2 Control Port Mode
In Control Port Mode, all features of the CS5368 are available. Four multi-use configuration pins become software pins that support the IC or SPI bus protocol. To initiate Control Port Mode, a controller that supports IC or SPI must be used to enable the internal register functionality. This is done by setting the CPEN bit (Bit 7 of the Global Control Port Register). Once CP-EN is set, all of the device configuration pins are ignored, and the internal register settings determine the operating modes of the part. Figure 4.13 on page 30 provides detailed information about the IC and SPI bus protocols.
DS624F2
19
CS5368
4.3 Master Clock Source
The CS5368 requires a Master Clock that can come from one of two sources: an on-chip crystal oscillator driver or an externally generated clock.
4.3.1 On-Chip Crystal Oscillator Driver
When using the on-board crystal oscillator driver, the XTI pin (pin 21) is the input for the Master Clock (MCLK) to the device. The XTO pin (pin 22) must not be used to drive anything other than the oscillator tank circuitry. When using the on-board crystal driver, the topology shown in Figure 7 must be used. The crystal oscillator manufacturer supplies recommended capacitor values. A buffered copy of the XTI input is available as an output on the MCLK pin (pin 23), which is level-controlled by VLS and may be used to synchronize other parts to the device.
XTI XTO
21 22
Figure 7. Crystal Oscillator Topology
4.3.2 Externally Generated Master Clock
If an external clock is used, the XTI and XTO pins must be grounded, and the MCLK pin becomes an input for the system master clock. The incoming MCLK should be at the logic level set by the user on the VLS supply pin.
20
DS624F2
CS5368
4.4 Master and Slave Operation
CS5368 operation depends on two clocks that are synchronously derived from MCLK: SCLK and LRCK/FS. See Section 4.5 on page 22 for a detailed description of SCLK and LRCK/FS. The CS5368 can operate as either clock master or clock slave with respect to SCLK and LRCK/FS. In Master Mode, the CS5368 derives SCLK and LRCK/FS synchronously from MCLK and outputs the derived clocks on the SCLK pin (pin 25) and the LRCK/FS pin (pin 24), respectively. In Slave Mode, the SCLK and LRCK/FS are inputs, and the input signals must be synchronously derived from MCLK by a separate device such as another CS5368 or a microcontroller. Figure 8 illustrates the clock flow of SCLK and LRCK/FS in both Master and Slave Modes. The Master/Slave operation is controlled through the settings of M1 and M0 pins in Stand-Alone Mode or by the M[1] and M[0] bits in the Global Mode Control Register in Control Port Mode. See Section 4.6 on page 23 for more information regarding the configuration of M1 and M0 pins or M[1] and M[0] bits.
ADC as clock master
SCLK LRCK/FS
Controller
ADC as clock slave
SCLK LRCK/FS
Controller
Figure 8. Master/Slave Clock Flow
4.4.1 Synchronization of Multiple Devices
To ensure synchronous sampling in applications where multiple ADCs are used, the MCLK and LRCK must be the same for all CS5368 devices in the system. If only one master clock source is needed, one solution is to place one CS5368 in Master Mode, and slave all of the other devices to the one master, as illustrated in Figure 9. If multiple master clock sources are needed, one solution is to supply all clocks from the same external source and time the CS5368 reset de-assertion with the falling edge of MCLK. This will ensure that all converters begin sampling on the same clock edge.
Master ADC
SCLK & LRCK/FS
Slave1 ADC Slave2 ADC Slave3 ADC
Figure 9. Master and Slave Clocking for a Multi-Channel Application
DS624F2
21
CS5368
4.5 Serial Audio Interface (SAI) Format
The SAI port consists of two timing pins (SCLK, LRCK/FS) and four audio data output pins (SDOUT1/TDM, SDOUT2, SDOUT3/TDM and SDOUT4). The CS5368 output is serial data in IS, Left-Justified (LJ), or Time Division Multiplexed (TDM) digital audio interface formats. These formats are available to the user in both Stand-Alone Mode and Control Port Mode.
4.5.1 IS and LJ Format
The IS and LJ formats are both two-channel protocols. During one LRCK period, two channels of data are transmitted, odd channels first, then even. The MSB is always clocked out first. In Slave Mode, the number of SCLK cycles per channel is fixed as described under "Serial Audio Interface - IS/LJ Timing" on page 15. In Slave Mode, if more than 32 SCLK cycles per channel are received from a master controller, the CS5368 will fill the longer frame with trailing zeros. If fewer than 24 SCLK cycles per channel are received from a master, the CS5368 will truncate the serial data output to the number of SCLK cycles received. For a complete overview of serial audio interface formats, please refer to Cirrus Logic Application Note AN282.
receiver latches data on rising edges of SCLK SCLK LRCK SDOUT MSB Even Channels 2,4, ...
Odd Channels 1,3, ...
...
LSB
MSB
...
LSB
MSB
Figure 10. IS Format
receiver latches data on rising edges of SCLK SCLK LRCK SDOUT MSB Even Channels 2,4, ...
Odd Channels 1,3, ...
...
LSB
MSB
...
LSB
MSB
Figure 11. LJ Format
22
DS624F2
CS5368
4.5.2 TDM Format
In TDM Mode, all eight channels of audio data are serially clocked out during a single Frame Sync (FS) cycle, as shown in Figure 12. The rising edge of FS signifies the start of a new TDM frame cycle. Each channel slot occupies 32 SCLK cycles, with the data left justified and with MSB first. TDM output data should be latched on the rising edge of SCLK within time specified under `Serial Audio Interface - TDM Timing" section on page 16. The TDM data output port resides on the SDOUT1 pin. The TDM output pin is complimentary TDM data. All SDOUT pins will remain active during TDM Mode. Refer to Section 4.11 "Optimizing Performance in TDM Mode" on page 29 for critical system design information.
FS SC LK TDM OUT LS B M SB LSB MSB LSB M SB LS B M SB LSB M SB LS B M SB LS B M SB LSB M SB LS B MSB
C hannel 1 3 2 c lk s D a ta M SB LSB Z e ro e s
C hannel 2 3 2 c lk s
C hannel 3 3 2 c lk s
C hannel 4 3 2 c lk s
C hannel 5 3 2 c lk s
C hannel 6
3 2 c lk s
C hannel 7 3 2 c lk s
C hannel 8 3 2 c lk s
Figure 12. TDM Format
4.5.3 Configuring Serial Audio Interface Format
The serial audio interface format of the data is controlled by the configuration of the DIF1 and DIF0 pins in Stand-Alone Mode or by the DIF[1] and DIF[0] bits in the Global Mode Control Register in Control Port Mode, as shown in Table 2. DIF1
0 0 1 1
DIF0
0 1 0 1
Mode
Left-Justified IS TDM Reserved Table 2. DIF1 and DIF0 Pin Settings
4.6
Speed Modes
CS5368 supports sampling rates from 2 kHz to 21 kHz, divided into three ranges: 2 kHz - 54 kHz, 54 kHz 108 kHz, and 108 kHz - 216 kHz. These sampling speed modes are called Single-Speed Mode (SSM), Double-Speed Mode (DSM), and Quad-Speed Mode (QSM), respectively.
4.6.1 Sample Rate Ranges
4.6.2 Using M1 and M0 to Set Sampling Parameters
The Master/Slave operation and the sample rate range are controlled through the settings of the M1 and M0 pins in Stand-Alone Mode, or by the M[1] and M[0] bits in the Global Mode Control Register in Control Port Mode, as shown in Table 3. M1
0 0 1 1
M0
0 1 0 1
Mode
Single-Speed Master Mode (SSM) Double-Speed Master Mode (DSM) Quadruple-Speed Master Mode (QSM) Auto-Detected Speed Slave Mode Table 3. M1 and M0 Settings
Frequency Range
2 kHz - 54 kHz 54 kHz - 108 kHz 108 kHz - 216 kHz 2 kHz - 216 kHz
DS624F2
23
CS5368
4.6.3 Master Mode Clock Dividers
Figure 13 shows the configuration of the MCLK dividers and the sample rate dividers for Master Mode, including the significance of each MCLK divider pin (in Stand-Alone Mode) or bit (in Control Port Mode).
SAMPLE RATE DIVIDERS
Single Speed Double Speed Quad Speed
/ 256
00 01 10
LRCK/ FS
MCLK DIVIDERS
0/1
MCLK
/ 128 / 64
0/1 /1 /2
0/1 /1 /2 /4
/1 / 1.5
M1 M0
Single Speed Double Speed Quad Speed
00 01 10
SCLK
pin bit
CLKMODE CLKMODE
MDIV MDIV1
n/a MDIV0
/2 /1
Figure 13. Master Mode Clock Dividers
4.6.4
Slave Mode Audio Clocking With Auto-Detect
In Slave Mode, CS5368 auto-detects speed mode, which eliminates the need to configure M1 and M0 when changing among speed modes. The external MCLK is subject to clock dividers as set by the clock divider pins in Stand-Alone Mode or the clock divider bits in Control Port Mode. The CS5368 compares the divideddown, internal MCLK to the incoming LRCK/FS and sets the speed mode based on the MCLK/LRCK ratio as shown in Figure 14.
MCLK DIVIDERS
0/1
External MCLK
SPEED MODE
256
Internal MCLK Single-Speed
0/1 /1 /2
0/1 /1 /2 /LRCK
/1 / 1.5
128 64
Double-Speed
Quad-Speed
pin bit
CLKMODE CLKMODE
MDIV MDIV1
n/a MDIV0
LRCK
Figure 14. Slave Mode Auto-Detect Speed
24
DS624F2
CS5368
4.7 Master and Slave Clock Frequencies
Tables 4 through 12 show the clock speeds for sample rates of 48 kHz, 96 kHz and 192 kHz. The MCLK/LRCK ratio should be kept at a constant value during each mode. In Master Mode, the device outputs the frequencies shown. In Slave Mode, the SCLK/LRCK ratio can be set according to design preference. However, device performance is guaranteed only when using the ratios shown in the tables.
Control Port Mode only
LJ/IS MASTER OR SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/LRCK Ratio SCLK/LRCK Ratio /4 49.152 3.072 1024 64 /3 36.864 3.072 768 64
SSM Fs = 48 kHz
/2 24.576 3.072 512 64 /1.5 18.384 3.072 384 64 /1 12.288 3.072 256 64
Table 4. Frequencies for 48 kHz Sample Rate using LJ/IS
LJ/IS MASTER OR SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/LRCK Ratio SCLK/LRCK Ratio /4 49.152 6.144 512 64 /3 36.864 6.144 384 64
DSM Fs = 96 kHz
/2 24.567 6.144 256 64 /1.5 18.384 6.144 192 64 /1 12.288 6.144 128 64
Table 5. Frequencies for 96 kHz Sample Rate using LJ/IS
LJ/IS MASTER OR SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/LRCK Ratio SCLK/LRCK Ratio /4 49.152 12.288 256 64 /3 36.864 12.288 192 64
QSM Fs = 192 kHz
/2 24 12.288 128 64 /1.5 18.384 12.288 96 64 /1 12.288 12.288 64 64
Table 6. Frequencies for 192 kHz Sample Rate using LJ/IS
TDM MASTER
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 12.288 1024 256 /3 36.864 12.288 768 256
SSM Fs = 48 kHz
/2 24.567 12.288 512 256 /1.5 18.384 12.288 384 256 /1 12.288 12.288 256 256
Table 7. Frequencies for 48 kHz Sample Rate using TDM
TDM SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 12.288 1024 256 /3 36.864 12.288 768 256
SSM Fs = 48 kHz
/2 24.567 12.288 512 256 /1.5 18.384 12.288 384 256 /1 12.288 12.288 256 256
Table 8. Frequencies for 48 kHz Sample Rate using TDM
DS624F2
25
CS5368
TDM MASTER
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 24.576 512 256 /3 36.864 24.576 384 256
DSM Fs = 96 kHz
/2 24.567 24.576 256 256 -
Table 9. Frequencies for 96 kHz Sample Rate using TDM
TDM SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 24.576 512 256 /3 36.864 24.576 384 256
DSM Fs = 96 kHz
/2 24.567 24.576 256 256 /1.5 18.384 24.576 192 256 /1 12.288 24.576 128 256
Table 10. Frequencies for 96 kHz Sample Rate using TDM
TDM MASTER
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 49.152 256 256 -
QSM Fs = 192 kHz
-
Table 11. Frequencies for 192 kHz Sample Rate using TDM
TDM SLAVE
MCLK Divider MCLK (MHz) SCLK (MHz) MCLK/FS Ratio SCLK/FS Ratio /4 49.152 49.152 256 256 /3 36.864 49.152 192 256
QSM Fs = 192 kHz
/2 24.567 49.152 128 256 /1.5 18.384 49.152 96 256 /1 12.288 49.152 64 256
Table 12. Frequencies for 192 kHz Sample Rate using TDM
26
DS624F2
CS5368
4.8 Reset
The device should be held in reset until power is applied and all incoming clocks are stable and valid. Upon de-assertion of RST, the state of the configuration pins is latched, the state machine begins, and the device starts sending audio output data a maximum of 524288 MCLK cycles after the release of RST. When changing between mode configurations in Stand-Alone Mode, including clock dividers, serial audio interface format, master/slave, or speed modes, it is recommended to reset the device following the change by holding the RST pin low for a minimum of one MCLK cycle and then restoring the pin to a logic-high condition.
4.8.1 Power-Down Mode
The CS5368 features a Power-Down Mode in which power is temporarily withheld from the modulators, the crystal oscillator driver, the digital core, and the serial port. The user can access Power-Down Mode by holding the device in reset and holding all clock lines at a static, valid logic level (either logic-high or logiclow). "DC Power" on page 11 shows the power-saving associated with Power-Down Mode.
4.9
Overflow Detection
4.9.1 Overflow in Stand-Alone Mode
The CS5368 includes overflow detection on all input channels. In Stand-Alone Mode, this information is presented as open drain, active low on the OVFL pin. The pin will go to a logical low as soon as an overrange condition in any channel is detected. The data will remain low, then time-out as specified in Section "Overflow Timeout" on page 14. After the time-out, the OVFL pin will return to a logical high if there has not been any other over-range condition detected. Note that an over-range condition on any channel will restart the time-out period.
4.9.2 Overflow in Control Port Mode
In Control Port Mode, the Overflow Status Register interacts with the Overflow Mask Register to provide interrupt capability for each individual channel. See Section 5.4 "02h (OVFL) Overflow Status Register" on page 33 for details on these two registers.
DS624F2
27
CS5368
4.10 Analog Connections
The analog modulator samples the input at half of the internal Master Clock frequency, or 6.144 MHz nominally. The digital filter will reject signals within the stopband of the filter. However, there is no rejection of input signals that are at (N X 6.144 MHz) the digital passband frequency, where n=0,1,2.... Refer to Figure 15, which shows the suggested filter that will attenuate any noise energy at 6.144 MHz in addition to providing the optimum source impedance for the modulators. The use of capacitors that have a large voltage coefficient (such as general-purpose ceramics) must be avoided since these can degrade signal linearity. COG capacitors are recommended for this application. For additional configurations, refer to Cirrus Application Note AN241.
634
470 pF COG 10 uF AIN+ 100k 10 k COG VQ 10 k 10 uF AIN100k + 470 pF COG 634 91 ADC AIN2700 pF + 91 ADC AIN+
Figure 15. Recommended Analog Input Buffer
28
DS624F2
CS5368
4.11 Optimizing Performance in TDM Mode
Noise Management is a design technique that is utilized in the majority of audio A/D converters. Noise management is relatively simple conceptually. The goal of noise management is to interleave the on-chip digital activity with the analog sampling processes to ensure that the noise generated by the digital activity is minimized (ideally non-existant) when the analog sampling occurs. Noise management, when implemented properly, minimizes the on-chip interference between the analog and digital sections of the device. This technique has proven to be very effective and has simplified the process of implementing an A/D converter into a systems design. The dominate source of interference (and most difficult to control) is the activity on the serial audio interface (SAI). However, noise management becomes more difficult to implement as audio sample rates increase simply due to the fact that there is less time between transitions on the SAI. The CS5368 A/D converter supports a multi-channel Time-Division-Multiplexed interface for Single, Double and Quad-Speed sampling modes. In Single-Speed Mode, sample rates below 50 kHz, the required frequencies of the audio serial ports are sufficiently low that it is possible to implement noise-management. In this mode, the performance of the devices are relatively immune to activity on the audio ports. However, in Double-Speed and Quad-Speed modes there is insufficient time to implement noise management due to the required frequencies of the audio ports. Therefore, analog performance, both dynamic range and THD+N, can be degraded if the serial port transitions occurr concurrently with the analog sampling. The magnitude of the interference is not only related to the timing of the transition but also the di/dt or transient currents associated with the activity on the serial ports. Even though there is insufficient time to properly implement noise management, the interference effects can be minimized by controlling the transient currents required of the serial ports in Double- and Quad-Speed TDM Modes. In addition to standard mixed-signal design techniques, system performance can be maximized by following several guidelines during design. - Operate the serial audio port at 3.3 V and not 5 V. The lower serial port voltage lowers transent currents. - Operate the A/D converter as a system clock Slave. The serial clock and Left/Right clock become highimpedence inputs in this mode and do not generate significant transient currents. - Place a buffer on the serial data output very near the A/D converter. Minimizing the stray capacitance of the printed circuit board trace and the loading presented by other devices on the serial data line will minimize the transient current. - Place a resistor, near the converter, beween the A/D serial data output and the buffer. This resistor will reduce the instantaneous switching currents into the capacitive loads on the nets, resulting in a slower edge rate. The value of the resistor should be as high as possible without causing timing problems elsewhere in the system.
4.12
DC Offset Control
The CS5368 includes a dedicated high-pass filter for each channel to remove input DC offset at the system level. A DC level may result in audible "clicks" when switching between devices in a multi-channel system. In Stand-Alone Mode, all of the high-pass filters remain enabled. In Control Port Mode, the high-pass filters default to enabled, but may be controlled by writing to the HPF register. If any HPF bit is taken low, the respective high-pass filter is enabled, and it continuously subtracts a measure of the DC offset from the output of the decimation filter. If any HPF bit is taken high during device operation, the value of the DC offset register is frozen, and this DC offset will continue to be subtracted from the conversion result.
DS624F2
29
CS5368
4.13 Control Port Operation
The Control Port is used to read and write the internal device registers. It supports two industry standard formats, IC and SPI. The part is in IC format by default. SPI Mode is selected if there is ever a high-to-low transition on the AD0/CS pin after the RST pin has been restored high. In Control Port Mode, all features of the CS5368 are available. Four multi-use configuration pins become software pins that support the IC or SPI bus protocol. To initiate Control Port Mode, a controller that supports IC or SPI must be used to enable the internal register functionality. This is done by setting the CP-EN bit (Bit 7 of the Global Control Port Register). Once CP-EN is set, all of the device configuration pins are ignored, and the internal register settings determine the operating modes of the part.
4.13.1 SPI Mode
In SPI Mode, CS is the CS5368 chip select signal; CCLK is the control port bit clock (input into the CS5368 from a controller); CDIN is the input data line from a controller; CDOUT is the output data line to a controller. Data is clocked in on the rising edge of CCLK and is supplied on the falling edge of CCLK. To write to a register, bring CS low. The first seven bits on CDIN form the chip address and must be 1001111. The eighth bit is a read/write indicator (R/W), which should be low to write. The next eight bits form the Memory Address Pointer (MAP), which is set to the address of the register that is to be updated. The next eight bits are the data that will be placed into the register designated by the MAP. During writes, the CDOUT output stays in the Hi-Z state. It may be externally pulled high or low with a 47 k resistor, if desired. There is a MAP auto-increment capability, which is enabled by the INCR bit in the MAP register. If INCR is a zero, the MAP will stay constant for successive read or writes. If INCR is set to a 1, the MAP will autoincrement after each byte is read or written, allowing block reads or writes of successive registers. To read a register, the MAP has to be set to the correct address by executing a partial write cycle that finishes (CS high) immediately after the MAP byte. The MAP auto-increment bit (INCR) may be set or not, as desired. To begin a read, bring CS low, send out the chip address and set the read/write bit (R/W) high. The next falling edge of CCLK will clock out the MSB of the addressed register (CDOUT will leave the high impedance state). If the MAP auto-increment bit is set to 1, the data for successive registers will appear consecutively
.
CS
CC LK C H IP ADDRESS C D IN 1001111 R/W C H IP ADDRESS LSB b y te n MSB LSB MSB LSB
MAP MSB
DATA
1001111
R/W
b y te 1 High Impedance CDOUT
MAP = Memory Address Pointer, 8 bits, MSB first
Figure 16. SPI Format
30
DS624F2
CS5368
4.13.2 IC Mode
In IC Mode, SDA is a bidirectional data line. Data is clocked into and out of the part by the clock, SCL. There is no CS pin. Pins AD0 and AD1 form the two least-significant bits of the chip address and should be connected through a resistor to VLC or DGND, as desired. The state of the pins is latched when the CS5368 is being released from RST. A Start condition is defined as a falling transition of SDA while SCL is high. A Stop condition is a rising transition of SDA while SCL is high. All other transitions of SDA occur while SCL is low. The first byte sent to the CS5368 after a Start condition consists of a 7-bit chip address field and a R/W bit (high for a read, low for a write). The upper five bits of the 7-bit address field are fixed at 10011. To communicate with a CS5368, the chip address field, which is the first byte sent to the CS5368, should match 10011 and be followed by the settings of the AD1 and AD0. The eighth bit of the address is the R/W bit. If the operation is a write, the next byte is the Memory Address Pointer (MAP), which selects the register to be read or written. If the operation is a read, the contents of the register pointed to by the MAP will be output. Setting the auto-increment bit in MAP allows successive reads or writes of consecutive registers. Each byte is separated by an acknowledge bit. The ACK bit is output from the CS5368 after each input byte is read and is input to the CS5368 from the microcontroller after each transmitted byte. Since the read operation cannot set the MAP, an aborted write operation is used as a preamble. The write operation is aborted after the acknowledge for the MAP byte by sending a Stop condition. The following pseudocode illustrates an aborted write operation followed by a read operation. Send start condition. Send 10011xx0 (chip address & write operation). Receive acknowledge bit. Send MAP byte, auto increment off. Receive acknowledge bit. Send stop condition, aborting write. Send start condition. Send 10011xx1 (chip address & read operation). Receive acknowledge bit. Receive byte, contents of selected register. Send acknowledge bit. Send stop condition.
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 24 25 26 27 28
SCL
CHIP ADDRESS (WRITE) MAP BYTE
INCR
DATA
2 1 0 7 6 1 0 7
DATA +1
6 1 0 7
DATA +n
6 1 0
SDA
1
0
0
1
1 AD1 AD0 0
6
5
4
3
ACK START
ACK
ACK
ACK STOP
Figure 17. IC Write Format
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28
SCL
CHIP ADDRESS (WRITE) MAP BYTE
INCR
STOP
1
CHIP ADDRESS (READ)
00 1 1 AD1 AD0 1
DATA
7 0
DATA +1
7 0
DATA + n
7 0
SDA
1
00
1 1 AD1 AD0 0
6
5
4
3210
ACK START
ACK START
ACK
ACK
NO ACK
STOP
Figure 18. IC Read Format
DS624F2
31
CS5368 5. REGISTER MAP
In Control Port Mode, the bits in these registers are used to control all of the programmable features of the ADC. All registers above 0Ah are RESERVED.
5.1
Adr
00 01 02 03 04 05 06 07 08 09 0A
Register Quick Reference
Name
REVI GCTL OVFL OVFM HPF RESERVED PDNE RESERVED MUTE RESERVED SDEN MUTE8 CP-EN OVFL8 OVFM8 HPF8 RESERVED MUTE7 RESERVED
7
6
CLKMODE OVFL7 OVFM7 HPF7 -
5
MDIV[1:0] OVFL6 OVFM6 HPF6 PDN-BG MUTE6 -
4
3
DIF[1:0] OVFL4 OVFM4 HPF4 PDN87 MUTE4 SDEN4
2
1
MODE[1:0] OVFL2 OVFM2 HPF2 PDN43 MUTE2 SDEN2
0
CHIP-ID[3:0] OVFL5 OVFM5 HPF5 PDN-OSC MUTE5 -
REVISION[3:0] OVFL3 OVFM3 HPF3 PDN65 MUTE3 SDEN3 OVFL1 OVFM1 HPF1 PDN21 MUTE1 SDEN1
5.2
00h (REVI) Chip ID Code & Revision Register
R/W R 7 6 CHIP-ID[3:0] 5 4 3 2 1 REVISION[3:0] 0
Default: See description The Chip ID Code & Revision Register is used to store the ID and revision of the chip. Bits[7:4] contain the chip ID, where the CS5368 is represented with a value of 0x8. Bits[3:0] contain the revision of the chip, where revision A is represented as 0x0, revision B is represented as 0x1, etc.
5.3
01h (GCTL) Global Mode Control Register
R/W R/W 7 CP-EN 6 CLKMODE 5 MDIV[1:0] 4 3 DIF[1:0] 2 1 MODE[1:0] 0
Default: 0x00 The Global Mode Control Register is used to control the Master/Slave Speed modes, the serial audio data format and the Master clock dividers for all channels. It also contains a Control Port enable bit. Bit[7] CP-EN manages the Control Port Mode. Until this bit is asserted, all pins behave as if in Stand-Alone Mode. When this bit is asserted, all pins used in Stand-Alone Mode are ignored, and the corresponding register values become functional. Bit[6] CLKMODE Setting this bit puts the part in 384X mode (divides XTI by 1.5), and clearing the bit invokes 256X mode (divide XTI by 1.0 - pass through).
32
DS624F2
CS5368
Bits[5:4] MDIV[1:0] Each bit selects an XTI divider. When either bit is low, an XTI divide-by-1 function is selected. When either bit is HIGH, an XTI divide-by-2 function is selected. With both bits HIGH, XTI is divided by 4. The table below shows the composite XTI division using both CLKMODE and MDIV[1:0].
CLKMODE,MDIV[1],MDIV[0] 000 100 001 or 010 101 or 110 011 111 DESCRIPTION Divide-by-1 Divide-by-1.5 Divide-by-2 Divide-by-3 Divide-by-4 Reserved
Bits[3:2] DIF[1:0] Determine which data format the serial audio interface is using to clock-out data. DIF[1:0] 0x00 Left-Justified format 0x01 IS format 0x02 TDM 0x03 Reserved Bits[1:0] MODE[1:0] This bit field determines the device sample rate range and whether it is operating as an audio clocking Master or Slave. MODE[1:0] 0x00 Single-Speed Mode Master 0x01 Double-Speed Mode Master 0x02 Quad-Speed Mode Master 0x03 Slave Mode all speeds
5.4
R
02h (OVFL) Overflow Status Register
R/W 7 OVFL8 6 OVFL7 5 OVFL6 4 OVFL5 3 OVFL4 2 OVFL3 1 OVFL2 0 OVFL1
Default: 0xFF, no overflows have occurred. Note: This register interacts with Register 03h, the Overflow Mask Register. The Overflow Status Register is used to indicate an individual overflow in a channel. If an overflow condition on any channel is detected, the corresponding bit in this register is asserted (low) in addition to the open drain active low OVFL pin going low. Each overflow status bit is sticky and is cleared only when read, providing full interrupt capability.
5.5
03h (OVFM) Overflow Mask Register
R/W R/W 7 OVFM8 6 OVFM7 5 OVFM6 4 OVFM5 3 OVFM4 2 OVFM3 1 OVFM2 0 OVFM1
Default: 0xFF, all overflow interrupts enabled. The Overflow Mask Register is used to allow or prevent individual channel overflow events from creating activity on the OVFL pin. When a particular bit is set low in the Mask register, the corresponding overflow bit in the Overflow Status register is prevented from causing any activity on the OVFL pin.
DS624F2
33
CS5368
5.6 04h (HPF) High-Pass Filter Register
R/W R/W 7 HPF8 6 HPF7 5 HPF6 4 HPF5 3 HPF4 2 HPF3 1 HPF2 0 HPF1
Default: 0x00, all high-pass filters enabled. The High-Pass Filter Register is used to enable or disable a high-pass filter that exists for each channel. These filters are used to perform DC offset calibration, a procedure that is detailed in "DC Offset Control" on page 29.
5.7
05h Reserved
7 6 5 4 3 2 1 0 -
R/W RESERVED
5.8
06h (PDN) Power Down Register
R/W R/W 7 RESERVED 6 5 PDN-BG 4 PDN-OSC 3 PDN87 2 PDN65 1 PDN43 0 PDN21
Default: 0x00 - everything powered up The Power Down Register is used as needed to reduce the chip's power consumption. Bit[7] RESERVED Bit[6] RESERVED Bit[5] PDN-BG When set, this bit powers-down the bandgap reference. Bit[4] PDN-OSC controls power to the internal oscillator core. When asserted, the internal oscillator core is shut down, and no clock is supplied to the chip. If the chip is running off an externally supplied clock at the MCLK pin, it is also prevented from clocking the device internally. Bit[3:0] PDN When any bit is set, all clocks going to a channel pair are turned off, and the serial data outputs are forced to all zeroes.
5.9
07h Reserved
7 6 5 4 3 2 1 0 -
R/W RESERVED
5.10
08h (MUTE) Mute Control Register
7 MUTE8 6 MUTE7 5 MUTE6 4 MUTE5 3 MUTE4 2 MUTE3 1 MUTE2 0 MUTE1
R/W R/W
Default: 0x00, no channels are muted. The Mute Control Register is used to mute or unmute the serial audio data output of individual channels. When a bit is set, that channel's serial data is muted by forcing the output to all zeroes.
34
DS624F2
CS5368
5.11 09h Reserved
7 6 5 4 3 2 1 0 R/W RESERVED
5.12
0Ah (SDEN) SDOUT Enable Control Register
7 6 RESERVED 5 4 3 SDEN4 2 SDEN3 1 SDEN2 0 SDEN1
R/W R/W
Default: 0x00, all SDOUT pins enabled. The SDOUT Enable Control Register is used to tri-state the serial audio data output pins. Each bit, when set, tri-states the associated SDOUT pin.
DS624F2
35
CS5368 6. FILTER PLOTS
0.1 0.08
0.06
0.04
Amplitude (dB)
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.1
0
0.05
0.1
0.15
0.2 0.25 0.3 Frequency (normalized to Fs)
0.35
0.4
0.45
0.5
Figure 19. SSM Passband
0.1
0.08
0.06
0.04
Amplitude (dB)
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.1
0
0.05
0.1
0.15
0.2 0.25 0.3 Frequency (normalized to Fs)
0.35
0.4
0.45
0.5
Figure 20. DSM Passband
0.1
0.08
0.06
0.04
Amplitude (dB)
0.02
0
-0.02
-0.04
-0.06
-0.08
-0.1
0
0.05
0.1 0.15 Frequency (normalized to Fs)
0.2
0.25
Figure 21. QSM Passband
36
DS624F2
CS5368
0
-20
-40
Amplitude (dB)
-60
-80
-100
-120
-140
0
0.1
0.2
0.3
0.4 0.5 0.6 Frequency (normalized to Fs)
0.7
0.8
0.9
1
Figure 22. SSM Stopband
0
-20
-40
Amplitude (dB)
-60
-80
-100
-120
-140
0
0.1
0.2
0.3
0.4 0.5 0.6 Frequency (normalized to Fs)
0.7
0.8
0.9
1
Figure 23. DSM Stopband
0
-20
-40
Amplitude (dB)
-60
-80
-100
-120
0
0.1
0.2
0.3
0.4 0.5 0.6 Frequency (normalized to Fs)
0.7
0.8
0.9
1
Figure 24. QSM Stopband
DS624F2
37
CS5368
0
-0.2
-0.4
-0.6
Amplitude (dB)
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2 0.4
0.42
0.44
0.46
0.48 0.5 0.52 Frequency (normalized to Fs)
0.54
0.56
0.58
0.6
Figure 25. SSM -1 dB Cutoff
0
-0.2
-0.4
-0.6
Amplitude (dB)
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2 0.4
0.42
0.44
0.46
0.48 0.5 0.52 Frequency (normalized to Fs)
0.54
0.56
0.58
0.6
Figure 26. DSM -1 dB Cutoff
0
-0.2
-0.4
-0.6
Amplitude (dB)
-0.8
-1
-1.2
-1.4
-1.6
-1.8
-2 0.2
0.22
0.24
0.26
0.28 0.3 0.32 Frequency (normalized to Fs)
0.34
0.36
0.38
0.4
Figure 27. QSM -1 dB Cutoff
38
DS624F2
CS5368 7. PARAMETER DEFINITIONS
Dynamic Range The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified bandwidth. Dynamic Range is a signal-to-noise ratio measurement over the specified bandwidth made with a -60 dBFS signal. 60 dB is added to resulting measurement to refer the measurement to full scale. This technique ensures that the distortion components are below the noise level and do not affect the measurement. This measurement technique has been accepted by the Audio Engineering Society, AES17-199, and the Electronic Industries Association of Japan, EIAJ CP-307. Expressed in decibels. The dynamic range is specified with and without an A-weighting filter. Total Harmonic Distortion + Noise The ratio of the rms value of the signal to the rms sum of all other spectral components over the specified bandwidth (typically 10 Hz to 20 kHz), including distortion components. Expressed in decibels. Measured at -1 and -20 dBFS as suggested in AES17-1991 Annex A. Specified using an A-weighting filter. Frequency Response A measure of the amplitude response variation from 10 Hz to 20 kHz relative to the amplitude response at 1 kHz. Units in decibels. Interchannel Isolation A measure of crosstalk between one channel and all remaining channels, measured for each channel at the converter's output with no signal to the input under test and a full-scale signal applied to all other channels. Units in decibels. Interchannel Gain Mismatch The gain difference between left and right channels. Units in decibels. Gain Error The deviation from the nominal full-scale analog output for a full-scale digital input. Gain Drift The change in gain value with temperature. Units in ppm/C. Offset Error The deviation of the mid-scale transition (111...111 to 000...000) from the ideal. Units in mV. Intrachannel Phase Deviation The deviation from linear phase within a given channel. Interchannel Phase Deviation The difference in phase response between channels.
DS624F2
39
CS5368 8. PACKAGE DIMENSIONS 48L LQFP PACKAGE DRAWING
E E1
D D1
1
e
B A A1
L
DIM A A1 B D D1 E E1 e* L
MIN --0.002 0.007 0.343 0.272 0.343 0.272 0.016 0.018 0.000
INCHES NOM 0.055 0.004 0.009 0.354 0.28 0.354 0.28 0.020 0.24 4
MAX 0.063 0.006 0.011 0.366 0.280 0.366 0.280 0.024 0.030 7.000
MIN --0.05 0.17 8.70 6.90 8.70 6.90 0.40 0.45 0.00
MILLIMETERS NOM 1.40 0.10 0.22 9.0 BSC 7.0 BSC 9.0 BSC 7.0 BSC 0.50 BSC 0.60 4
MAX 1.60 0.15 0.27 9.30 7.10 9.30 7.10 0.60 0.75 7.00
* Nominal pin pitch is 0.50 mm Controlling dimension is mm. JEDEC Designation: MS026
THERMAL CHARACTERISTICS
Parameter
Allowable Junction Temperature Package Thermal Resistance
Symbol
Min
-
Typ
48 15
Max
135 -
Unit
C C/W
JA JC
40
DS624F2
CS5368 9. ORDERING INFORMATION
Product CS5368 Description 114 dB, 192 kHz, 8-channel A/D Converter Package Pb-Free 48-pin LQFP YES Container Tray Commercial -40 to +85C Tape & Reel Tray Automotive -40 to +105C Tape & Reel Grade Temp Range Order # CS5368-CQZ CS5368-CQZR CS5368-DQZ CS5368-DQZR CDB5368
CDB5368 Evaluation Board for CS5368
10.REVISION HISTORY
Revision A1 A2 PP1 PP2 PP3 F1 F2 Initial Release Added TDM information Updated table under "DC Power" on page 11. Updated Gain Error specification under "Analog Characteristics (Commercial)" on page 12 Added Master Mode specifications under "Serial Audio Interface - IS/LJ Timing" on page 15 Added Master Mode specifications under "Serial Audio Interface - TDM Timing" on page 16 Updated "DC Power" on page 11. Updated TDM Timing Specifications. See "Serial Audio Interface - TDM Timing" on page 16. Final Release Added Section 4.11 "Optimizing Performance in TDM Mode" on page 29. Updated the wording of pin 24, LRCK/FS, in the pin description table on page 7 to correctly reflect the high/low clocking state for odd-channel selection in IS and LJ Modes. Changes
Contacting Cirrus Logic Support
For all product questions and inquiries, contact a Cirrus Logic Sales Representative. To find the one nearest you, go to www.cirrus.com.
IMPORTANT NOTICE Cirrus Logic, Inc. and its subsidiaries ("Cirrus") believe that the information contained in this document is accurate and reliable. However, the information is subject to change without notice and is provided "AS IS" without warranty of any kind (express or implied). Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those pertaining to warranty, indemnification, and limitation of liability. No responsibility is assumed by Cirrus for the use of this information, including use of this information as the basis for manufacture or sale of any items, or for infringement of patents or other rights of third parties. This document is the property of Cirrus and by furnishing this information, Cirrus grants no license, express or implied under any patents, mask work rights, copyrights, trademarks, trade secrets or other intellectual property rights. Cirrus owns the copyrights associated with the information contained herein and gives consent for copies to be made of the information only for use within your organization with respect to Cirrus integrated circuits or other products of Cirrus. This consent does not extend to other copying such as copying for general distribution, advertising or promotional purposes, or for creating any work for resale. CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE ("CRITICAL APPLICATIONS"). CIRRUS PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN AIRCRAFT SYSTEMS, MILITARY APPLICATIONS, PRODUCTS SURGICALLY IMPLANTED INTO THE BODY, AUTOMOTIVE SAFETY OR SECURITY DEVICES, LIFE SUPPORT PRODUCTS OR OTHER CRITICAL APPLICATIONS. INCLUSION OF CIRRUS PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO BE FULLY AT THE CUSTOMER'S RISK AND CIRRUS DISCLAIMS AND MAKES NO WARRANTY, EXPRESS, STATUTORY OR IMPLIED, INCLUDING THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR PARTICULAR PURPOSE, WITH REGARD TO ANY CIRRUS PRODUCT THAT IS USED IN SUCH A MANNER. IF THE CUSTOMER OR CUSTOMER'S CUSTOMER USES OR PERMITS THE USE OF CIRRUS PRODUCTS IN CRITICAL APPLICATIONS, CUSTOMER AGREES, BY SUCH USE, TO FULLY INDEMNIFY CIRRUS, ITS OFFICERS, DIRECTORS, EMPLOYEES, DISTRIBUTORS AND OTHER AGENTS FROM ANY AND ALL LIABILITY, INCLUDING ATTORNEYS' FEES AND COSTS, THAT MAY RESULT FROM OR ARISE IN CONNECTION WITH THESE USES. Cirrus Logic, Cirrus, and the Cirrus Logic logo designs are trademarks of Cirrus Logic, Inc. All other brand and product names in this document may be trademarks or service marks of their respective owners. IC is a registered trademark of Philips Semiconductor. SPI is a trademark of Motorola, Inc.
DS624F2
41


▲Up To Search▲   

 
Price & Availability of CS5368-DQZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X