Part Number Hot Search : 
GSS4955 PC100 HSMA5818 1J2ZKI21 BRUS2F MMSZ4711 UUD1C470 MGF1907A
Product Description
Full Text Search
 

To Download CRA04S0403100FPZE3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRA04S
Vishay
Thick Film Resistor Array
FEATURES
* Convex terminal array with square corners * * * * Wide ohmic ramge: 10R to 1M0 4 or 8 terminal package with isolated resistors Lead (Pb)-free solder contacts on Ni barrier layer Pure tin plating provides compatibility with lead (Pb)-free and lead containing soldering processes * Compatible with "Restriction of the use of Hazardous Substances" (RoHS) directive 2002/95/EC (issue 2004)
The CRA04S thick film resistor array is constructed on a high grade ceramic body with convex terminations. A small package enables the design of high density circuits. The single component reduces board space, component counts, and assembly costs.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL CIRCUIT POWER RATING P70 C W TEMPERATURE COEFFICIENT ppm/K 100 0.063 50 200 Zero-Ohm-Resistor: Rmax. 50 m, Imax. = 1 A LIMITING ELEMENT VOLTAGE MAX. V TOLERANCE % 1 2; 5 RESISTANCE RANGE 10R - 1M0 E-SERIES 24 + 96 24
CRA04S
03
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70 C (2) Limiting Element Voltage (1) Insulation Voltage (1 min) Category Temperature Range Insulation Resistance UNIT W per element V Vdc/ac peak C CRA04S 0.063 50 100 - 55 to + 155 > 109
Notes (1) Rated voltage: P x R (2) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rate dissipation applies only if the permitted film temperature of 155 C is not exceeded.
PART NUMBER AND PRODUCT DESPRIPTION
PART NUMBER: CRA04S08347K0JTD (3)
C
MODEL CRA04
R
A
0
4
PIN 04 08
S
0
CIRCUIT 3 = 03
8
3
4
7
K
0
J
T
D
SPECIAL Up to 2 digits
TERMINAL STYLE S
VALUE R = Decimal K = Thousand M = Million 0000 = 0 Jumper
TOLERANCE F=1% G=2% J=5% Z = 0 Jumper
PACKAGING (4) TD TC PZ
PRODUCT DESCRIPTION: CRA04S 08 03 473 J RT7 e3 CRA04S MODEL CRA04S 08 TERMINAL COUNT 04 08 03 CIRCUIT TYPE 03 473 RESISTANCE VALUE 473 = 47 k 4702 = 47 k 10R0 = 10 100 = 10 000 = 0 Jumper First two digits (3 for 1 %) are significant. Last digit is the multiplier. J TOLERANCE F=1% G=2% J=5% Z = 0 Jumper RT7 PACKAGING (4) RT7 RT6 PZ e3 LEAD (Pb)-FREE e3 = Pure tin Termination finish
(3) (4)
Notes Preferred way for ordering products is by use of the PART NUMBER Please refer to the table PACKAGING, see next page For technical questions, contact: filmresistors.thickfilmchip@vishay.com Document Number: 31043 Revision: 13-Oct-08
www.vishay.com 248
CRA04S
Thick Film Resistor Array
Vishay
PACKAGING
PACKAGING CODE MODEL TAPE WIDTH DIAMETER PITCH PIECES/REEL PAPER TAPE PART NUMBER 180 mm/7" CRA04S 8 mm 330 mm/13" 330 mm/13" 2 mm 2 mm 2 mm 10 000 20 000 50 000 TD TC PZ PRODUCT DESCRIPTION RT7 RT6 PZ
CIRCUIT
03 CIRCUIT
Rated Power in %
120 100
80 60 40
20
4 pin
8 pin
0 - 55
- 25
0
25
50
Derating
75 70
100 125 155 175 Ambient Temperature in C
DIMENSIONS
PIN NO# 4 8 TOL. DIMENSIONS [in millimeters] L 1.0 0.1 2.0 0.2 A 0.30 A1 0.33 0.4 B 0.15 0.15 B* 0.25 0.25 PNOM 0.65 0.50 T 0.35 0.45 0.1 W 1.0 1.0 0.15
0.15 0.15 0.10 0.1
SOLDER PAD DIMENSIONS [in millimeters] c WAVE 0.45 w 1.45 d 0.2 a 0.4 b 0.5 e 0.3
a
e
e
The dimensions shown are for a 8 pin part. For parts with different pin numbers use the same pitch and add or substract pads as required.
Document Number: 31043 Revision: 13-Oct-08
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
www.vishay.com 249
CRA04S
Vishay
Thick Film Resistor Array
TEST PROCEDURES AND REQUIREMENTS
EN 60115-1 REQUIREMENTS PERMISSIBLE CHANGE (R/R) (1) CONDITIONS OF TEST STABILITY CLASS 1 OR BETTER Stability for product types: CRA04S Resistance (4.5) Temperature coefficient (4.8.4.2) 20/- 55/20 C and 20/125/20 C U = 2.5 x (P70 x R)1/2 2 x Umax.; 0.5 s Aging 4 h at 155 C, dryheat solder bath method; 235 C; 2 s visual examination Solder bath method; (260 5) C; (10 1) s 30 min at LCT = - 55 C; 30 min at UCT = 125 C; 5 cycles (40 2) C; 56 days; (93 3) % RH 16 h at UCT = 125 C; 1 cycle at 55 C; 2 h at LCT = - 55 C; 1 h/1 kPa at 15 C to 35 C; 5 cycles at 55 C U = (P70 x R)1/2 U = Umax.; whichever is less severe U = (P70 x R)1/2 U = Umax.; whichever is less severe 1.5 h ON; 0.5 h OFF; 70 C; 1000 h Duration extended to 8000 h UCT = 125 C; 1000 h 1% 100 ppm/K (0.25 % R + 0.05 ) 2 %; 5 % 200 ppm/K (0.5 % R + 0.05 ) 10 to 1 M STABILITY CLASS 2 OR BETTER 10 to 1 M
TEST (clause)
Overload (4.13)
Solderability (4.17.5) (2)
Good tinning ( 95 % covered) no visible damage (0.25 % R + 0.05 ) (0.25 % R + 0.05 ) (1 % R + 0.05 ) (0.5 % R + 0.05 ) (0.5 % R + 0.05 ) (2 % R + 0.1 )
Resistance to soldering heat (4.18.2)
Rapid change of temperature (4.19)
Damp heat, steady state (4.24)
Climatic sequence (4.23)
(1 % R + 0.05 )
(2 % R + 0.1 )
Endurance at 70 C (4.25.1)
(1 % R + 0.05 )
(2 % R + 0.1 )
Extended endurance (4.25.1.8) Endurance at upper category temperature (4.25.3)
(2 % R + 0.1 ) (1 % R + 0.05 )
(4 % R + 0.1 ) (2 % R + 0.1 )
Notes (1) Figures are given for a single element (2) Solderability is specified for 2 years after production or requalification. Permitted storage time is 20 years
APPLICABLE SPECIFICATIONS
* EN 60115-1 * EN 140400 * EN 140401-802 * IEC 60068-2-X * EIA 481 Generic Specification Sectional Specification Detail Specification Variety of environmental test procedures Packaging of SMD components
www.vishay.com 250
For technical questions, contact: filmresistors.thickfilmchip@vishay.com
Document Number: 31043 Revision: 13-Oct-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of CRA04S0403100FPZE3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X