Part Number Hot Search : 
B3832 1155A C2908 2SJ117 2SC2832 PCA2001 CA31HU BD8918F
Product Description
Full Text Search
 

To Download CDRH6D18HPNP-100PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Power Inductor
CDRH6D18/HP
Features 7.0x7.0mm Max.(LxW),2.0mm Max. Height. Operating temperature range: -40~+105. RoHS and Halogen-Free Compliance. Applications Surface mount inductor for PDA,HDD,DSC/DVC, etc. Shapes and Dimensions/Recommended Land Patterns(mm)
Dimensions
Land pattern (mm)
Schematics (Bottom)
(1.0H22H)
(33H68H)
62 .. 50
4.5
5.6
.9 M5 .xa
e d o rt c e l E .xaM 0.2 )8.1(
6 . 7 0 . 3
3.07.6
SMD Power Inductor
CDRH6D18/HP
Electrical Characteristics specification.
at 20
5.50 4.50 3.60 3.00 2.80 2.35 2.10 1.95 1.60 1.35 1.10 0.90 0.85 0.70 0.65 0.60 0.58
at 105
4.60 3.50 3.00 2.50 2.35 1.95 1.80 1.60 1.30 1.10 0.90 0.70 0.65 0.60 0.58 0.55 0.50
CDRH6D18HPNP-1R0PC CDRH6D18HPNP-1R8PC CDRH6D18HPNP-2R7PC CDRH6D18HPNP-3R9PC CDRH6D18HPNP-4R7PC CDRH6D18HPNP-6R8PC CDRH6D18HPNP-8R2PC CDRH6D18HPNP-100PC CDRH6D18HPNP-150PC CDRH6D18HPNP-220PC CDRH6D18HPNP-330PC CDRH6D18HPNP-470PC CDRH6D18HPNP-560PC CDRH6D18HPNP-680PC CDRH6D18HPNP-820PC CDRH6D18HPNP-101PC CDRH6D18HPNP-121PC
1R0 1R8 2R7 3R9 4R7 6R8 8R2 100 150 220 330 470 560 680 820 101 121
1.025% 1.825% 2.725% 3.925% 4.725% 6.825% 8.225% 1025% 1525% 2225% 3325% 4725% 5625% 6825% 8225% 10025% 12025%
18.525% 24.025% 35.525% 45.525% 53.025% 82.025% 98.025% 12525% 19025% 22025% 37425% 53525% 60525% 75825% 85925% 97025%
4.00 3.50 2.75 2.35 2.20 1.70 1.50 1.30 1.10 1.00 0.70 0.60 0.55 0.50 0.45 0.40
1. Saturation Current: The DC current at which the inductance decreases to 70% of it's nominal value. 2. Temperature rise current: The DC current at which the temperature rise is t 40.(Ta20)
For More Information Hong Kong
Tel.+852-2880-6688 FAX.+852-2565-9600
Shanghai
Tel.+86-021-58363299 FAX.+86-021-58363266
Shenzhen
Tel.+86-755-82910228 FAX.+86-755-82910338
Taipei
Tel.+886-2-27065228 FAX.+886-2-27065229
Tokyo
Tel.+81-3-5202-7112 FAX.+81-3-5202-7105
Seoul
Tel.+82-2-6237-0777 FAX.+82-2-6237-0778
Singapore
Tel.+65-6296-3388 FAX.+65-6296-3390
Malaysia
Tel.+60-3-8733-0900 FAX.+60-3-8737-7384
Chicago
Tel.+1-847-545-6700 FAX. +1-847-545-6720
California
Tel.+1-408-321-9660 FAX. +1-408-321-9308
129025
0.35
Stamp


Part Name
Inductance H
D.C.R.(m ) (at 20 )
Saturation Current A 1
Temperature Rise current (A) 2


▲Up To Search▲   

 
Price & Availability of CDRH6D18HPNP-100PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X