Part Number Hot Search : 
CED6060R BF245 62256 SHD12 PS323CPA 1A66D SHD12 EDZ16B
Product Description
Full Text Search
 

To Download BR36 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE-PHASE SILICON BRIDGE
CHENG- YI
VOLTAGE RANGE 50 TO 1000 VOLTS CURRENT 3.0 Amperes
UL recognized file # E149311 Surge overload rating-50 amperes peak Low forward voltage drop Small size:simple installation Tinned copper leads Mounting:Thru hold for #6 screw Plastic material has UL flammability classification 94V-O Electrically isolated base-1800Volts Mounting position: Any
Ratings at 250C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
BR305
KBPC1005
BR31
KBPC101
BR32
KBPC102
BR34
KBPC104
BR36
KBPC106
BR38
KBPC108
BR310
KBPC110
UNITS
V V V A A
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward @ TC=50 C* Output Current @ Ta=50 C**
0 0
VRRM VRMS VDC V(AV)
50 35 60
100 70 100
200 140 200
400 280 400 3.0 2.0
600 420 600
800 560 800
1000 700 1000
Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load Maximum DC Forward Voltage drop per element at 1.5A DC Maximum DC Reverse Current at rated @ TA=25 C DC Blocking Voltage Per Element @ TA=100 C
0 0
IFSM
50
A
VF IR It R JC TJ TSTG
2
1.2 10 1 10 10 -55 to +125 -55 to +150
0
V
A
mA A 2S C/W
0
I2t Rating for fusing(t<8.3ms) Typical Thermal Resistance Operating Temperature Range Storage Temperature Range
C C
0
31
SINGLE-PHASE SILICON BRIDGE
CHENG- YI
KBPC1 SERIES
AVERAGE FORWARD OUTPUT CURRENT AMPERES NUMBER OF CYCLES AT 60 Hz TEMPERATURE, 0 C
PEAK FORWARD SURGE CURRENT AMPERES
-
INSTANTANEOUS FORWARD CURRENT, AMPERES
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
PERCENT OF RATED PEAK REVERSE VOLTAGE
32


▲Up To Search▲   

 
Price & Availability of BR36

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X