Part Number Hot Search : 
2SD868 473K1 J10025 4032K300 104S1RNZ B0400 CD5530B SH7206
Product Description
Full Text Search
 

To Download AT34C02CN-SP25-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Permanent and Reversible Software Write Protection for the First-half of the Array
- Software Procedure to Verify Write Protect Status
* Hardware Write Protection for the Entire Array * Standard-voltage Operation
- 2.5 (VCC = 2.5V to 5.5V) Internally Organized 256 x 8 Two-wire Serial Interface Schmitt Trigger, Filtered Inputs for Noise Suppression Bidirectional Data Transfer Protocol 400 kHz (2.5V and 5.5V) Compatibility 16-byte Page Write Modes Partial Page Writes Are Allowed Self-timed Write Cycle (5 ms max) High-reliability - Endurance: 1 Million Write Cycles - Data Retention: 100 Years * 8-lead JEDEC SOIC and 8-lead TSSOP Packages
* * * * * * * * *
Description
The AT34C02C provides 2048 bits of serial electrically-erasable and programmable read only memory (EEPROM) organized as 256 words of 8 bits each. The first-half of the device incorporates a permanent and a reversible software write protection feature while hardware write protection for the entire array is available via an external pin. Once the permanent software write protection is enabled, by sending a special command to the device, it cannot be reversed. However, the reversible software write protection is enabled and can be reversed by sending a special command. The hardware write protection is controlled with the WP pin and can be used to protect the entire array, whether or not the software write protection has been enabled. This allows the user to protect none, first-half, or all of the array depending on the application. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. The AT34C02C is available in space saving 8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via a Two-wire serial interface. It is available in 2.5V (2.5V to 5.5V). Table 1. Pin Configurations
Pin Name A0 - A2 SDA SCL WP Function Address Inputs Serial Data Serial Clock Input Write Protect 8-lead TSSOP
A0 A1 A2 GND 1 2 3 4 8 7 6 5 VCC WP SCL SDA
A0 A1 A2 GND
Two-wire Automotive Temperature Serial EEPROM with Permanent and Reversible Software Write Protect
2K (256 x 8)
AT34C02C
8-lead SOIC
1 2 3 4 8 7 6 5 VCC WP SCL SDA
Rev. 5242B-SEEPR-01/09
Absolute Maximum Ratings*
Operating Temperature..................................-55C to +125 C Storage Temperature .....................................-65C to +150C Voltage on Any Pin with Respect to Ground .................................... -1.0V to +7.0V Maximum Operating Voltage .......................................... 6.25V DC Output Current........................................................ 5.0 mA *NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Figure 1. Block Diagram
VCC GND WP SCL SDA START STOP LOGIC SERIAL CONTROL LOGIC WRITE PROTECT CIRCUITRY LOAD DEVICE ADDRESS COMPARATOR A2 A1 A0 COMP LOAD INC
X DEC
EN
H.V. PUMP/TIMING
DATA RECOVERY
SOFTWARE WRITE PROTECTED AREA (00H - 7FH)
R/W
DATA WORD ADDR/COUNTER
EEPROM
Y DEC
SERIAL MUX
DIN
DOUT/ACK LOGIC DOUT
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is opendrain driven and may be wire-ORed with any number of other open-drain or open collector devices. DEVICE/PAGE ADDRESSES (A2, A1, A0): The A2, A1, and A0 pins are device address inputs that are hardwired (directly to GND or to Vcc) for compatibility with other AT24Cxx devices. When the pins are hardwired, as many as eight 2K devices may be addressed on a single bus system. (Device addressing is discussed in detail under "Device Addressing," page 9.) A device is selected when a corresponding hardware and software match is true. If these pins are left floating, the A2, A1, and A0 pins will be internally pulled down to GND. However, due to capaci-
2
AT34C02C
5242B-SEEPR-01/09
AT34C02C
tive coupling that may appear during customer applications, Atmel recommends always connecting the address pins to a known state. When using a pull-up resistor, Atmel recommends using 10k or less. WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write operations. When WP is connected directly to Vcc, all write operations to the memory are inhibited. If the pin is left floating, the WP pin will be internally pulled down to GND. However, due to capacitive coupling that may appear during customer applications, Atmel recommends always connecting the WP pins to a known state. When using a pull-up resistor, Atmel recommends using 10k or less.
Table 2. AT34C02C Write Protection Modes
WP Pin Status VCC GND or Floating GND or Floating GND or Floating Permanent Write Protect Register - Not Programmed Programmed - Reversible Write Protect Register - Not Programmed - Programmed Part of the Array Write Protected Full Array (2K) Normal Read/Write First-Half of Array (1K: 00H - 7FH) First-Half of Array (1K: 00H - 7FH)
Table 3. Pin Capacitance(1) Applicable over recommended operating range from TA = 25C, f = 400 kHz, VCC = +2.5V
Symbol CI/O CIN Note: Test Condition Input/Output Capacitance (SDA) Input Capacitance (A0, A1, A2, SCL) 1. This parameter is characterized and is not 100% tested. Max 8 6 Units pF pF Conditions VI/O = 0V VIN = 0V
Table 4. DC Characteristics Applicable over recommended operating range from: TA = -40C to +125C, VCC = +2.5V to +5.5V, (unless otherwise noted)
Symbol VCC ICC ICC ISB2 ISB3 ILI ILO VIL VIH VOL Note: Parameter Supply Voltage Supply Current VCC = 5.0V Supply Current VCC = 5.0V Standby Current VCC = 2.5V Standby Current VCC = 5.0V Input Leakage Current Output Leakage Current Input Low Level(1) Input High Level
(1)
Test Condition
Min 2.5
Typ
Max 5.5
Units V mA mA A A A A V V V
READ at 100 kHz WRITE at 100 kHz VIN = VCC or VSS VIN = VCC or VSS VIN = VCC or VSS VOUT = VCC or VSS
0.4 2.0 1.6 8.0 0.10 0.05
1.0 3.0 4.0 18.0 3.0 3.0 VCC x 0.3 VCC + 0.5 0.4
-0.6
VCC x 0.7
Output Low Level VCC = 2.5V IOL = 3.0 mA 1. VIL min and VIH max are reference only and are not tested.
3
5242B-SEEPR-01/09
Table 5. AC Characteristics Applicable over recommended operating range from TA = -40C to +125C, VCC = +2.5V to +5.5V, CL = 1 TTL Gate and 100 pF (unless otherwise noted)
AT34C02C Symbol fSCL tLOW tHIGH tI tAA tBUF tHD.STA tSU.STA tHD.DAT tSU.DAT tR tF tSU.STO tDH tWR Endurance(1) Note: Parameter Clock Frequency, SCL Clock Pulse Width Low Clock Pulse Width High Noise Suppression Time
(1)
Min
Max 400
Units kHz s s
1.2 0.6 50 0.1 1.2 0.6 0.6 0 100 300 300 0.6 50 5 1M 0.9
ns s s s s s ns ns ns s ns ms Write Cycles
Clock Low to Data Out Valid Time the bus must be free before a new transmission can start(1) Start Hold Time Start Set-up Time Data In Hold Time Data In Set-up Time Inputs Rise Time Inputs Fall Time
(1)
(1)
Stop Set-up Time Data Out Hold Time Write Cycle Time 25C, Page Mode
1. This parameter is ensured by characterization only.
Memory Organization Device Operation
AT34C02C, 2K Serial EEPROM: The 2K is internally organized with 16 pages of 16 bytes each. Random word addressing requires a 8-bit data word address.
CLOCK and DATA TRANSITIONS: The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only during SCL low time periods (see Figure 4 on page 6). Data changes during SCL high periods will indicate a start or stop condition as defined below. START CONDITION: A high-to-low transition of SDA with SCL high is a start condition which must precede any other command (see Figure 5 on page 6). STOP CONDITION: A low-to-high transition of SDA with SCL high is a stop condition. After a read sequence, the stop command will place the EEPROM in a standby power mode (see Figure 5 on page 6). ACKNOWLEDGE: All addresses and data words are serially transmitted to and from the EEPROM in 8-bit words. The EEPROM sends a zero to acknowledge that it has received each word. This happens during the ninth clock cycle.
4
AT34C02C
5242B-SEEPR-01/09
AT34C02C
STANDBY MODE: The AT34C02C features a low-power standby mode which is enabled: (a) upon power-up or (b) after the receipt of the STOP bit and the completion of any internal operations. 2-WIRE SOFTWARE RESET: After an interruption in protocol, power loss or system reset, any 2-wire part can be protocol reset by following these steps (a) Create a start bit condition, (b) Clock 9 cycles, (c) Create another start bit followed by a stop bit condition as shown below. The device is ready for next communication after above steps have been completed.
Start Bit
Dummy Clock Cycles
Start Bit
Stop Bit
SCL
1
2
3
8
9
SDA
Figure 2. Bus Timing SCL: Serial Clock SDA: Serial Data I/O
Figure 3. Write Cycle Timing SCL: Serial Clock SDA: Serial Data I/O
SCL
SDA
8th BIT WORDn
ACK
twr
(1)
STOP CONDITION
START CONDITION
Note:
1. The write cycle time tWR is the time from a valid stop condition of a write sequence to the end of the internal clear/write cycle.
5
5242B-SEEPR-01/09
Figure 4. Data Validity
Figure 5. Start and Stop Condition
Figure 6. Output Acknowledge
Device Addressing
The 2K EEPROM device requires an 8-bit device address word following a start condition to enable the chip for a read or write operation (see Figure 10 on page 11).
6
AT34C02C
5242B-SEEPR-01/09
AT34C02C
The device address word consists of a mandatory one-zero sequence for the first four most-significant bits (1010) for normal read and write operations and 0110 for writing to the write protect register. The next 3 bits are the A2, A1 and A0 device address bits for the AT34C02C EEPROM. These 3 bits must compare to their corresponding hard-wired input pins. The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if this bit is high and a write operation is initiated if this bit is low. Upon a compare of the device address, the EEPROM will output a zero. If a compare is not made, the chip will return to a standby state. The device will not acknowledge if the write protect register has been programmed and the control code is 0110.
Write Operations
BYTE WRITE: A write operation requires an 8-bit data word address following the device address word and acknowledgment. Upon receipt of this address, the EEPROM will again respond with a zero and then clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a zero and the addressing device, such as a microcontroller, must terminate the write sequence with a stop condition. At this time the EEPROM enters an internally-timed write cycle, tWR, to the nonvolatile memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is complete (see Figure 11 on page 12). The device will acknowledge a write command, but not write the data, if the software or hardware write protection has been enabled. The write cycle time must be observed even when the write protection is enabled. PAGE WRITE: The 2K device is capable of 16-byte page write. A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data word, the microcontroller can transmit up to fifteen more data words. The EEPROM will respond with a zero after each data word received. The microcontroller must terminate the page write sequence with a stop condition (see Figure 12 on page 12). The data word address lower four bits are internally incremented following the receipt of each data word. The higher data word address bits are not incremented, retaining the memory page row location. When the word address, internally generated, reaches the page boundary, the following byte is placed at the beginning of the same page. If more than sixteen data words are transmitted to the EEPROM, the data word address will "roll over" and previous data will be overwritten. The address "roll over" during write is from the last byte of the current page to the first byte of the same page. The device will acknowledge a write command, but not write the data, if the software or hardware write protection has been enabled. The write cycle time must be observed even when the write protection is enabled. ACKNOWLEDGE POLLING: Once the internally-timed write cycle has started and the EEPROM inputs are disabled, acknowledge polling can be initiated. This involves sending a start condition followed by the device address word. The read/write bit is representative of the operation desired. Only if the internal write cycle has completed will the EEPROM respond with a zero allowing the read or write sequence to continue.
Write Protection
The software write protection, once enabled, write protects only the first-half of the array (00H 7FH) while the hardware write protection, via the WP pin, is used to protect the entire array.
7
5242B-SEEPR-01/09
PERMANENT SOFTWARE WRITE PROTECTION: The software write protection is enabled by sending a command, similar to a normal write command, to the device which programs the permanent write protect register. This must be done with the WP pin low. The write protect register is programmed by sending a write command with the device address of 0110 instead of 1010 with the address and data bit being don't cares (see Figure 7 on page 8). Once the software write protection has been enabled, the device will no longer acknowledge the 0110 control byte. The software write protection cannot be reversed even if the device is powered down. The write cycle time must be observed. REVERSIBLE SOFTWARE WRITE PROTECTION: The reversible software write protection is enabled by sending a command, similar to a normal write command, to the device which programs the reversible write protect register. This must be done with the WP pin low. The write protect register is programmed by sending a write command 01100010 with pins A2 and A1 tied to ground or don't connect and pin A0 connected to VHV (see Figure 8). The reversible write protection can be reversed by sending a command 01100110 with pin A2 tied to ground or no connect, pin A1 tied to VCC and pin A0 tied to VHV (see Figure 9). HARDWARE WRITE PROTECTION: The WP pin can be connected to VCC, GND, or left floating. Connecting the WP pin to VCC will write protect the entire array, regardless of whether or not the software write protection has been enabled. The software write protection register cannot be programmed when the WP pin is connected to VCC. If the WP pin is connected to GND or left floating, the write protection mode is determined by the status of the software write protect register. Figure 7. Setting Permanent Write Protect Register (PSWP)
S T A R T SDA LINE CONTROL BYTE WORD ADDRESS DATA S T O P
0 1 1 0 A2 A1 A0 0 A C K A C K A C K
= Don't Care
Figure 8. Setting Reversible Write Protect Register (RSWP)
S T A R T SDA LINE CONTROL BYTE WORD ADDRESS DATA S T O P
01100010 A C K A C K A C K
= Don't Care
Figure 9. Clearing Reversible Write Protect Register (RSWP)
S T A R T SDA LINE CONTROL BYTE WORD ADDRESS DATA S T O P
01100110 A C K A C K A C K
= Don't Care
8
AT34C02C
5242B-SEEPR-01/09
AT34C02C
Table 6. Write Protection
Pin Command Set PSWP Set RSWP Clear RSWP A2 A2 0 0 A1 A1 0 1 A0 A0 VHV VHV B7 0 0 0 B6 1 1 1 B5 1 1 1
Preamble B4 0 0 0 B3 A2 0 0 B2 A1 0 1 B1 A0 1 1
RW B0 0 0 0
Table 7. VHV
Min VHV Note: 7 VHV - VCC > 4.8V
Max 10
Units V
Table 8. WP Connected to GND or Floating
WP Connected to GND or Floating
Permanent Write Protect Register PSWP X Programmed X Not Programmed Reversible Write Protect Register RSWP X X Programmed Not Programmed Acknowledgment from Device ACK ACK ACK ACK Can write to second Half (80H - FFH) only Can write to second Half (80H - FFH) only Can write to full array
Command 1010 1010 1010 1010
R/W Bit R W W W
Action from Device
Read PSWP Read PSWP Set PSWP Set PSWP
R R W W
Programmed Not Programmed Programmed Not Programmed
X X X X
No ACK ACK No ACK ACK
STOP - Indicates permanent write protect register is programmed Read out data don't care. Indicates PSWP register is not programmed STOP - Indicates permanent write protect register is programmed Program permanent write protect register (irreversible)
Read RSWP Read RSWP Set RSWP
R R W
X X X
Programmed Not Programmed Programmed
No ACK ACK No ACK
STOP - Indicates reversible write protect register is programmed Read out data don't care. Indicates RSWP register is not programmed STOP - Indicates reversible write protect register is programmed
9
5242B-SEEPR-01/09
WP Connected to GND or Floating
Set RSWP Clear RSWP Clear RSWP W W W X Programmed Not Programmed Not Programmed X X ACK No ACK ACK Program reversible write protect register (reversible) STOP - Indicates permanent write protect register is programmed Clear (unprogram) reversible write protect register (reversible)
Table 9. WP Connected to Vcc
WP Connected to Vcc
Permanent Write Protect Register PSWP X X Reversible Write Protect Register RSWP X X Acknowledgment from Device ACK ACK
Command 1010 1010
R/W Bit R W
Action from Device Read array Device Write Protect
Read PSWP Read PSWP Set PSWP Set PSWP
R R W W
Programmed Not Programmed Programmed Not Programmed
X X X X
No ACK ACK No ACK ACK
STOP - Indicates permanent write protect register is programmed Read out data don't care. Indicates PSWP register is not programmed STOP - Indicates permanent write protect register is programmed Cannot program write protect registers
Read RSWP Read RSWP Set RSWP Set RSWP Clear RSWP Clear RSWP
R R W W W W
X X X X Programmed Not Programmed
Programmed Not Programmed Programmed Not Programmed X X
No ACK ACK No ACK ACK No ACK ACK
STOP - Indicates reversible write protect register is programmed Read out data don't care. Indicates RSWP register is not programmed STOP - Indicates reversible write protect register is programmed Cannot program write protect registers STOP - Indicates permanent write protect register is programmed Cannot write to write protect registers
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in the device address word is set to one. There are three read operations: current address read, random address read and sequential read. CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during the last read or write operation, incremented by one. This address stays valid between operations as long as the chip power is maintained. The address "roll over" during read is from the last byte of the last memory page to the first byte of the first page.
10
AT34C02C
5242B-SEEPR-01/09
AT34C02C
Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM, the current address data word is serially clocked out. To end the command, the microcontroller does not respond with an input zero but does generate a following stop condition (see Figure 13 on page 12). RANDOM READ: A random read requires a "dummy" byte write sequence to load in the data word address. Once the device address word and data word address are clocked in and acknowledged by the EEPROM, the microcontroller must generate another start condition. The microcontroller now initiates a current address read by sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and serially clocks out the data word. To end the command, the microcontroller does not respond with a zero but does generate a following stop condition (see Figure 14 on page 12). SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read. After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives an acknowledge, it will continue to increment the data word address and serially clock out sequential data words. When the memory address limit is reached, the data word address will "roll over" and the sequential read will continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but does generate a following stop condition (see Figure 15 on page 13). PERMANENT WRITE PROTECT REGISTER (PSWP) STATUS: To find out if the register has been programmed, the same procedure is used as to program the register except that the R/W bit is set to 1. If the device sends an acknowledge, then the permanent write protect register has not been programmed. Otherwise, it has been programmed and the device is permanently write protected at the first half of the array. Table 10. PSWP Status
Pin Command Read PSWP A2 A2 A1 A1 A0 A0 B7 0 B6 1 B5 1
Preamble B4 0 B3 A2 B2 A1 B1 A0
RW B0 1
REVERSIBLE WRITE PROTECT REGISTER(RSWP) STATUS: To find out if the register has been programmed, the same procedure is used as to program the register except that the R/W bit is set to 1. If the sends an device acknowledge, then the reversible write protect register has not been programmed. Otherwise, it has been programmed and the device is write protected (reversible) at the first half of the array. Figure 10. Device Address
11
5242B-SEEPR-01/09
Figure 11. Byte Write
Figure 12. Page Write
Figure 13. Current Address Read
Figure 14. Random Read
12
AT34C02C
5242B-SEEPR-01/09
AT34C02C
Figure 15. Sequential Read
13
5242B-SEEPR-01/09
AT34C02C Ordering Information
Ordering Code AT34C02CN-SP25-B AT34C02CN-SP25-T(2) (NiPdAu Lead Finish) AT34C02C-TP25-B(1) (NiPdAu Lead Finish) AT34C02C-TP25-T(2) (NiPdAu Lead Finish) Notes:
(1) (NiPdAu Lead Finish)
Package 8S1 8S1 8A2 8A2
Operation Range Lead-free/Halogen-free/NiPdAu Lead Finish Automotive Temperature (-40C to125C)
1. "-B" denotes bulk. 2. "-T" denotes tape and reel. SOIC = 4K per reel; TSSOP = 5K per reel.
Package Type 8S1 8A2 8-lead, 0.150" Wide, Plastic Gull Wing Small Outline Package (JEDEC SOIC) 8-lead, 0.170" Wide, Thin Shrink Small Outline Package (TSSOP) Options -2.5 Low Voltage (2.5V to 5.5V)
14
AT34C02C
5242B-SEEPR-01/09
AT34C02C
Packaging Information
8S1 - JEDEC SOIC
C
1
E
E1
N
L
Top View End View
e B A
SYMBOL COMMON DIMENSIONS (Unit of Measure = mm) MIN 1.35 0.10 0.31 0.17 4.80 3.81 5.79 NOM - - - - - - - 1.27 BSC 0.40 0 - - 1.27 8 MAX 1.75 0.25 0.51 0.25 5.00 3.99 6.20 NOTE
A1
A A1 b C
D
D E1 E
Side View
e L
Note: These drawings are for general information only. Refer to JEDEC Drawing MS-012, Variation AA for proper dimensions, tolerances, datums, etc.
10/7/03 1150 E. Cheyenne Mtn. Blvd. Colorado Springs, CO 80906 TITLE 8S1, 8-lead (0.150" Wide Body), Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. 8S1 REV. B
R
15
5242B-SEEPR-01/09
8A2 - TSSOP
3 21
Pin 1 indicator this corner
E1
E
L1
N L
Top View
End View
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL MIN 2.90 NOM 3.00 6.40 BSC 4.30 - 0.80 0.19 4.40 - 1.00 - 0.65 BSC 0.45 0.60 1.00 REF 0.75 4.50 1.20 1.05 0.30 4 3, 5 MAX 3.10 NOTE 2, 5
b
A
D E E1 A
e D
A2
A2 b e
Side View
L L1
Notes:
1. This drawing is for general information only. Refer to JEDEC Drawing MO-153, Variation AA, for proper dimensions, tolerances, datums, etc. 2. Dimension D does not include mold Flash, protrusions or gate burrs. Mold Flash, protrusions and gate burrs shall not exceed 0.15 mm (0.006 in) per side. 3. Dimension E1 does not include inter-lead Flash or protrusions. Inter-lead Flash and protrusions shall not exceed 0.25 mm (0.010 in) per side. 4. Dimension b does not include Dambar protrusion. Allowable Dambar protrusion shall be 0.08 mm total in excess of the b dimension at maximum material condition. Dambar cannot be located on the lower radius of the foot. Minimum space between protrusion and adjacent lead is 0.07 mm. 5. Dimension D and E1 to be determined at Datum Plane H. 5/30/02
R
2325 Orchard Parkway San Jose, CA 95131
TITLE 8A2, 8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
DRAWING NO. 8A2
REV. B
16
AT34C02C
5242B-SEEPR-01/09
AT34C02C
Revision History
Revision 5242B
Date 1/2009
Comments Removed Preliminary status.
17
5242B-SEEPR-01/09
Headquarters
Atmel Corporation 2325 Orchard Parkway San Jose, CA 95131 USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
International
Atmel Asia Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369 Atmel Europe Le Krebs 8, Rue Jean-Pierre Timbaud BP 309 78054 Saint-Quentin-enYvelines Cedex France Tel: (33) 1-30-60-70-00 Fax: (33) 1-30-60-71-11 Atmel Japan 9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Product Contact
Web Site www.atmel.com Technical Support s_eeprom@atmel.com Sales Contact www.atmel.com/contacts
Literature Requests www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c)2009 Atmel Corporation. All rights reserved. Atmel(R), Atmel logo and combinations thereof, are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
5242B-SEEPR-01/09


▲Up To Search▲   

 
Price & Availability of AT34C02CN-SP25-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X