Part Number Hot Search : 
DB101 OMT222 TL431 SPLLL15 G12N60 BZX84C33 1N331 010B90N3
Product Description
Full Text Search
 

To Download ARK-3360L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARK-3360L
NEW
High Performance Mobile Intel(R) ATOM N450/D510 Fanless Solution with Dual Display and Multiple I/O Features
Fanless, Intel(R) ATOM N450/D510 1.67Ghz Compact Embedded Box IPC MiniPCIe expansion for communication module, i.e. HSDPA, WLAN Dual display and support for wide screen with high resolution ARK-3360L : Supports up to 2 x GbE, 6 x USB 2.0 and 4 x COMs ports Serial port support RS-485 auto flow control Easy integration, easy maintenance, and wide input voltage range IP40
Specifications
Processor System CPU Max. speed System Chipset Front Side Bus BIOS Technology Max. Capacity Socket Chipset Interface LAN 1 LAN 2 LAN3 Amplifier Interface Serial Interface USB Interface Digital I/O GPS Thermal alarm Watchdog timer MiniPCI MiniPCIe HDD SSD Microsoft Windows Linux Power Type Power Input Votage Minimum Power Input Power Adapter Typical Max. Construction Mounting Dimensions (W x H x D) Weight Operating Temperature Storage Temperature Relative Humidity Environment Vibration Loading During Operation Shock During Operation EMC Safety Certifications ARK-3360L-N4A1E/ARK-3360L-D5A1E Intel(R) ATOM N450/D510 1.67 GHz IntelTM Pineview-M + ICH8-M Chipset 667 MHz AMI 16 Mbit DDR2 667 MHz 2 GB 1 x 200-pin SODIMM Integrated graphics built in Intel(R) 3.5 generation CRT Interface 18-bit LVDS interface (Optional) 10/100/1000 Mbps Ethernet controller, support Wake On LAN 10/100/1000 Mbps Ethernet controller, support Wake On LAN Line-in, Line-out, Mic-in 3 x RS-232 port, 1 x RS-232/422/485 port 6 x USB ports, Compliant with USB 2.0 8-Bits DIO 255 levels timer interval, setup by software 1 x Mini PCIe Supports drive bay space for 1 x SATA 2.5" HDD Supports CompactFlash socket for type I/II CompactFlash disk Vista, XP Professional, XP Embedded Fedora 9.0 AT/ATX 12V 12V, 1.12A AC to DC, DC 12V/3.0A, 36W (Optional) TBD TBD Aluminum housing Desk/wall-mounting 264.5 mm x 69.2 mm x 137.25 mm (10.41" x 2.72" x 5.4") 2 kg (4.4 lb) With Industrial Grade CompactFlash disk: -20 ~ 60 C (-4 ~ 140F) With 2.5-inch hard disk 0 to 45 C (32 ~ 112 F) , with air flow -40 ~ 85 C (-40 ~ 185F) 95% @ 40 C (non-condensing) With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis. With 2.5-inch hard disk: 1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis. With CompactFlash disk: 50 G, IEC 60068-2-27, half sine, 11 ms duration With hard disk: 20 G, IEC 60068-2-27, half sine, 11 ms duration CE/FCC Class A, CCC, BSMI UL, CCC, BSMI
Memory
Graphics
Ethernet Audio IO interface Others Expansion Storage Software support Power requirement Power consumption Mechanical
All product specifications are subject to change without notice
Last updated : 27-Jan-2010
ARK-3360L
5.00 [.197] 68.63 [2.702] 31.38 [1.235] 14.00 [.551] 10.00 [.394] 137.25 [5.404]
0 4.0 57] .1 [
Dimensions
Unit: mm
69.00 [2.717] 69.20 [2.724] 8.00 [0.315] 4.00 [0.158]
119.51 [4.705] 125.76 [4.951] 252.50 [9.941]
5.00 [0.197] 10.00 [0.394] 14.00 [0.552]
0.197 ] 4.00 [ 0.158] 15] [ 0.3 4.00 8.00 [0.158]
5.00 [
ARK-3360L External I/O Mechanical Layout/Drawing
DIO USB2 USB3
USB2
Ordering Information
Part Number ARK-3360L-N4A1E ARK-3360L-D5A1E
HDD LED
USB4 USB5
USB4
PWR LED
DIO
USB3
USB5
PWR
HDD
Description Intel Atom N450 1.67 GHz Compact Embedded Box IPC, w/ 2 x GbE, 6 x USB 2.0, 4 x COM, 1x MiniCPIe, VGA, DIO, Audio Intel Atom D510 1.67 GHz Compact Embedded Box IPC, w/ 2 x GbE, 6 x USB 2.0, 4 x COM, 1x MiniCPIe, VGA, DIO, Audio
LVDS
BACKLIGHT
Optional Items
Part Number
COM4 COM3
Rear
LINE-IN MIC LINE-OUT COM 2
1757002942 1700008921 170203180A 170203183C 1700001524
12V
MIC
LINE-IN LINE-OUT LAN1 LAN2
COM 2
COM 3
COM 4
Description Adapter AC 90-264V 36W/12V W/ PFC FSP036-RAB For ARK-3360L POWER CORD 3P/3P POWER SUPPLY 1.8M ARK-5280 PSE Power cable 3P 183 cm UK type for LE-9702B-01 Ad Power CABLE 3P Europe (WS-010+083) 183 cm POWER CABLE 3P/3P POWER SUPPLY 1.8M FPM-306
USB0 USB1 CF CARD
COM 1
VGA
Mbedded OS
Part Number Description
USB0 LAN1 LAN2 COM1 USB1 CF CARD
VGA
Power Input
Front
Packing List
Part Number Description 1 x ARK-3360 Unit 1 x User Manual (Simplified Chinese) 1 x Utility CD
Online Download www.advantech.com/products
137.25 [5.404]


▲Up To Search▲   

 
Price & Availability of ARK-3360L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X