Part Number Hot Search : 
XFTPR ASP11TNV 2SC1970 BCM207 BLM41P UM7010 MBRF50 BGU8052
Product Description
Full Text Search
 

To Download ARK-3360 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ARK-3360
NEW
High Performance Mobile Intel(R) ATOM N450 Fanless Solution with Dual Display and Multiple I/O Features
Fanless, Intel(R) ATOM N450 1.67Ghz Compact Embedded Box IPC MiniPCIe/MiniPCI expansion for communication module, i.e. HSDPA, WLAN Dual display and support for wide screen with high resolution Supports up to 3 x GbE, 6 x USB 2.0 and max to 6 x COMs ports Serial port support RS-485 auto flow control and isolation (up to 7.5Kv) Easy integration, easy maintenance, and wide input voltage range IP40
Specifications
Processor System CPU Max. speed System Chipset Front Side Bus BIOS Technology Max. Capacity Socket Chipset Interface LAN 1 LAN 2 LAN3 Amplifier Interface Serial Interface USB Interface Digital I/O GPS Thermal alarm Watchdog timer MiniPCI MiniPCIe HDD SSD Microsoft Windows Linux Power Type Power Input Votage Minimum Power Input Power Adapter Typical Max. Construction Mounting Dimensions (W x H x D) Weight Operating Temperature Storage Temperature Relative Humidity Environment Vibration Loading During Operation Shock During Operation EMC Safety Certifications ARK-3360L-S6A1E Intel(R) ATOM N450 1.67 GHz IntelTM Pineview-M + ICH8-M Chipset 667 MHz AMI 16 Mbit DDR2 667 MHz 2 GB 1 x 200-pin SODIMM Integrated graphics built in Intel(R) 3.5 generation CRT Interface 36-bit LVDS interface(Optional) 10/100/1000 Mbps Ethernet controller, support Wake On LAN 10/100/1000 Mbps Ethernet controller, support Wake On LAN Line-in, Line-out, Mic-in 3 x RS-232 port, 1 x RS-232/422/485 port ARK-3360F-S6A1E
Memory
Graphics
Ethernet Audio IO interface
10/100/1000 Mbps Ethernet controller, support Wake On LAN
Others Expansion Storage Software support Power requirement Power consumption Mechanical
1 x RS-232, 3 x RS-232/422/485, 2 x RS-422/485 with 7.5Kv isolation protection & auto flow control 6 x USB ports, Compliant with USB 2.0 8-Bits DIO 255 levels timer interval, setup by software 255 levels timer interval, setup by software 1 x MiniPCI 1 x Mini PCIe 1 x MiniPCIe Supports drive bay space for 1 x SATA 2.5" HDD Supports CompactFlash socket for type I/II CompactFlash disk Vista, XP Professional, XP Embedded Fedora 9.0 AT/ATX AT/ATX 12V 12 VDC ~ 24 VDC 12V, 1.12A 12V-24V, 3.0A-1.5A AC to DC, DC 12V/3.0A, 36W (Optional) AC to DC, DC19V/3.42A, 65W(Optional) TBD TBD Aluminum housing Desk/wall-mounting 264.5 mm x 69.2 mm x 137.25 mm (10.41" x 2.72" x 5.4") 2 kg (4.4 lb) With Industrial Grade CompactFlash disk: 0 ~ 60 C (32 ~ 140F) With 2.5-inch extended temperature hard disk 0 to 45 C (32 ~ 112 F) , with air flow -40 ~ 85 C (-40 ~ 185F) 95% @ 40 C (non-condensing) With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis. With 2.5-inch hard disk: 1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis. With CompactFlash disk: 50 G, IEC 60068-2-27, half sine, 11 ms duration With hard disk: 20 G, IEC 60068-2-27, half sine, 11 ms duration CE/FCC Class A, CCC, BSMI UL, CCC, BSMI
All product specifications are subject to change without notice
Last updated : 20-Nov-2009
ARK-3360
5.00 [.197] 68.63 [2.702] 31.38 [1.235] 14.00 [.551] 10.00 [.394] 137.25 [5.404]
0 4.0 57] .1 [
Dimensions
Unit: mm
69.00 [2.717] 69.20 [2.724] 8.00 [0.315] 4.00 [0.158]
119.51 [4.705] 125.76 [4.951] 252.50 [9.941]
ARK-3360L External I/O Mechanical Layout/Drawing
MIC LINE-IN LINE-OUT LAN1 LAN2 COM2 COM3 COM 4
5.00 [0.197] 10.00 [0.394] 14.00 [0.552]
0.197 ] 4.00 [ 0.158] 15] [ 0.3 4.00 8.00 [0.158]
5.00 [
ARK-3360F External I/O Mechanical Layout/Drawing
Rear
Rear
12V
USB0 USB1 CF CARD
COM1
VGA
USB2
USB4
Front
DIO
USB3
USB5
PWR
HDD
Front
LVDS
BACKLIGHT
Packing List
Part Number 1700009001 Description 1 x ARK-3360 Unit 1 x 2-pin Phoenix DC power connector 1 x User Manual (Simplified Chinese) 1 x Utility CD
Optional Items
Part Number 1757000222 1700001947 1700001948 1700001949 1757002942 1700008921 170203180A 170203183C 1700001524 Description AC-to-DC Adapter, DC19 V/3.42 A 65 W, with Phoenix Power Plug, 0 ~ 40 C for Home and Office Use Power cable 2-pin 180 cm, USA for ARK-338X Power cable 2-pin 180 cm, Europe for ARK-338X Power cable 2-pin 180 cm, UK for ARK-338X Adapter AC 90-264V 36W/12V W/ PFC FSP036-RAB For ARK-3360L POWER CORD 3P/3P POWER SUPPLY 1.8M ARK-5280 PSE Power cable 3P 183 cm UK type for LE-9702B-01 Ad Power CABLE 3P Europe (WS-010+083) 183 cm POWER CABLE 3P/3P POWER SUPPLY 1.8M FPM-306
Ordering Information
Part Number ARK-3360F-S6A1E ARK-3360L-S6A1E Description Intel ATOm N450 1.67 GHz Compact Embedded Box IPC, w/ 3 x GbE, 6 x USB 2.0, 6 x COM, 1x MiniPCIe, 1 x MiniPCI, VGA, DIO, Audio Intel ATOm N450 1.67 GHz Compact Embedded Box IPC, w/ 2 x GbE, 6 x USB 2.0, 4 x COM, 1x MiniCPIe, VGA, DIO, Audio
Mbedded OS
Part Number Description
Online Download www.advantech.com/products
137.25 [5.404]


▲Up To Search▲   

 
Price & Availability of ARK-3360

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X