Part Number Hot Search : 
74AC1 IFC125 ISL6571 SBR20 8069X P0403 LT8362 RT500
Product Description
Full Text Search
 

To Download ACE504AADJAMA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 
Technology Description
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
ACE504A series are positive voltage regulator IC fabricated by high voltage EPNP process. The ACE504A has features of wide input voltage range and high accuracy, high ripple rejection, low dropout voltage, low noise, current limit and ultra-low quiescent current which make them ideal for use in various USB and portable device. The IC consists of a voltage reference, an error amplifier, a resistor network for setting output voltage, a current limit circuit for current protection, and a chip enable circuit. ACE504A has adjustable, 1.8V,3.3V,5.0V fixed voltage versions. The ACE504A is available in space saving SOT-23-5 an SOT-89-3 packages.
Features
* * * * * * * * * * * *
Wide Input Voltage Range: 2.3V to 24V Wide Output Voltage Range: 1.24V to 22V Excellent Ripple Rejection: 60dB@ f=1kHz Low Dropout Voltage: VDROP=100mV@IOUT=100A Low Ground Current High Output Voltage Accuracy Compatible with Low ESR Ceramic Capacitor Excellent Line/ Load Regulation Thermal Shutdown Function
Application
Battery Powered equipment Laptop, Palmtops, Notebook Computers Portable Information Appliances
Absolute Maximum Ratings
Parameter Supply Input voltage Enable Input Voltage Output Current Lead Temperature (Soldering, 10sec) Operating Junction Temperature ESD (Machine Mode) ESD (Human Body Mode) Storage Temperature Range Thermal Resistance (No Heatsink) Symbol VIN VCE IOUT TLEAD TJ Max 38 38 250 260 150 275 2000 -60 to 150 SOT-23-5 250 SOT-89-3 165 Unit V V mA V V /W
TLEAD JA
Note 1: Stressed greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under " Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
VER 1.2
1

Technology Packaging Type
SOT-89-3 SOT-23-5
5 4
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
1
2
3
1
2
3
Pin VIN GND VOUT EN ADJ/NC
SOT-89-3(A) SOT-89-3(B) SOT-23-5 2 1 3 1 2 3 1 2 5 3 4
Function Input voltage Grand Regulated output voltage Enable input Adjust output for ADJ version/No connected for fixed version
Pin Description
Selection Guide ACE504A XX XX + Pb - free AMA : SOT-89-3 (A) AMB : SOT-89-3 (B) BN: SOT-23-5 Output Voltage 1.8V/3.3V/5.0V/ADJ
VER 1.2
2

Technology Block Diagram
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
A(B) A for SOT-23-5 B for SOT-89
Fixed Output Voltage
For SOT-23-5 Adjustable Output Voltage Functional Block Diagram of ACE504A
Recommended Work Conditions
Item Symbol Min Max Unit Supply Input Voltage VIN 2.3 24 V Operating Ambient Temperature TA -40 125
VER 1.2
3

Technology Electrical Characteristics
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
VIN=VOUT+1V, TA=25,IOUT=100A,CIN=1.0F,COUT=2.2F, Bold typeface applies over -40TJ125, unless otherwise specified.
Parameter Output Voltage Reference Voltage Input Voltage Output Current (Max.) Line Regulation Load Regulation Dropout Voltage
Symbol VOUT VREF VIN IOUT(max) VOUT/VIN VOUT/VOUT
Conditions Variation from specified VOUT
Min VOUT*98% 1.215
Typ
Max VOUT*102%
Units V V V mA % %
1.24
1.265 24
VIN-VOUT=1V VOUT=98%*VOUT VOUT+1VVIN24V 1mAIOUT150mA IOUT=100A IOUT=50mA IOUT=100mA IOUT=150mA IOUT=100A IOUT=50mA IOUT=100mA IOUT=150mA VIN=VOUT+1V VEN in OFF mode f=100Hz Ripple 0.5VP-P f=1kHz VIN=VOUT+1V IOUT=100A, -40TJ125 TA=25, 10Hzf100kHz CE Input Voltage "High" CE Input Voltage "Low" SOT-23-5
150
200 0.05 0.5 100 270 320 360 50 0.5 1.3 2.5 0.01 60 60 150 350 460 500
VDROP
mV A mV
Ground Current Standby Current Power Supply Rejection Ration Output Voltage Temperature Coefficient RMS Output Noise CE "High" Voltage CE "Low" Voltage Thermal
IGND
ISTD
1.0
A
PSRR
dB
VOUT/(VOUT*T)
100
ppm/
VNOI
30 2.0 0.4 43
Vrms V V /W
VER 1.2 4

Technology
Resistance
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator SOT-89 27
Typical Performance Characteristics
ACE504A-ADJ
ACE504A-3.3V
Output Current (mA) Figure 1. Output Voltage vs. Output Current
Output Current (mA) Figure 2. Output Voltage vs. Output Current
ACE504A-ADJ
ACE504A-3.3V
Output Current (mA) Figure 3. Output Voltage vs. Output Current
Output Current (mA) Figure 4. Dropout Voltage vs. Output Current
VER 1.2
5

Technology
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
ACE504A-ADJ
ACE504A-ADJ
Output Current (mA) Figure 5. Dropout Voltage vs. Output Current
Case Temperature () Figure 6. Dropout Voltage vs. Case Temperature
ACE504A-ADJ ACE504A-ADJ
Input Voltage (V) Figure 7. Output Voltage vs. Input Voltage
Input Voltage (V) Figure 8. Output Voltage vs. Input Voltage
ACE504A-3.3V
ACE504A-3.3V
Case Temperature () Figure 9. Output Voltage vs. Case Temperature
Input Voltage (V) Figure 10. Supply Current vs. Input Voltage
VER 1.2
6

Technology
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
ACE504A-3.3V ACE504A-3.3V
Case Temperature () Figure 11. Supply Current vs. Case Temperature
Output Current (mA) Figure 12. Supply Current vs. Output Current
ACE504A-ADJ ACE504A-ADJ
Output Current (mA) Figure 13. Supply Current vs. Output Current
Enable Input Voltage (V) Figure 14. Enable Current vs. Enable Input Voltage
ACE504A-ADJ
ACE504A-3.3V
Case Temperature () Figure 15. Short Current vs. Case Temperature
Figure 16. Line Transient (Conditions:VIN=VEN=3.5V
to 8V,CIN=1.0F, COUT=2.2F,IOUT=1mA)
VER 1.2
7

Technology
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
ACE504A-ADJ
Figure 17. Line Transient
(Conditions:VIN=VEN=5V to 15V,CIN=1.0F,COUT=2.2F,IOUT=1mA)
Figure 18. Line Transient
(Conditions:VIN=VEN=5V,CIN=1.0F, COUT=2.2F, IOUT=1mA to 50mA)
ACE504A-ADJ
ACE504A-3.3V
Figure 19. Load Transient
(Conditions:VIN=5V,CIN=1.0F, COUT=2.2F,IOUT=1mA to 150mA)
Figure 20. PSRR vs. Frequency
(Conditions:VIN=5V and 20V,VPP=2V,IO=10mA)
VER 1.2
8

Technology Typical Application
ACE504A
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
ACE504A
ACE504A
VOUT=VREF(1+(R1/R2) Figure 24. Typical Application of ACE504A
VER 1.2
9

Technology Packing Information
SOT-89-3
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
10

Technology Packing Information
SOT-23-5
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
11

Technology
ACE504A
Wide Input Voltage Range, 150mA ULDO Regulator
Notes ACE does not assume any responsibility for use as critical components in life support devices or systems without the express written approval of the president and general counsel of ACE Electronics Co., LTD. As sued herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and shoes failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
ACE Technology Co., LTD. http://www.ace-ele.com/
VER 1.2
12


▲Up To Search▲   

 
Price & Availability of ACE504AADJAMA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X